Part Number Hot Search : 
NJM4556A 2N5962 OPE5T87 BF422 885026 1N3064 1N5546B FDD5N50
Product Description
Full Text Search
 

To Download LC96A1070-20R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
400mW 1060nm / 1070nm High Power Laser Diode Module LC96A10x0-20R
The Bookham LC96A10x0-20R high power single-mode laser module has been designed as light source for fiber laser applications. Processes and techniques of coupling the fiber to the laser allow high output powers that are very stable with both time and temperature. Devices are available with kink free output powers to 400mW. Features: * High output power, up to 400mW kink free * 1060nm or 1070nm wavelength * Polarization maintaining single-mode fiber pigtail * Internal thermoelectric heatpump and monitor photodiode * Hermetically sealed 14-pin butterfly package * RoHS compliant
Applications: * Fiber lasers * Pumping and printing applications
1
Data Sheet
Characteristics
Conditions unless otherwise stated: Case temperature Submount temperature Monitor diode bias CW operation -20 to +75C 25C -5 V
Parameter Threshold Current (Ith) Operating Power at 750mA Forward Voltage (Vf) Peak Wavelength (f ) LC96A1060-20R LC96A1070-20R Monitor Detector Responsivity Monitor Dark Current Thermistor Resistance (at 25C) Heatpump Current (T = 50C, If = If max) Heatpump Voltage (T = 50C, If = If max)
Min 10 350
Typ 40 400 2
Max 70
Unit mA mW
2.5
V
1055 1065 0.3
1060 1070 1.0
1065 1078
nm A/mW
10 9.5 10 10.5 1.5 3.0
nA k A V
Absolute Ratings
Parameter Storage Temperature Laser Forward Current (10s max) Laser Reverse Voltage Heatpump Current Lead Soldering Temperature (10s max) Fiber Bend Radius 30 Min -40 Max 85 1000 2 2.2 260 Unit C mA V A C mm
2
Data Sheet
Connections
Pin # 1 2 3 4 5 6 7 Description Peltier cooler (+) Thermistor Monitor anode (-) Monitor cathode (+) Thermistor Not connected Not connected Pin # 8 9 10 11 12 13 14 Description Not connected Not connected Laser anode (+) Laser cathode (-) Not connected Case ground Peltier cooler (-)
3
Data Sheet
RoHS Compliance
Bookham is fully committed to environment protection and sustainable development and has set in place a comprehensive program for removing polluting and hazardous substances from all of its products. The relevant evidence of RoHS compliance is held as part of our controlled documentation for each of our compliant products. RoHS compliance parts are available to order, please refer to the ordering information section for further details.
Ordering Information: LC96A1060-20R LC96A1070-20R 400mW 1060nm High Power Laser Diode Module 400mW 1070nm High Power Laser Diode Module
Contact Information
Bookham (Switzerland) AG
Binzstrasse 17 8045 Zurich Switzerland * Tel: +41 44 455 8787 * Fax:+41 44 455 8586
EMEA Sales Contact
Gunnar Stolze * Tel: +41 79 635 3777
ASIA Sales Contact
Patrick Lee * Tel: +852 9197 7014
North America Sales Contact
Michael Cutler * Tel: +1 678 763 0777
Japan Sales Contact
Japan Laser Corporation * Tel: +813 5285 0861
www.bookham.com highpower@bookham.com
Important Notice Performance figures, data and any illustrative material provided in this data sheet are typical and must be specifically confirmed in writing by Bookham before they become applicable to any particular order or contract. In accordance with the Bookham policy of continuous improvement specifications may change without notice. The publication of information in this data sheet does not imply freedom from patent or other protective rights of Bookham or others. Further details are available from any Bookham sales representative.
ISO 9001:2000 Certified
4
INVISIBLE LASER RADIATION AVOID EYE OR SKIN EXPOSURE TO DIRECT OR SCATTERED RADIATION CLASS 4 LASER PRODUCT Maximum power >500mW Wavelength >970nm REFERENCE IEC 60825-1 Edition 1.2
WAVELENGTH 1060-1070nm
FM 68159
This product complies with 21CFR 1040.10
BH12921 Rev 4.0 September 2007. (c)Bookham 2005. Bookham is a registered trademark of Bookham Inc.


▲Up To Search▲   

 
Price & Availability of LC96A1070-20R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X