Part Number Hot Search : 
1SMC40A TM100 2412SE IMP1812 TS971ID BAS16T EC6A23 D100N
Product Description
Full Text Search
 

To Download LAKW6330MEL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
AK
Snap-in Terminal Type, Permissible Abnormal Voltage, Wide Temperature Range
series
Withstanding 2000 hours application of rated ripple current at 105C. Extended voltage range at 200V, 400V and 420V. Improved safety features for abnormally excessive voltage. Ideally suited for the equipment used at voltage fluctuating area. Adapted to the RoHS directive (2002/95/EC).
AK
Smaller
AQ
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current tan Stability at Low Temperature - 25 ~ +105C
Performance Characteristics
200 * 400 * 420V 33 ~ 1200F 20% at 120Hz, 20C
3 CV (A) (After 5 minutes' application of rated voltage) [C : Rated Capacitance (F) V : Voltage (V)] 0.20MAX. 120Hz 20C
I
Rated voltage(V) Impedance ratio (MAX) Z - 25C/Z+20C
After an application of DC voltage (in the range of rated DC voltage even after over-lapping the specified ripple current) for 2000 hours at 105C, capacitors meet the characteristic requirements listed at right. After storing the capacitors under no load at 105C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the requirements listed at right.
200 8
400 * 420 8
Measurement frequency : 120Hz
Endurance
Capacitance change Within 20% of initial value tan 200% or less of initial specified value Leakage current Initial specified value or less Capacitance change Within 15% of initial value tan 150% or less of initial specified value Initial specified value or less Leakage current
Shelf Life
Safety Performance
The pressure relief vent will operate in normal conditions, with no dangerous conditions such as flames, ignitions or dispersion of pieces of the capacitor and/or case. rating test conditions Capacitance (F) Voltage (V) Limited DC current Test voltage 330 C < 330 4A 200 330 C < 470 5A 300VDC and 375VDC 470 C < 470 7A 330 C < 100 2A 400 100 C < 220 4A 500VDC and 600VDC 220 C < 470 7A 330 C < 100 2A 420 100 C < 220 520VDC and 630VDC 4A 220 C < 470 7A
Printed with white color letter on black sleeve
Marking
Drawing
Type numbering system (Example : 200V 680F)
Bottom plate (code ZB only)
fD +1MAX.
Polarity bar Sleeve (P.E.T.)
LAK 2D 6 8 1 MEL A 5 0
10
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Case length code Case dia. code Configuration fD Code 22 Z Capacitance tolerance (20%) 25 A Rated Capacitance (680F) 30 B Rated voltage (200V) 35 C Series name Type Bottom Plate ZB With Bottom Plate
L2 Pressure relief vent
code less Without Plate Bottom
4.00.5 0.8 +0.2 -0.1 4.00.5 2.5
10 0
.1
0.8 -0.
+0.21
2-2f0.1 (PC board hole dimensions)
Please contact to us if other configurations are required.
1.5+0.2 -0.1 (Terminal dimensions)
Minimum order quantity : 50pcs.
Dimension table in next page.
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
AK
Cap.(F)
series
Dimensions
V(Code)
Code
D
22
25
200V (2D) 30
35
33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 1200
330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 122 22 x 25 0.70 22 x 25 0.74 22 x 30 0.90 22 x 30 1.05 22 x 35 1.20 22 x 40 1.30 22 x 45 1.50 25 x 20 0.65 30 x 20 0.70 22 x 20 0.50 22 x 20 0.35
22 22 x 20 0.22 22 x 20 0.30 22 x 25 0.35 22 x 25 0.38 22 x 25 0.40 22 x 30 0.50 22 x 35 0.55 22 x 40 0.60 22 x 45 0.70 22 x 50 0.80
25
400V (2G) 30
35
22 22 x 25 0.25
25
420V (W6) 30
35
25 x 20 0.35 25 x 20 0.38 25 x 25 0.45 25 x 25 0.50 25 x 30 0.53 25 x 30 0.60 25 x 35 0.70 25 x 40 0.80 25 x 45 0.90
30 x 20 0.40
25 x 25 0.85 25 x 30 1.05 25 x 30 1.20 25 x 35 1.30 25 x 40 1.50 25 x 50 1.70
35 x 20 1.10 30 x 25 1.05 30 x 25 1.20 30 x 25 1.35 30 x 35 1.55 30 x 40 1.70 30 x 45 1.99 30 x 50 2.10
30 x 20 0.50 30 x 20 0.50 30 x 25 0.53 30 x 25 0.60 30 x 30 0.70 30 x 30 0.80 30 x 35 0.90 30 x 40 0.98 30 x 50 1.21
35 x 20 0.55
22 x 25 0.35 22 x 25 0.38 22 x 30 0.45 22 x 35 0.64 22 x 40 0.69 22 x 45 0.75
35 x 25 0.70 35 x 25 0.80 35 x 30 0.90 35 x 35 0.96 35 x 40 1.21 35 x 45 1.32 35 x 50 1.45
25 x 25 0.45 25 x 30 0.64 25 x 30 0.69 25 x 35 0.75 25 x 40 0.82 25 x 45 0.90
30 x 25 0.69 30 x 30 0.75 30 x 30 0.82 30 x 35 0.90 30 x 40 1.00 30 x 45 1.10
35 x 25 0.75 35 x 25 0.82 35 x 30 0.90 35 x 35 1.00 35 x 40 1.10 35 x 45 1.20
35 x 25 1.55 35 x 30 1.70 35 x 35 1.99 35 x 40 2.10 35 x 50 2.30
Case size D x L (mm)
Rated ripple
Rated Ripple (Arms) at 105C 120Hz
Frequency coefficient of rated ripple current
Frequency (Hz) 200V Coefficient 400 * 420V 50 0.85 0.88 60 0.88 0.90 120 1.00 1.00 1k 1.15 1.10 10k~ 1.20 1.15
CAT.8100V


▲Up To Search▲   

 
Price & Availability of LAKW6330MEL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X