Part Number Hot Search : 
SCC2692 FM390B 5A100F TDA9814T IRU1246 FR104 272V330 M5218AL
Product Description
Full Text Search
 

To Download KBPC2502F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBPC2500F ... KBPC2516F, KBPC2500W ... KBPC2516W
KBPC2500F ... KBPC2516F, KBPC2500W ... KBPC2516W
Silicon-Bridge-Rectifiers Silizium-Bruckengleichrichter Version 2006-12-09
Type "FP"
6.7 16.6
0.5
7.3 + 14.3 0.5 0.8
Nominal current Nennstrom Alternating input voltage Eingangswechselspannung Plastic case with alu bottom Plastikgehause mit Alu-Boden Dimensions Abmessungen Weight approx. Gewicht ca.
25 A 35...1000 V Index "P" 28.6 x 28.6 x 7.3 [mm] 17 g
+
16.6 0.5
Type
O 5.2
7.9
=
18.10.5 28.60.2
=
21.61
Type "WP"
11.6
0.5
7.3 1.2 = +
6.3
+
O 5.2 180.5
Type
Compound has classification UL94V-0 Vergussmasse nach UL94V-0 klassifiziert Standard packaging bulk Standard Lieferform lose im Karton
=
180.5 28.60.2
=
=
min. 30
Dimensions - Mae [mm]
Recognized Product - Underwriters Laboratories Inc.(R) File E175067 Anerkanntes Produkt - Underwriters Laboratories Inc.(R) Nr. E175067
Maximum ratings Type Typ KBPC2500F/W KBPC2501F/W KBPC2502F/W KBPC2504F/W KBPC2506F/W KBPC2508F/W KBPC2510F/W KBPC2512F/W KBPC2514F/W KBPC2516F/W Max. alternating input voltage Max. Eingangswechselspannung VVRMS [V] 35 70 140 280 420 560 700 800 900 1000
Grenzwerte Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 1) 50 100 200 400 600 800 1000 1200 1400 1600
1
Valid per diode - Gultig pro Diode http://www.diotec.com/
(c) Diotec Semiconductor AG
1
KBPC2500F ... KBPC2516F, KBPC2500W ... KBPC2516W Maximum ratings Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current 50/60 Hz half sine-wave Stostrom fur eine 50/60 Hz Sinus-Halbwelle Rating for fusing, t < 10 ms Grenzlastintegral, t < 10 ms Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur f > 15 Hz TA = 25C TA = 25C IFRM IFSM i2t Tj TS Grenzwerte 60 A 1) 270/300 A 375 A2s -50...+150C -50...+150C
Characteristics Max. current with cooling fin 300 cm Dauergrenzstrom mit Kuhlblech 300 cm2 Forward voltage - Durchlass-Spannung Leakage current - Sperrstrom Isolation voltage terminals to case Isolationsspannung Anschlusse zum Gehause Thermal resistance junction to case Warmewiderstand Sperrschicht - Gehause Admissible torque for mounting Zulassiges Anzugsdrehmoment TA = 50C Tj = 25C Tj = 25C R-load C-load IF = 12.5 A VR = VRRM IFAV IFAV VF IR VISO RthC 10-32 UNF M5
Kennwerte 25 A 20 A < 1.2 V 2) < 25 A > 2500 V < 2.0 K/W 18 10% lb.in. 2 10% Nm
120 [%] 100
102 [A] 10
Tj = 125C
80
Tj = 25C
60
1
40 10-1 20 IFAV 0 0 TA 50 100 150 [C]
1
IF 10-2
270a-(12a-1.2v)
0.4
VF
0.8
1.0
1.2
1.4
[V] 1.8
Rated forward current versus ambient temperature ) Zul. Richtstrom in Abh. von der Umgebungstemp.1)
Forward characteristics (typical values) Durchlasskennlinien (typische Werte)
1 2
Valid, if the temperature of the case is kept to TC = 120C - Gultig, wenn die Gehausetemperatur auf TC = 120C gehalten wird Valid for one branch - Gultig fur einen Bruckenzweig http://www.diotec.com/ (c) Diotec Semiconductor AG
2


▲Up To Search▲   

 
Price & Availability of KBPC2502F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X