Part Number Hot Search : 
KSR2006 13210 MMST4401 MT8952B C9014 BA10393 10D27 M54610P
Product Description
Full Text Search
 

To Download KBJ2500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
KBJ2500~KBJ2510
IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
VOLTAGE
FEATURES
50 to 1000 Volts
CURRENT
25 Amperes
* Plastic material has Underwriters Laboratory Flammability Classification 94V-O * Ideal for printed circuit board * Reliable low cost construction utilizing molded plastic technique * Surge overload rating : 400 Amperes * High temperature soldering guaranteed : 260 oC/10 seconds/.375"(9.5mm) lead length at 5 lbs.(2.3kg) tension
* Pb free product are available : 99% Sn above can meet Rohs environment substance directive request
MECHANCALDATA
Case: Reliable low cost construction utilizing molded plastic technique Terminals: Leads solderable per MIL-STD-202G, Method 208 Mounting position: Any Mounting torque : 20 in. lb. Max. Weight: 7.056g
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Resistive or inductive load, 60 Hz. For capacitive load, derate current by 20% PAR AME T E R M a xi m um R e c ur r e nt P e a k R e ve r s e V o l t a g e M a xi m um R M S V o l t a g e M a xi m um D C B l o c k i ng V o l t a g e M a xi m um A ve r a g e F o r w a r d C ur r e nt f o r R e s i s t i ve L o a d a t Tc = 5 5 OC N o n- r e p e t i t i ve P e a k F o r w a r d S ur g e C ur r e nt , R a t e d L o a d M a xi m um F o r w a r d V o l t a g e p e r B r i d g e E l e m e nt a t 1 5 A S p e c i f i e d C ur r e nt M a xi m um R e ve r s e L e a k a g e C ur r e nt a t R a t e d T A = 2 5 OC S YM B OL K B J 2 5 0 0 V RRM V RMS V DC IAV 50 35 50 KBJ2501 100 70 100 KBJ2502 200 140 200 KBJ2504 400 280 400 25 KBJ2506 600 420 600 KBJ2508 800 560 800 KBJ2510 1000 700 1000 U N IT S V V V A
IFSM
350
A
VF
1 .1
V A
IR
10
Ty p i c a l T h e r m a l R e s i s t a n c e O p e r a t i n g J u n c t i o n a n d S t o r a g e Te m p e r a t u r e R a n g e
RJ C TJ , T S TG
1 .2 - 5 0 TO + 1 5 0
O
C/W
O
C
NOTES: 1. Device mounted on 100mm*100mm*1.6mm Cu plate heatsink.
REV.0-MAR.21.2005
PAGE . 1
30
100
25
20
I F, INSTANTANEOUS FORWARD CURRENT (A)
I O, AVERAGE RECTIFIED CURRENT (A)
10
Tj=25 C
O
15
10
1.0
5
Resistive or Inductive load
Pulse width = 300 m S
0 0 25 50 75 100 125 150 T, TEMPERATURE ( OC)
0.1 0.0
0.2
0.6
1.0
1.4
1.8
V F, INSTANTANEOUS FORWARD VOLTAGE (V)
FIG.1-FORWARD CURRENT DERATING CURVE
FIG.2-TYPICAL FWD CHARACTERISTICS, PER ELEMENT
1000
Single half-sine-wave
I FSM, PEAK FORWARD SURGE CURRENT (A)
350
Tj=25 C
O
250
Tj=25 C
O
C j, JUNCTION CAPACITANCE (pF)
(JEDEC method)
f =1.0MHz
150
100
50
0 1 10 NUMBER OF CYCLES AT 60Hz 100
10 1 10 V R, REVERSE VOLTAGE (V) 100
FIG.3-MAXIMUM NON-REPETITIVE SURGE CURRENT
FIG.4-TYPICAL JUNCTION CAPACITANCE
REV.0-MAR.21.2005
PAGE . 2


▲Up To Search▲   

 
Price & Availability of KBJ2500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X