Part Number Hot Search : 
TC4584BF 90671 EDB104 M109K LX1691 SB380 1N250C M109K
Product Description
Full Text Search
 

To Download IRF7105PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 95164
IRF7105PBF
Advanced Process Technology l Ultra Low On-Resistance l Dual N and P Channel Mosfet l Surface Mount l Available in Tape & Reel l Dynamic dv/dt Rating l Fast Switching l Lead-Free Description
l
HEXFET(R) Power MOSFET
S1 G1 S2 G2
N-CHANNEL MOSFET 1 8 2 3 4 7 6 5
D1 D1 D2 D2
N-Ch
VDSS RDS(on) ID 25V 0.10 3.5A
P-Ch
-25V 0.25 -2.3A
P-CHANNEL MOSFET
Top View
Fifth Generation HEXFETs from International Rectifier utilize advanced processing techniques to achieve the lowest possible on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient device for use in a wide variety of applications. The SO-8 has been modified through a customized leadframe for enhanced thermal characteristics and multiple-die capability making it ideal in a variety of power applications. With these improvements, multiple devices can be used in an application with dramatically reduced board space. The package is designed for vapor phase, infra red, or wave soldering techniques. Power dissipation of greater than 0.8W is possible in a typical PCB mount application.
SO-8
Absolute Maximum Ratings
Parameter
ID @ TA = 25C I D @ TA = 70C IDM P D @TC = 25C VGS dv/dt TJ, TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Linear Derating Factor Gate-to-Source Voltage Peak Diode Recovery dv/dt Junction and Storage Temperature Range
Max.
N-Channel 3.5 2.8 14 2.0 0.016 20 3.0 -55 to + 150 -3.0 P-Channel -2.3 -1.8 -10
Units
A W W/C V V/nS C
Thermal Resistance Ratings
RJA Maximum Junction-to-Ambient
Parameter
Min.
Typ.
Max.
62.5
Units
C/W
www.irf.com
1
10/6/04
IRF7105PBF
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameter V (BR)DSS Drain-to-Source Breakdown Voltage N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-P N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-P N-P N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch Min. 25 -25 1.0 -1.0 Typ. Max. 0.030 -0.015 0.083 0.10 0.14 0.16 0.16 0.25 0.30 0.40 3.0 -3.0 4.3 3.1 2.0 -2.0 25 -25 100 9.4 27 10 25 1.7 1.9 3.1 2.8 7.0 20 12 40 9.0 20 13 40 45 90 45 90 25 50 37 50 4.0 6.0 330 290 250 210 61 67 Units V V/C V S A Conditions VGS = 0V, I D = 250A VGS = 0V, ID = -250A Reference to 25C, ID = 1mA Reference to 25C, ID = -1mA VGS = 10V, I D = 1.0A VGS = 4.5V, ID = 0.50A VGS = -10V, ID = -1.0A VGS = -4.5V, I D = -0.50A VDS = VGS, I D = 250A VDS = VGS, I D = -250A VDS = 15V, I D = 3.5A VDS = -15V, I D = -3.5A VDS = 20V, VGS = 0V VDS = -20V, VGS = 0V, VDS = 20V, VGS = 0V, TJ = 55C VDS = -20V, V GS = 0V, TJ = 55C VGS = 20V N-Channel I D = 2.3A, VDS = 12.5V, VGS = 10V
V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient RDS(ON) V GS(th) g fs I DSS I GSS Qg Qgs Qgd td(on) tr td(off) tf LD LS C iss C oss Crss Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Total GateCharge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductace Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance
nC
P-Channel I D = -2.3A, VDS = -12.5V, VGS = -10V N-Channel VDD = 25V, I D = 1.0A, RG = 6.0, RD = 25 P-Channel VDD = -25V, ID = -1.0A, RG = 6.0, RD = 25 Between lead , 6mm (0.25in.)from package and center of die contact N-Channel VGS = 0V, V DS = 15V, = 1.0MHz P-Channel VGS = 0V, VDS = -15V, = 1.0MHz
ns
nH
pF
Source-Drain Ratings and Characteristics
Parameter IS I SM VSD trr Qrr ton Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-Ch P-Ch N-P Min. Typ. Max. Units Conditions 2.0 -2.0 A 14 -9.2 1.2 TJ = 25C, IS = 1.3A, VGS = 0V V -1.2 TJ = 25C, IS = -1.3A, VGS = 0V 36 54 N-Channel ns 69 100 TJ = 25C, IF = 1.3A, di/dt = 100A/s 41 75 P-Channel nC TJ = 25C, I F = -1.3A, di/dt = 100A/s 90 180 Intrinsic turn-on time is neglegible (turn-on is dominated by LS+LD)
Repetitive rating; pulse width limited by
max. junction temperature.
Notes:
Pulse width 300s; duty cycle 2%. Surface mounted on FR-4 board, t 10sec.
N-Channel ISD 3.5A, di/dt 90A/s, VDD V(BR)DSS, TJ 150C
P-Channel I SD -2.3A, di/dt 90A/s, VDD V(BR)DSS, TJ 150C
2
www.irf.com
N-Channel
ID , Drain-to-Source Current ( A )
IRF7105PBF
ID , Drain-to-Source Current ( A )
VDS , Drain-to-Source Voltage ( V )
VDS , Drain-to-Source Voltage ( V )
Fig 1. Typical Output Characteristics
ID , Drain-to-Source Current ( A )
Fig 2. Typical Output Characteristics
RDS (on) , Drain-to-Source On Resistance
VGS , Gate-to-Source Voltage ( V )
( Normalized)
TJ , Junction Temperature ( C )
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
VGS , Gate-to-Source Voltage ( V )
C , Capacitance ( pF )
V DS , Drain-to-Source Voltage ( V )
QG , Total Gate Charge ( nC )
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage www.irf.com
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage 3
IRF7105PBF
I SD , Reverse Drain Current ( A )
N-Channel
I D , Drain Current ( A )
VSD , Source-to-Drain Voltage ( V )
V DS , Drain-to-Source Voltage ( V )
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
VDS RD
I D , Drain Current ( A )
VGS RG 10V
Pulse Width 1 s Duty Factor 0.1 %
D.U.T.
+
V - DD
Fig 10a. Switching Time Test Circuit
TA , Ambient Temperature ( C )
VDS 90%
Fig 9. Maximum Drain Current Vs. Ambient Temperature
Current Regulator Same Type as D.U.T.
10% VGS
td(on) tr t d(off) tf
50K 12V .2F .3F
Fig 10b. Switching Time Waveforms
D.U.T. + V - DS
10V
QGS
QG QGD
VGS
3mA
VG
IG ID
Charge
Current Sampling Resistors
Fig 11a. Gate Charge Test Circuit 4
Fig 11b. Basic Gate Charge Waveform www.irf.com
P-Channel
IRF7105PBF
-ID , Drain-to-Source Current ( A )
-ID , Drain-to-Source Current ( A )
-VDS , Drain-to-Source Voltage ( V )
-V DS , Drain-to-Source Voltage ( V )
Fig 12. Typical Output Characteristics
-ID , Drain-to-Source Current ( A )
Fig 13. Typical Output Characteristics
RDS (on) , Drain-to-Source On Resistance
-V GS , Gate-to-Source Voltage ( V )
( Normalized)
TJ , Junction Temperature ( C )
Fig 14. Typical Transfer Characteristics
Fig 15. Normalized On-Resistance Vs. Temperature
-V GS , Gate-to-Source Voltage ( V )
C , Capacitance ( pF )
-VDS , Drain-to-Source Voltage ( V )
QG , Total Gate Charge ( nC )
Fig 16. Typical Capacitance Vs. Drain-to-Source Voltage www.irf.com
Fig 17. Typical Gate Charge Vs. Gate-to-Source Voltage 5
IRF7105PBF
-ISD , Reverse Drain Current ( A )
P-Channel
-ID , Drain Current ( A )
VSD , Source-to-Drain Voltage ( V )
VDS , Drain-to-Source Voltage ( V )
Fig 18. Typical Source-Drain Diode Forward Voltage
-ID , Drain Current ( A )
Fig 19. Maximum Safe Operating Area
VDS VGS RG -10V
Pulse Width 1 s Duty Factor 0.1 %
RD
D.U.T.
+
Fig 21a. Switching Time Test Circuit
TA , Ambient Temperature ( C )
VDS 90%
Fig 20. Maximum Drain Current Vs. Ambient Temperature
Current Regulator Same Type as D.U.T.
10% VGS
td(on) tr t d(off) tf
50K 12V .2F .3F
Fig 21b. Switching Time Waveforms
+ D.U.T. VDS
-10V
QGS
QG QGD
VGS
-3mA
VG
IG ID
Charge
Current Sampling Resistors
Fig 22a. Gate Charge Test Circuit 6
Fig 22b. Basic Gate Charge Waveform www.irf.com
-
VDD
N & P-Channel
100
IRF7105PBF
Thermal Response (Z thJA )
D = 0.50 0.20 10 0.10 0.05 0.02 1 0.01 SINGLE PULSE (THERMAL RESPONSE) PDM t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJA + TA 0.001 0.01 0.1 1 10 100
0.1 0.0001
t1, Rectangular Pulse Duration (sec)
Fig 23. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
www.irf.com
7
IRF7105PBF
Peak Diode Recovery dv/dt Test Circuit
D.U.T
+
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
-
+
RG VGS*
**
* dv/dt controlled by RG * ISD controlled by Duty Factor "D" * D.U.T. - Device Under Test
+ -
VDD
*
*
Reverse Polarity for P-Channel ** Use P-Channel Driver for P-Channel Measurements
Driver Gate Drive P.W. Period D=
P.W. Period
[VGS=10V ] ***
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
[VDD]
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
[ISD ]
*** VGS = 5.0V for Logic Level and 3V Drive Devices Fig 24. For N and P Channel HEXFETS 8 www.irf.com
IRF7105PBF
SO-8 Package Outline
Dimensions are shown in milimeters (inches)
D A 5 B
DIM A b INCHES MIN .0532 .013 .0075 .189 .1497 MAX .0688 .0098 .020 .0098 .1968 .1574 MILLIMET ERS MIN 1.35 0.10 0.33 0.19 4.80 3.80 MAX 1.75 0.25 0.51 0.25 5.00 4.00
A1 .0040
6 E
8
7
6
5 H 0.25 [.010] A
c D E e e1 H
1
2
3
4
.050 BASIC .025 BASIC .2284 .0099 .016 0 .2440 .0196 .050 8
1.27 BASIC 0.635 BAS IC 5.80 0.25 0.40 0 6.20 0.50 1.27 8
6X
e
K L y
e1
A C 0.10 [.004] y
K x 45
8X b 0.25 [.010]
A1 CAB
8X L 7
8X c
NOT ES : 1. DIMENS IONING & T OLERANCING PER AS ME Y14.5M-1994. 2. CONT ROLLING DIMENS ION: MILLIMETER 3. DIMENS IONS ARE SHOWN IN MILLIMET ERS [INCHES ]. 4. OUT LINE CONFORMS T O JEDEC OUT LINE MS-012AA. 5 DIMENS ION DOES NOT INCLUDE MOLD PROT RUSIONS . MOLD PROT RUSIONS NOT T O EXCEED 0.15 [.006]. 6 DIMENS ION DOES NOT INCLUDE MOLD PROT RUSIONS . MOLD PROT RUSIONS NOT T O EXCEED 0.25 [.010]. 7 DIMENS ION IS T HE LENGT H OF LEAD FOR SOLDERING T O A S UBS T RAT E. 3X 1.27 [.050] 6.46 [.255]
FOOT PRINT 8X 0.72 [.028]
8X 1.78 [.070]
SO-8 Part Marking Information (Lead-Free)
EXAMPLE: T HIS IS AN IRF7101 (MOSFET ) DAT E CODE (YWW) P = DES IGNAT ES LEAD-FREE PRODUCT (OPTIONAL) Y = LAST DIGIT OF T HE YEAR WW = WEEK A = AS SEMBLY S IT E CODE LOT CODE PART NUMBER
INT ERNAT IONAL RECT IFIER LOGO
XXXX F 7101
www.irf.com
9
IRF7105PBF
SO-8 Tape and Reel
Dimensions are shown in milimeters (inches)
TERMINAL NUMBER 1
12.3 ( .484 ) 11.7 ( .461 )
8.1 ( .318 ) 7.9 ( .312 )
FEED DIRECTION
NOTES: 1. CONTROLLING DIMENSION : MILLIMETER. 2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS(INCHES). 3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
330.00 (12.992) MAX.
14.40 ( .566 ) 12.40 ( .488 ) NOTES : 1. CONTROLLING DIMENSION : MILLIMETER. 2. OUTLINE CONFORMS TO EIA-481 & EIA-541.
Data and specifications subject to change without notice. This product has been designed and qualified for the Consumer market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information.10/04
10
www.irf.com


▲Up To Search▲   

 
Price & Availability of IRF7105PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X