Part Number Hot Search : 
FN2881 2SC49 HCNW4504 2SD601R DS824 000AE OM4411SR UM3522G
Product Description
Full Text Search
 

To Download HRF-SW1000-TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HRF-SW1000
SPDT Absorptive RF Switch
Features
* * * * * * High Isolation Of > 40 dB @ 2 GHz Low Insertion Loss Of 1.1dB @ 2 GHz DC To 4GHz Operating Frequency Integrated CMOS Control Logic Integrated ESD Protection on Digital I/O Single Positive Supply Voltage TM Ultra Small LPCC Packaging Impedance matched for 50 Ohm systems
* *
Product Description
The Honeywell HRF-SW1000 is a high performance single pole double throw (SPDT) absorptive RF switch that is ideal for use in wireless basestation and handset applications that require minimum power and minimum insertion loss. The HRF-SW1000 is manufactured with Honeywell's patented Silicon On Insulator (SOI) CMOS technology, which provides the performance of GaAs with the economy and integration capabilities of conventional CMOS technology.
HRF-SW1000 in LPCCTM Package
RF Electrical Specifications @ + 25oC
Results @ Vdd=5.0 =/- 10%, Vss = 0 unless otherwise stated, Z0=50 ohms Parameter Test Condition Frequency Minimum
Insertion Loss DC - 0.5 GHz 2.0 GHz 3.0 GHz DC - 0.5 GHz 2.0 GHz 3.0 GHz DC - 0.5 GHz 2.0 GHz 3.0 GHz Input Power Vss=Gnd Vss= -3 Two-Tone Inputs Up To + 5 dBm Vss=Gnd Vss= -3 10% To 90% 50% Cntl To 90%/10%Rf In-Band 1.0 GHz 1.0 GHz 2.0 GHz 2.0 GHz 21 29 35 35 10 20 10 dBm dBm dBm dBm nS nS mV
Typical
0.9 1.1 1.3 53.5 42.5 39.0 1.1:1 1.2:1 1.2:1
Maximum
1.2 1.5 1.7
Units
dB dB dB dB dB dB Ratio Ratio Ratio
Isolation
50 40 35
VSWR*
1.3:1
1dB Compression
Input IP3
Trise, Tfall* Ton, Toff Transients *By design
________________________________________________________________________________________________________
Web Site: Email: 2002 1000W www.mysoiservices.com mysoiservices@honeywell.com Published June 2002 Page 1 Honeywell Solid State Electronics Center 12001 State Highway 55 Plymouth, Minnesota 55441-4799 1-800-323-8295
HRF-SW1000
DC Electrical Specifications @ + 25oC
Parameter Single VDD Supply Voltage CMOS Logic Level (0) CMOS Logic Level (1) Input Leakage Current * Performance curves are for Vdd = +5.0 +/- 10% Minimum 3.3* 0 VDD - 0.8 Typical 5.0 Maximum 5.5 0.8 VDD 10 Units V V V uA
Absolute Maximum Ratings1
Parameter VDD Vin Digital Logic 0 Vin Digital Logic 1 Maximum Input Power ESD Voltage Operating Temperature Range Storage Temperature Range Absolute Maximum +6.0 Vss - 0.6 Vdd + 0.6 > 35 400 +85 +125 Units V V V dBm V Degrees C Degrees C
(Note 1) Operation beyond any of these parameters may cause permanent damage. Latch-Up: Unlike conventional CMOS RF switches, Honeywell's HRF-SW1000 is immune to latch-up. ESD Protection: Although this device contains ESD protection circuitry on all digital inputs, conventional precautions should be taken to ensure that the Absolute Maximum Ratings are not exceeded.
Package Outline Drawing
3 mm
Bottom View TM 12 Pin 3X3 mm LPCC Package ASAT LPCC Marketing Outline Dwg. # GMJ00004 For more information see http://www.asat.com
3 mm ________________________________________________________________________________________________________
Web Site: Email: 2002 1000W www.mysoiservices.com mysoiservices@honeywell.com Published June 2002 Page 2 Honeywell Solid State Electronics Center 12001 State Highway 55 Plymouth, Minnesota 55441-4799 1-800-323-8295
HRF-SW1000
Truth Table
Switch Control 0 1
"0" = CMOS Low, "1" = CMOS High
RF Output 1 RF INPUT ---
RF Output 2 --RF INPUT
Pin Configuration
Pin
1 2 3 4 5 6
Function
GROUND RF OUT 2 GROUND VDD SWITCH CONTROL VSS
Pin
7 8 9 10 11 12
Function
GROUND RF OUT 1 GROUND GROUND RF IN GROUND
Evaluation Circuit Board Connections
RF In
RF Out2
HRF-SW1000 Evaluation Board Top View
RF Out1
Honeywell HRF-SW1000
VDD Open SW Control
VSS Ground
________________________________________________________________________________________________________
Web Site: Email: 2002 1000W www.mysoiservices.com mysoiservices@honeywell.com Published June 2002 Page 3 Honeywell Solid State Electronics Center 12001 State Highway 55 Plymouth, Minnesota 55441-4799 1-800-323-8295
HRF-SW1000
Performance Curves
Insertion Loss
Insertion Loss versus Frequency
0 -1
Insertion Loss (dB)
-2 -3 -4 -5 -6 -7 -8 -9 -10 0 1 2 3 4
The Insertion Loss curve shows the worst case loss versus frequency at Vdd = +5.0 +/10%, Ta = 25C, Z0 = 50 Ohms
Frequency
Isolation
Isolation versus Frequency
-20.00 -30.00 -40.00 -50.00
The Isolation curve shows the typical isolation of an "off" state output to the insertion path.
(dB)
-60.00 -70.00 -80.00 -90.00 -100.00 0 0.5 1 1.5 2 2.5 3
Frequency (GHz)
________________________________________________________________________________________________________
Web Site: Email: 2002 1000W www.mysoiservices.com mysoiservices@honeywell.com Published June 2002 Page 4 Honeywell Solid State Electronics Center 12001 State Highway 55 Plymouth, Minnesota 55441-4799 1-800-323-8295
HRF-SW1000
Return Loss
Input / Output Return Losses versus Frequency
0.00 -5.00
Return Loss (dB)
-10.00 -15.00 -20.00 -25.00 -30.00 -35.00 -40.00 -45.00 -50.00
0 0.5 1 1.5 2 2.5 3
The return loss curve shows the input return loss S11, the output return loss in the insertion path S22, and the output return loss in the isolation state S33.
Frequency (GHz)
Evaluation Circuit Board
Honeywell's evaluation board provides an easy to use method of evaluating the RF performance of our switch. Simply connect power, DC and RF signals to be measuring switch performance in less than 10 minutes.
HRF-SW1000 Evaluation Board
________________________________________________________________________________________________________
Web Site: Email: 2002 1000W www.mysoiservices.com mysoiservices@honeywell.com Published June 2002 Page 5 Honeywell Solid State Electronics Center 12001 State Highway 55 Plymouth, Minnesota 55441-4799 1-800-323-8295
HRF-SW1000
Evaluation Circuit Board Layout Design Details
Item PCB Switch Chip Capacitor RF Connector DC Pin Description Impedance Matched Multi-Layer FR4 HRF-SW1000 RF Switch Panasonic Model ECU-E1C103KBQ Capacitor, .01uf 0402 10% 16V Johnson Connectors Model 142-0701-801 SMA RF Coaxial Connector Mil-Max Model 800-10-064-10-001 Header Pins
Ordering Information
Ordering Number
HRF-SW1000-B HRF-SW1000-TR HRF-SW1000-E
(Note 2) Contact Honeywell for details
Product
Delivered In Chip Tubes 2 Delivered On Tape And Reel Engineering Evaluation Board
LPCC
TM
is a registered Trademark of ASAT Ltd.
Honeywell reserves the right to make changes to improve reliability, function or design. Honeywell does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
________________________________________________________________________________________________________
Web Site: Email: 2002 1000W www.mysoiservices.com mysoiservices@honeywell.com Published June 2002 Page 6 Honeywell Solid State Electronics Center 12001 State Highway 55 Plymouth, Minnesota 55441-4799 1-800-323-8295


▲Up To Search▲   

 
Price & Availability of HRF-SW1000-TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X