Part Number Hot Search : 
MC144 HFW50N06 GCM1885C 06780 T350507 24NBP T350507 24NBP
Product Description
Full Text Search
 

To Download HMC-ALH140 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HMC-ALH140
v00.0907
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 24 - 40 GHz
Features
Noise Figure: 4 dB Gain: 11.5 dB P1dB Output Power: +15 dBm Supply Voltage: +4V @ 60 mA Die Size: 2.5 x 1.4 x 0.1 mm
Typical Applications
This HMC-ALH140 is ideal for: * Point-to-Point Radios * Point-to-Multi-Point Radios
AMPLIFIERS - LOW NOISE - CHIP
* VSAT * SATCOM
Functional Diagram
General Description
The HMC-ALH140 is a two Stage GaAs MMIC HEMT Low Noise Amplifier die which operates between 24 and 40 GHz. The amplifier provides 11.5 dB of gain, from a bias supply of +4V @ 66 mA with a noise figure of 4 dB. The HMC-ALH140 amplifier die is ideal for integration into Multi-Chip-Modules (MCMs) due to its small size (2.10 mm2).
Electrical Specifi cations, TA = +25 C, Vdd= 4V [1], Idd = 60mA [2]
Parameter Frequency Range Gain Noise Figure Input Return Loss Output Return Loss Output Power for 1 dB Compression Supply Current (Idd) 10 Min. Typ. 24 - 30 12 4 13 15 15 60 100 10 Max. Min. Typ. 24 - 40 11.5 4 13 15 15 60 100 10 Max. Min. Typ. 35 - 40 11.5 4 20 20 15 60 100 dB dB dBm mA Max. Units GHz dB
[1] Unless otherwise indicated, all measurements are from probed die [2] Adjust Vgg between -1V to +0.3V (Typ. -0.2V)
0-2
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC-ALH140
v00.0907
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 24 - 40 GHz
Noise Figure vs. Frequency
Linear Gain vs. Frequency
Input Return Loss vs. Frequency
Output Return Loss vs. Frequency
Note: Measured Performance Characteristics (Typical Performance at 25C) Vd= 2 V, Id = 55 mA
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
0-3
AMPLIFIERS - LOW NOISE - CHIP
HMC-ALH140
v00.0907
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 24 - 40 GHz
Absolute Maximum Ratings
Drain Bias Voltage Gate Bias Voltage RF Input Power Channel Temperature +5.5 Vdc -1 to +0.3 Vdc 6 dBm 180 C -65 to +150 C
ELECTROSTATIC SENSITIVE DEVICE OBSERVE HANDLING PRECAUTIONS
AMPLIFIERS - LOW NOISE - CHIP
Storage Temperature
Outline Drawing
NOTES: 1. ALL DIMENSIONS ARE IN INCHES [MM]. 2. TYPICAL BOND PAD IS .004" SQUARE. 3. BACKSIDE METALLIZATION: GOLD. 4. BACKSIDE METAL IS GROUND. 5. BOND PAD METALLIZATION: GOLD. 6. CONNECTION NOT REQUIRED FOR UNLABELED BOND PADS. 7. OVERALL DIE SIZE .002"
0-4
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com


▲Up To Search▲   

 
Price & Availability of HMC-ALH140

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X