Part Number Hot Search : 
A9557D ATC900C P100D 9575GI SWF634 89LPC925 MN103S U834BS
Product Description
Full Text Search
 

To Download GSOT05C-HT3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VISHAY
GSOT05C - HT3
Vishay Semiconductors
ESD Protection Diode
Features
* Transient protection for data lines as per IEC 61000-4-2 (ESD) 15 kV (air) 8 kV (contact) IEC 61000-4-5 (Lightning) see IPPM below * Space saving LiLiPut package
18151
3
Top view
1 2
Pin 1
Mechanical Data
Case: LLP75-3B Plastic Package Molding Compound Flammability Rating: UL 94 V-0
Terminals: High temperature soldering guaranteed: 260 C/10 sec. at terminals Weight: 5 mg
Parts Table
Part GSOT05C-HT3 Ordering code GSOT05C-HT3-GS08 05 Marking Remarks Tape and Reel
Absolute Maximum Ratings
Ratings at 25 C, ambient temperature unless otherwise specified Parameter Peak power dissipation1) Forward surge current
1)
Test condition 8/20 s pulse 8.3 ms single half sine-wave
Symbol PPK IFSM
Value 300 7
Unit W A
Non-repetitive current pulse and derated above TA = 25 C
Thermal Characteristics
Ratings at 25 C, ambient temperature unless otherwise specified Parameter Operation and storage temperature range Test condition Symbol Tstg, TJ Value - 55 to + 150 Unit C
Electrical Characteristics
Part Number Device Marking Code Rated Stand-off Voltage VWM V GSOT05CHT3 05 5.0 Minimum Breakdown Voltage @ 1 mA VBR V 6.0 9.8 Maximum Clamping Voltage @ IP = 1 A VC V 12.5 @ IP = 5 A Maximum Pulse Peak Current tp = 8/20 s IPPM A 17 Maximum Leakage Current @ VWM ID A 100 Maximum Capacitance @ 0 V, 1 MHz C pF 400
Document Number 85825 Rev. 1, 02-Jun-03
www.vishay.com 1
GSOT05C - HT3
Vishay Semiconductors Typical Characteristics (Tamb = 25 C unless otherwise specified)
10000
VISHAY
PPPM - Peak Pulse Power (W)
1000
300W, 8/20 s waveshape
100
10 0.1 1.0
17476
td - Pulse Duration ( s )
10
100
1000
10000
Figure 1. Non -Repetitive Peak Pulse Power vs. Pulse Time
110
IPPM - Peak Pulse Current, % IRSM
100 90 80 70 60 50 40 30 20 10 0 0 5 10 15
Pulse Width (td) is defined as the point where the peak current decays to 50% of IPPM
td = IPP 2
20
25
30
17477
t - Time ( s )
Figure 2. Pulse Waveform
100 Peak Pulse Power 8/20 s 80
% Of Rated Power
60
40
20 Average Power 0
17478
0
25
50
75
100
125
150
TL - Lead Temperature C
Figure 3. Power Derating
www.vishay.com 2
Document Number 85825 Rev. 1, 02-Jun-03
VISHAY
Package Dimensions in mm
GSOT05C - HT3
Vishay Semiconductors
18057
ISO Method E
Document Number 85825 Rev. 1, 02-Jun-03
www.vishay.com 3
GSOT05C - HT3
Vishay Semiconductors Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements.
VISHAY
2. Regularly and continuously improve the performance of our products, processes, distribution and operatingsystems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 (0)7131 67 2831, Fax number: 49 (0)7131 67 2423
www.vishay.com 4
Document Number 85825 Rev. 1, 02-Jun-03
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of GSOT05C-HT3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X