Part Number Hot Search : 
MICONDUC 37101 9945N AT54C BU4506DX W25Q32 BU4530AX PA240
Product Description
Full Text Search
 

To Download GPJ10A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GPJ10A~GPJ10M
IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
VOLTAGE
FEATURES
50 to 1000 Volts
CURRENT
10 Amperes
* Plastic material has Underwriters Laboratory Flammability Classification 94V-O * Ideal for printed circuit board * Reliable low cost construction utilizing molded plastic technique * Surge overload rating : 200 Amperes * High temperature soldering guaranteed : 260 oC/10 seconds/.375"(9.5mm) lead length at 5 lbs.(2.3kg) tension * Pb free product : 99% Sn above can meet Rohs environment
substance directive request
MECHANCAL DATA
* Case: Reliable low cost construction utilizing molded plastic technique * Terminals: Leads solderable per MIL-STD-750, Method 2026 * Mounting position: Any * Mounting torque : 5 in. lb. Max. * Weight: 7.056g
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Resistive or inductive load, 60 Hz. For capacitive load, derate current by 20%
PAR AME T E R M a xi m um R e c ur r e nt P e a k R e ve r s e V o l t a g e M a xi m um R M S V o l t a g e M a xi m um D C B l o c k i ng V o l t a g e M a xi m um A ve r a g e F o r w a r d C ur r e nt f o r R e s i s t i ve L o a d S e e F i g 1 (No te 1 ) N o n- r e p e t i t i ve P e a k F o r w a r d S ur g e C ur r e nt , R a t e d L o a d 8 . 3 m s s i ng l e ha l f s i ne - w a ve s up e r i m p o s e d o n r a r e d l o a d ( J E D E C M e t ho d ) M a xi m um F o r w a r d V o l t a g e p e r B r i d g e E l e m e nt a t 1 0 A S p e c i f i e d C ur r e nt M a xi m um R e ve r s e L e a k a g e C ur r e nt a t R a t e d T J = 2 5 OC Ty p i c a l T h e r m a l R e s i s t a n c e O p e r a t i n g J u n c t i o n a n d S t o r a g e Te m p e r a t u r e R a n g e
S YM B OL GP J 1 0 A GP J 1 0 B GP J 1 0 D GP J 1 0 G GP J 1 0 J GP J 1 0 K GP J 1 0 M U N IT S V RRM V RMS V DC IF ( A V ) 50 35 50 100 70 100 200 140 200 400 280 400 10 600 420 600 800 560 800 1000 700 1000 V V V A
IF S M
200
A
VF IR R J C T J , T S TG
1 .1
V A
10
2 .0 - 5 0 TO + 1 5 0
O
C/W
O
C
NOTES: 1. Device mounted on 150mm*150mm*1.6mm Cu plate heatsink.
STAD-MAR.10.2006
PAGE . 1
GPJ10A~GPJ10M
18 100
15
12 With heat sink 9
I F, INSTANTANEOUS FORWARD CURRENT (A)
I O, AVERAGE RECTIFIED CURRENT (A)
10
Tj=25 C
O
6 With heat sink 3
Resistive or Inductive load
1.0
Pulse width = 300 m S
0 0 25 50 75 100 125 150 T C, C A S E T E M P E R ATU R E ( OC )
0.1 0.0
0.2
0.6
1.0
1.4
1.8
V F, INSTANTANEOUS FORWARD VOLTAGE (V)
FIG.1-FORWARD CURRENT DERATING CURVE
FIG.2-TYPICAL FWD CHARACTERISTICS, PER ELEMENT
1000
Single half-sine-wave
I FSM, PEAK FORWARD SURGE CURRENT (A)
240
Tj=25 C
O
180
Tj=25 C
O
C j, JUNCTION CAPACITANCE (pF)
(JEDEC method)
f =1.0MHz
120
100
60
0 1 10 NUMBER OF CYCLES AT 60Hz 100
10 1 10 V R, REVERSE VOLTAGE (V) 100
FIG.3-MAXIMUM NON-REPETITIVE SURGE CURRENT
FIG.4-TYPICAL JUNCTION CAPACITANCE
STAD-MAR.10.2006
PAGE . 2


▲Up To Search▲   

 
Price & Availability of GPJ10A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X