Part Number Hot Search : 
8051F9 AG231444 BFXXXX TS942IPT TS942IPT TS942IPT 2SC328 345040
Product Description
Full Text Search
 

To Download GBU4A05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
GBU4A~GBU4K
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER 4.0 Ampere CURRENT VOLTAGE 50 to 800 Volts Recongnized File #E111753
FEATURES
.310(7.90) .290(7.40)
GBU
Unit: inch (mm)
* Plastic material has Underwriters Laboratory Flammability Classification 94V-O * Ideal for printed circuit board * Reliable low cost construction utilizing molded plastic technique * Surge overload rating: 150 Amperes peak * Pb free product are available : 99% Sn above can meet Rohs environment substance directive request
.880(22.3) .860(21.8) .160(4.1) .140(3.5)
.140(3.56) .130(3.30)
.740(18.8) .720(18.3)
.085(2.16) .065(1.65)
.080(2.03) .060(1.52)
.075(1.90)R
.710(18.0) .690(17.5)
.040(1.02) .030(0.76) .030(0.75) .017(0.45)
MECHANICALDATA
Case: Reliable low cost construction utilizing molded plastic technique Terminals: Leads solderable per MIL-STD-202, Method 208 Mounting position: Any Mounting torque: 5 in. lb. Max. Weight: 0.15 ounce, 4.0 grams
.190(4.83) .210(5.33) .100(2.54) .085(2.16) .080(2.03) .065(1.65)
.050(1.27) .040(1.02)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25Cambient temperature unless otherwise specified. Resistive or inductive load, 60Hz. For Capacitive load derate current by 20%.
P A R A M E TE R M a xi um R e curre nt P e a k R e ve rse V o l a g e m t M a xi um R M S B ri g e I p ut V o l a g e m d n t M a xi um D C B l cki g V o l a g e m on t M a xi um A ve ra g e F o rw a rd T C = 1 0 0 O C m R e ct f e d O ut ut C urre nt a t T A = 4 0 O C ii p
2 i oun <3 I t R a t ng f r f si g ( t 8 . m s)
S YM B O L G B U 4A
G B U 4B G B U 4D G B U 4G G B U 4J G B U 4K 100 70 100 200 140 200 4. 0 3. 0 93 150 1. 0 5. 0 500 19 4 -5 5 t + 1 5 0 o 400 280 400 600 420 600 800 560 800
UNI S T V V V A A 2 se c A pk V pk uA
O
V RRM V RM S VDC IV A
2 It
50 35 50
P e a k F o rw a rd S urg e C urre nt si g l si e -w a ve sup e ri p o se d o n ne n m ra t d l a d (JE D E C m e t o d ) eo h M a xi um I st nt ne o us F o rw a rd V o l a g e D ro p p e r e l m e nt a t 2 . A m naa t e 0 M a xi um R e ve rse L e a ka g e C urre nt a t R a t d @ T A = 2 5 O C m e D c B l cki g V o l a g e @ T A = 1 0 0 O C on t Typ i a l T he rm a l R e si t nce p e r l g (N o t 2 ) c sa e e (N o t 3 ) e O p e ra t ng Junct o n a nd S t ra g e Te m p e ra t re R a ng e i i o u
I SM F VF I R
R JA R JC
C/ W
TJ,TS TG
O
C
NOTES: 1. Recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum heat transfer with #6 screw. 2. Units Mounted in free air, no heatsink, P.C.B at 0.375"(9.5mm) lead length with 0.5 x 0.5"(12 x 12mm)copper pads. 3. Units Mounted on a 2.0 x 1.6" x 0.3" thick (5 x 4 x 0.8cm) AL plate.
REV.0-APR.11.2005
PAGE . 1
RATING AND CHARACTERISTIC CURVES
AVERAGE FORWARD CURRENT AMPERES
6.0
HEAT-SINK MOUNTING, T C (4 x 4 x 0.15cm)THK COPPER PLATE
FORWARD SURGE CURRENT, AMPERES pk (HALF SINE-WAVE)
150
120
4.0
90
2.0
MOUNTED ON PC BOARD, TA 0.5 (12.7mm)LEAD LENGTH 60Hz RESISTIVE OR INDUCTIVE LOAD
60
30
0 0 50
O
100
150
0 1 2 6 10 20 40 60 100
TEMPERATURE, C
NO. OF CYCLES AT 60Hz
Fig.1 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
Fig.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
10
4
INSTANTANEOUS FORWARD CURRENT, AMPERES
100 40 20 10 4.0 2.0 1.0
10
3
REVERSE CURRENT,uA
10
2
T J =150 C
O
10 1
10
0
T J =25 C
O
10
-1
0.4 0.2 0.1 0.7 0.8 0.9 1.0
TJ=25 C Pulse Width = 300us 1% DULY Cycle
O
10
-2
0
10
20
30
40
50
60
70
80
90
100 110
1.1
1.2
1.3
1.4
PERCENT OF PEAK REVERE VOLTAGE,%
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig.3 - TYPICAL REVERSE CHARACTERISTICS
Fig.4 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER ELEMENT
REV.0-APR.11.2005
PAGE . 2


▲Up To Search▲   

 
Price & Availability of GBU4A05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X