Part Number Hot Search : 
BSX59 89E515AE AP9963 40AB8B 1N5447C TC105 12015 2SJ387
Product Description
Full Text Search
 

To Download FST7240L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
FST7220L THRU FST72100L
SCHOTTKY DIODES MODULE TYPE 70A
Features
High Surge Capability
Types Up to 100V VRRM
70Amp Rectifier 20-100 Volts MINI MOD D61-2L
Maximum Ratings
Operating Temperature: -40 C to +175 Storage Temperature: -40 C to +175 Part Number Maximum Recurrent Peak Reverse Voltage 20V 30V 35V 40V 45V 60V 80V 100V Maximum DC Blocking Voltage 20V 30V 35V 40V 45V 60V 80V 100V
F A
P
1 2 3
E
M N B
Maximum RMS Voltage 14V 21V 25V 28V 32V 42V 56V 70V
FST7220L FST7230L FST7235L FST7240L FST7245L FST7260L FST7280L FST72100L
1
2
3
G J D
K
C
H
L
DIMENSIONS INCHES MIN MAX 1/4 1.195 1.180 .400 NOM .027 .037 .088 .098 .350 .370 1.510 1.490 .715 .695 .124 .104 .240 .260 .115 .135 .230 .250 .065 .085 .151 .161 .015 .025 MM MIN 29.97 10.16 0.69 2.24 8.89 37.85 17.65 2.64 6.10 2.92 5.84 1.65
3.84 0.38
Electrical Characteristics @ 25
Average Forward (Per pkg) Current Peak Forward Surge (Per leg) Current Maximum (Per leg) Instantaneous NOTE (1) Forward Voltage NOTE (1) Maximum Instantaneous Reverse Current At Rated DC Blocking Voltage (Per leg) IF(AV) IFSM VF
Unless Otherwise Specified
70A 800A
0.55V 0.75V 0.84V
TC =100
8.3ms , half sine
(FST7220L~FST7245L) (FST7260L) (FST7280L~FST72100L) IFM = 35 A; T j = 25
IR
5.0 mA 500 mA
TJ = 25 TJ = 125
DIM A B C D E F G H J K L M N P
MAX 30.35 NOM 0.94 2.49 9.40 38.35 18.16 3.15 6.60 3.43 6.35 2.16
4.09 0.64
NOTE
2PL
Maximum Thermal Resistance Junction (Per leg) To Case
R jc
1.2 C/W
NOTE : (1) Pulse Test: Pulse Width 300 usec, Duty Cycle < 2%
FST7220L THRU
FST72100L
Figure .1-Typical Forward Characteristics
Figure .2-Forward Derating Curve
600
I nStantaneous Forward Current - Amperes Amps Per leg
400 200 100 60 40 20 10 6.0 4.0 2.0 1.0 FST7280L~ FST72100L FST7260L FST7220L~ FST7245L
Per leg
Amps
T =25 J
Average ForwArd Rectified Current - AmPeres
1000
40
30
20 10
Single Phase, Half Wave 60Hz Resistive or Inductive Load 30 60 90 120 150 180
0
0
Case Te mperature -
0
0.2
0.4
0.6
Volts
0.8
1.0
1.2
1000 600 400 200
Figure .4-Typical Reverse Characteristics
Instantaneous Forward Voltage - Volts
Tj =150 C
Instantaneous Reverse Leakage Current - Mill Amperes
100 60 40 20 10 6 4 2 1 .6 .4 .2 .1 .06 .04 .02
T =25 J T =75 J
Tj =125 C
800
Figure .3-Peak Forward Surge Current 8.3ms Single Half Sine Wave JEDEC method T =25 J
Peak Forward Surge Current -Amperes Amps Per leg
700 600 500 400 300 200 1 2 4
6
8 10 20 Cycles
40
60 80 100
m Amps
Number Of Cycles At 60Hz - Cycles
.01 0 10 20 30 40 Volts Reverse Voltage - Volts 50 60 70 80 90 100


▲Up To Search▲   

 
Price & Availability of FST7240L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X