Part Number Hot Search : 
MC283 MA3240 LB1950 11084 AM27C010 FP40R12 0610120 R5D10
Product Description
Full Text Search
 

To Download FST6340SM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
FST6310SM THRU FST63100SM
SCHOTTKY DIODES MODULE TYPE 60A
Features
High Surge Capability
Types Up to 100V VRRM
60Amp Rectifier 10-100 Volts MINI MOD D61-3SM
Maximum Ratings
Operating Temperature: -40 C to +125 Storage Temperature: -40 C to +125 Part Number Maximum Recurrent Peak Reverse Voltage 10V 15V 20V 30V 35V 40V 45V 60V 80V 100V Maximum DC Blocking Voltage 10V 15V 20V 30V 35V 40V 45V 60V 80V 100V
P
1
F
2 3
E L
Maximum RMS Voltage 7V 10V 14V 21V 25V 28V 32V 42V 56V 70V
B
M
FST6310SM FST6315SM FST6320SM FST6330SM FST6335SM FST6340SM FST6345SM FST6360SM FST6380SM
FST63100SM
1
2
3
G J D
C
K
DIMENSIONS INCHES MIN MAX -------1/4 -------.200 NOM .027 .037 .088 .098 .350 .370 .797 .777 .715 .695 .240 .260 .115 .135 .457 .477 .065 .085 --------------.015 .025 MM MIN -------5.08 0.69 2.24 8.89 19.74 17.65 6.10 2.92 11.61 1.65 -------0.38
Electrical Characteristics @ 25
Average Forward (Per pkg) Current Peak Forward Surge (Per leg) Current (Per leg) Maximum Instantaneous NOTE (1) Forward Voltage NOTE (1) Maximum Instantaneous Reverse Current At Rated DC Blocking Voltage (Per leg) IF(AV) IFSM VF
Unless Otherwise Specified
60A 600A
0.55V 0.75V 0.84V
TC =105
8.3ms , half sine
(FST6310SM~FST6345SM) (FST6360SM) (FST6380SM~FST63100SM) IFM = 30 A; T j = 25
IR
3.0 mA 500 mA
TJ = 25 TJ = 125
DIM A B C D E F G J K L M N P
MAX -------NOM 0.94 2.49 9.40 20.24 18.16 6.60 3.43 12.12 2.16 -------0.64
NOTE
2PL
Maximum Thermal Resistance Junction (Per leg) To Case
R jc
1.2 C/W
NOTE : (1) Pulse Test: Pulse Width 300 usec, Duty Cycle < 2%
FST6310SM THRU
FST63100SM
Figure .1-Typical Forward Characteristics
30
Average ForwArd Rectified Current - AmPeres
Figure .2-Forward Derating Curve
1000 600
I nStantaneous Forward Current - Amperes Amps Per leg
400 200 100 60 40 20 10 6.0 FST6380SM~ FST63100SM FST6360SM FST6310SM~ FST6345SM
Per leg
Amps
T =25 J
20
10
5 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 0 20 40 60 80 100 120
Case Te mperature -
4.0 2.0 1.0
0
0.2
0.4
0.6
Volts
0.8
1.0
1.2
1000 600 400 200
Figure .4- Typical Reverse Characteristics
Instantaneous Forward Voltage - Volts
Tj =150 C
Instantaneous Reverse Leakage Current - Mill Amperes
100 60 40 20 10 6 4 2 1 .6 .4 .2 .1 .06 .04 .02 .01 0 10 20 30 40 Volts Reverse Voltage - Volts 50 60 70 80 90 100
T =25 J T =75 J
Tj =125 C
600
Figure .3- Peak Forward Surge Current 8.3ms Single Half Sine Wave JEDEC method T =25 J
Peak Forward Surge Current -Amperes Amps Per leg
500 400 300 200 100 0 1 2 4
6
8 10 20 Cycles
40
60 80 100
Number Of Cycles At 60Hz - Cycles
m Amps


▲Up To Search▲   

 
Price & Availability of FST6340SM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X