Part Number Hot Search : 
EP120660 PAC7302 G106M MN347H 5KE40 3055EL ITA6V5B1 FCM1005
Product Description
Full Text Search
 

To Download FST6220SL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
FST6210SL THRU FST62100SL
SCHOTTKY DIODES MODULE TYPE 60A
Features
High Surge Capability
Types Up to 100V VRRM
60Amp Rectifier 10-100 Volts MINI MOD D61-2SL
Maximum Ratings
Operating Temperature: -40 C to +125 Storage Temperature: -40 C to +125
Maximum Recurrent Peak Reverse Voltage 10V FST6210SL 15V FST6215SL 20V FST6220SL FST6230SL 30V FST6235SL 35V FST6240SL 40V FST6245SL 45V 60V FST6260SL 80V FST6280SL FST62100SL 100V Part Number Maximum DC Blocking Voltage 10V 15V 20V 30V 35V 40V 45V 60V 80V 100V
DIM A B C D E F G H J K L M P
F
P
1 2 3
E
M B
Maximum RMS Voltage 7V 10V 14V 21V 25V 28V 32V 42V 56V 70V
1
2
3
G J D
K
C
H
L
DIMENSIONS INCHES MIN 1/4 -------.400 .027 .088 .350 .777 .695 .104 .240 .115 .230 .065 .015 MM MAX -------NOM .037 .098 .370 .797 .715 .124 .260 .135 .250 .085 .025 MIN -------10.16 0.69 2.24 8.89 19.74 17.65 2.64 6.10 2.92 5.84 1.65 0.38 MAX -------NOM 0.94 2.49 9.40 20.24 18.16 3.15 6.60 3.43 6.35 2.16
0.64
Electrical Characteristics @ 25
Average Forward (Per pkg) Current Peak Forward Surge (Per leg) Current Maximum (Per leg) Instantaneous NOTE (1) Forward Voltage NOTE (1) Maximum Instantaneous Reverse Current At Rated DC Blocking Voltage (Per leg) IF(AV) IFSM VF
Unless Otherwise Specified
60A 600A
0.55V 0.75V 0.84V
NOTE
2PL
TC =105
8.3ms , half sine
(FST6210SL~FST6245SL) (FST6260SL) (FST6280SL~FST62100SL) IFM = 30 A; T j = 25
IR
3.0 mA 500 mA
TJ = 25 TJ = 125
Maximum Thermal Resistance Junction (Per leg) To Case
R jc
1.2 C/W
NOTE : (1) Pulse Test: Pulse Width 300 usec, Duty Cycle < 2%
FST6210SL THRU
FST62100SL
Figure .1-Typical Forward Characteristics
30
Average ForwArd Rectified Current - AmPeres
Figure .2- Forward Derating Curve
1000 600
I nStantaneous Forward Current - Amperes Amps Per leg
400 200 100 60 40 20 10 6.0 FST6280SL~ FST62100SL FST6260SL FST6210SL~ FST6245SL
Per leg
Amps
T =25 J
20
10
5 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 0 20 40 60 80 100 120
Case Te mperature -
4.0 2.0 1.0
0
0.2
0.4
0.6
Volts
0.8
1.0
1.2
1000 600 400 200
Figure .4-Typical Reverse Characteristics
Instantaneous Forward Voltage - Volts
Tj =150 C
Instantaneous Reverse Leakage Current - Mill Amperes
100 60 40 20
Tj =125 C
Peak Forward Surge Current -Amperes Amps Per leg
500 400 300 200 100 0 1 2 4
8.3ms Single Half Sine Wave JEDEC method T =25 J
m Amps
600
Figure .3- Peak Forward Surge Current
10 6 4 2 1 .6 .4 .2 .1 .06 .04 .02 .01 0 10 20 30 40 Volts Reverse Voltage - Volts 50 60 70 80 90 100
T =25 J T =75 J
6
8 10 20 Cycles
40
60 80 100
Number Of Cycles At 60Hz - Cycles


▲Up To Search▲   

 
Price & Availability of FST6220SL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X