Part Number Hot Search : 
ON1111 68710H VCS1625 Q4840 SDA803AS 1GT101DC P89C52BN 1N5236
Product Description
Full Text Search
 

To Download ES1002FL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ES1001FL~ES1002FL
SMALL SURFACE MOUNT ULTRAFAST DIODES VOLTAGE FEATURES
* For surface mounted applications * Low profile package * Ideal for automated placement * Glass Passivated * High temperature soldering : 26OC / 10 seconds at terminals * Pb free product : 99% Sn above can meet RoHS environment substance directive request
100 to 200 Volts
CURRENT
1.0 Amperes
MECHANICAL DATA
* Case: JEDEC DO-219AB, Molded plastic over passivated junction. * Terminals: Solderable per MIL-STD-750, Method 2026 * Polarity : Color band denotes positive end (cathode) * Standard Packaging : 8mm tape (EIA-481) * Approx. Weight: 0.0168 gram
MAXIMUM RATINGS
Ratings at 25C ambient temperature unless otherwise specified.
PARAMETER Maxi mum repeti tve peak reverse voltage Maxi mum RMS voltage Maxi mum D C blocki ng voltage Maxi mum average forward recti fi ed current Peak forward surge current 8.3ms si ngle half si newave Operati ng juncti on and storage temperature range Ttp=105OC TA=65OC TL=25OC Test condi ti on Symbol VRRM VRMS VDC IF(AV) E S 1001F L 100 70 100 1.2 0.5 16.5 -50 to +150 E S 1002F L 200 140 200 UNITS V V V A
IFSM TJ ,TSTG
A
OC
ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
PARAMETER Maxi mum i nstantaneous forward voltage Maxi mum D C reverse current at rated D C blocki ng voltage Test condi ti on 1.0A TA=25OC TA=100OC IF=0.5A IR=1A trr=0.25A 4V,1MHz Symbol VF E S 1001F L 0.95 10 50 E S 1002F L UNITS V
IR
uA
Reverse recovery ti me
trr CJ
35
ns
Typi cal capaci tance
4
pF
STAD-NOV.30.2005
PAGE . 1
ES1001FL~ES1002FL
THERMAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
PARAMETER Thermal resistance junction to ambient air Test condition Symbol R JA E S 1001F L 180 E S 1002F L UNITS
O
C/W
RATING AND CHARACTERISTIC CURVES
10
7 6 f=1MHz
1
I F[A]
C D[ PF]
Typical@25 C O Typical@150 C O Typical@100 C
O
5 4 3
0.1
0.01
2 1
0.001 0 0.20 0.40 0.60 0.80 V F[V] 1.00 1.20 1.40
0 0.1
1 V R[V]
10
100
Fig.1-Typical forward characteristics
Fig.3-Typ. diode capacitance vs. Reverse voltage
1000
1.4 1.2 1.0 0.8 0.6 0.4 0.2 0
T J = 2 5 OC T J = 5 0 OC T J = 7 5 OC T J = 1 0 0 OC T J = 1 2 5 OC T J = 1 5 0 OC T J = 0 OC T J = 5 0 OC
Average forward current [A]
100
I R [ mA]
10 1 0.1
Ambient temperature tie point temperature
0.01 0
0 25 50 75 100
O
20
40
60
80
100
125
150
Temperature (Ambient or Tie)[ C]
Percent of peak reverse voltage,%
Fig.2-Forward current derating curve
Fig.4-Typical reverse characteristics
STAD-NOV.30.2005
PAGE . 2
ES1001FL~ES1002FL
MOUNTING PAD LAYOUT
ORDER INFORMATION
* Packing information T/R - 10K per 13" plastic Reel T/R - 3K per 7" plastic Reel
LEGAL STATEMENT
Copyright PanJit International, Inc 2005
The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others.
STAD-NOV.30.2005
PAGE . 3


▲Up To Search▲   

 
Price & Availability of ES1002FL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X