|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DATA SHEET ER100S thru ER106S SUPERFAST RECOVERY RECTIFIERS VOLTAGE FEATURES * Plastic package has Underwriters Laboratories Flammability Classification 94V-O utilizing Flame Retardant Epoxy Molding Compound. * Superfast recovery times-epitaxial construction. * Low forward voltage, high current capability. * Exceeds environmental standards of MIL-S-19500/228. * Hermetically sealed. * Low leakage. .205(5.2) .025(.64) .021(.53) 50 to 600 Volts CURRENT 1.0 Ampere A-405 Unit: inch(mm) * Both normal and Pb free product are available : Normal : 80~95% Sn, 5~20% Pb Pb free: 98.5% Sn above .160(4.1) * High surge capability. 1.0(25.4)MIN. MECHANICALDATA Case: Molded plastic, A-405. Terminals: Axial leads, solderable to MIL-STD-202, Method 208. Polarity: Color Band denotes cathode end. Mounting Position: Any Weight: 0.008 ounce, 0.22 gram MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25C ambient temperature unless otherwise specified. Resistive or inductive load, 60Hz. PA RA M E TE R M a xi m um R e c ur r e nt P e a k R e ve r s e V o l t a g e M a xi m um R M S V o l t a g e M a xi m um D C B l o c k i ng V o l t a g e M a xi m um A ve r a g e F o r w a r d C ur r e nt . 3 7 5 " ( 9 . 5 m m ) l e a d l e ng t h a t T A = 5 5 OC P e a k F o r w a r d S ur g e C ur r e nt : 8 . 3 m s s i ng l e ha l f s i ne w a ve s up e r i m p o s e d o n r a t e d l o a d ( J E D E C m e t ho d ) M a xi m um F o r w a r d V o l t a g e a t 1 . 0 A M a x i m u m D C R e v e r s e C u r r e n t TA = 2 5 O C a t R a t e d D C B l o c k i n g V o l t a g e TA = 1 0 0 O C Ty p i c a l J u n c t i o n c a p a c i t a n c e ( N o t e 2 ) M a x i m u m R e v e r s e R e c o v e r y Ti m e ( N o t e 1 ) Ty p i c a l T h e r m a l R e s i s t a n c e O p e r a t i n g J u n c t i o n a n d S t o r a g e Te m p e r a t u r e R a n g e S YM B O L E R 1 0 0 S V RRM V RMS V DC IAV IFSM VF IR CJ TRR R J A TJ , T S TG 0 .9 5 5 .0 150 17 35 50 - 5 5 TO + 1 5 0 O E R1 0 1 S E R1 0 1 A S E R1 0 2 S E R1 0 3 S E R1 0 4 S E R1 0 6 S 100 70 100 150 105 150 200 140 200 1 .0 30 1 .2 5 1 .7 300 210 300 400 280 400 600 420 600 1.0(25.4)MIN. .107(2.7) .080(2.0) U N IT S V V V A A V uA pF ns C/W 50 35 50 O C NOTES: 1. Reverse Recovery Test Conditions: IF=.5A, IR=1A, Irr=.25A 2. Measured at 1 MHz and applied reverse voltage of 4.0 VDC STAD-SEP.12.2003 PAGE . 1 RATING AND CHARACTERISTIC CURVES 100 AVERAGE FORWARD RECIFIED CURRENT AMPERES T J = 25 C f = 1.0MHz Vsig = 50mVp-p O 1.5 CAPACITANCE, pF SINGLE PHASE, HALF-WAVE, 60Hz RESISTIVE OR INDUCTIVE LOAD P.C.B MOUNTED ON 0.3 x 0.3" (8.0 x 8.0 mm)COPPER PAD AREAS 1.0 10 0.5 0 1 0.1 1 10 0 20 40 60 80 100 120 O 140 160 180 100 LEAD TEMPERATURE, C REVERSE VOLTAGE, VOLTS FIG.1 TYPICAL JUNCTION CAPACITANCE FIG.2 MAXIMUM AVERAGE FORWARD CURRENT DERATING 10 10 INVSTANTANEOUS REVERSE CURRENT, MICROAMPERES INSTANTANEOUS FORWARD CURRENT, AMPERES 50-200V 300-400V 600V 1.0 T J= 1 2 5 OC 1.0 0.1 T J= 7 5 C O T J =25 OC 0.01 0 20 40 60 80 100 T A =25 OC 0.1 0.4 0.8 1.2 1.6 2.0 PERCENT OF RATED PEAK INVERSE VOLTGE, VOLTS INSTANTANEOUS FORWARD VOLTAGE VOLTS FIG.3 TYPICAL REVERSE CHARACTERISTICS FIG.4 TYPICAL FORWARD CHARACTERISTICS FORWARD SURGE CURRENT, AMPERES pk (HALF-SING WAVE) 35 30 25 20 15 10 5 1 2 4 6 8 10 20 40 60 80 100 NUMBER OF CYCLES AT 60Hz FIG.5 MAXIMUM NON-REPEITIVE SURGE CURRENT STAD-SEP.12.2003 PAGE . 2 |
Price & Availability of ER100S03 |