|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DATA SHEET ER1000F~ER1004F ISOLATION SUPERFAST RECOVERY RECTIFIERS VOLTAGE FEATURES .112(2.85) .100(2.55) .272(6.9) .248(6.3) 50 to 400 Volts CURRENT 10 Amperes ITO-220AC Unit : inch (mm) * Plastic package has Underwriters Laboratory Flammability Classification 94V-O. Flame Retardant Epoxy Molding Compound. * Exceeds environmental standards of MIL-S-19500/228 * Low power loss, high efficiency. * High surge capacity. * Super fast recovery times, high voltage. * Both normal and Pb free product are available : Normal : 80~95% Sn, 5~20% Pb Pb free: 98.5% Sn above * Low forwrd voltge, high current capability .406(10.3) .381(9.7) .134(3.4) .118(3.0) .189(4.8) .165(4.2) .130(3.3) .114(2.9) .606(15.4) .583(14.8) MECHANICALDATA Case: ITO-220AC Molded plastic Terminals: Lead solderable per MIL-STD-202, Method 208 Polarity: As marked. Standard packaging: Any Weight: 0.08 ounces, 2.24grams. .055(1.4) .039(1.0) .035(0.9) .011(0.3) .1 (2.55) .1 (2.55) .161(4.1)MAX .543(13.8) .512(13.0) .071(1.8) .055(1.4) .114(2.9) .098(2.5) .032(.8) MAX MAXIMUM RATING AND ELECTRICAL CHARACTERISTICS Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% PA RA M E TE R M a xi m um R e c ur r e nt P e a k R e ve r s e V o l t a g e M a xi m um R M S V o l t a g e M a xi m um D C B l o c k i ng V o l t a g e M a xi m um A ve r a g e F o r w a r d C ur r e nt . 3 7 5 " ( 9 . 5 m m ) l e a d l e n g t h a t Tc = 1 0 0 O C P e a k F o r w a r d S ur g e C ur r e nt , 8 . 3 m s s i ng l e ha l f s i ne - w a ve s up e r i m p o s e d o n r a t e d l o a d ( J E D E C m e t ho d ) M a xi m um F o r w a r d V o l t a g e a t 1 0 A , p e r e l e m e nt M a x i m u m D C R e v e r s e C u r r e n t a t TA = 2 5 O C R a t e d D C B l o c k i n g V o l t a g e TA = 1 0 0 O C M a x i m u m R e v e r s e R e c o v e r y Ti m e ( N o t e 2 ) Ty p i c a l J u n c t i o n c a p a c i t a n c e ( N o t e 1 ) M a xi m um The r m a l R e s i s t a nc e O p e r a t i n g J u n c t i o n a n d S t o r a g e Te m p e r a t u r e R a n g e S YM B O L V RRM V RMS V DC IAV IFSM VF IR TRR CJ R J C TJ , T S TG E R1 0 0 0 F 50 35 50 E R1 0 0 1 F 100 70 100 E R1 0 0 1 A F 150 105 150 1 0 .0 150 E R1 0 0 2 F 200 140 200 E R1 0 0 3 F 300 210 300 E R1 0 0 4 F 400 280 400 U N IT S V V V A A 0 .9 5 10 500 35 62 3 .0 - 5 0 TO + 1 5 0 1 .3 0 V uA 50 ns pF O C/W O C NOTES: 1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC. 2. Reverse Recovery Test Conditions: IF=.5A, IR=1A, Irr=.25A. 3. Both Bonding and Chip structure are available. STAD-APR.19.2004 PAGE . 1 RATING AND CHARACTERISTIC CURVES AVERAGE FORWARD CURRENT, AMPERES 8 6 4 .375"9.5mm LEADLENGHTS RESISTIVEORINDUCTIVE LOAD PEAK FORWARD SURGE CURRENT, 10 150 125 100 75 50 25 0 8.3ms Single Half Since-Wave JEDEC Method 2 0 0 20 40 60 80 100 O 120 140 160 1 2 5 10 20 50 100 CASE TEMPERAURE, C Fig.1- FORWARD CURRENT DERATING CURVE NO. OF CYCLE AT 60HZ Fig.2- MAXIMUM NON - REPETITIVE SURGE CURRENT 10 3 40 FORWARD CURRENT, AMPERES 20 10 8 6 4 2 1.0 .8 .6 .4 .2 50-200V REVERSE CURRENT, uA 10 2 T J =125 C O 300-400V 10 1 10 0 10 -1 T J =25 C O T A =25 C O 10 -2 .1 20 40 60 80 100 120 .6 .7 .8 .9 1.0 1.1 1.2 1.3 PERCENT OF RATED PEAK REVERSE VOLTAGE, % FORWARD VOLATGE, VOLTS Fig.3- TYPICAL REVERSE CHARACTERISTIC Fig.4- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTIC STAD-APR.19.2004 PAGE . 2 |
Price & Availability of ER1000F04 |