Part Number Hot Search : 
AEP099SI MAX41 1100H BC807 FH620 HER108G DM74A DM74A
Product Description
Full Text Search
 

To Download ER100004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
ER1000~ER1004
SUPERFAST RECOVERY RECTIFIERS VOLTAGE
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O. Flame Retardant Epoxy Molding Compound. * Exceeds environmental standards of MIL-S-19500/228 * Low power loss, high efficiency. * Low forwrd voltge, high current capability * High surge capacity. * Super fast recovery times, high voltage. * Both normal and Pb free product are available : Normal : 80~95% Sn, 5~20% Pb
.50(12.7)MIN
.177(4.5)MAX
.419(10.66) .387(9.85) .139(3.55) MIN
50 to 400 Volts
CURRENT
10 Amperes
TO-220AC
Unit : inch (mm)
.196(5.00) .163(4.16) .054(1.39) .045(1.15)
.269(6.85) .226(5.75)
.624(15.87)
Pb free: 98.5% Sn above
MECHANICALDATA
Case: ITO-220AC Molded plastic Terminals: Lead solderable per MIL-STD-202, Method 208 Polarity: As marked. Standard packaging: Any Weight: 0.08 ounces, 2.24grams.
.038(0.96) .019(0.50)
.548(13.93)
.025(0.65)MAX
.1(2.54)
.1(2.54)
MAXIMUM RATING AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
PA RA M E TE R M a xi m um R e c ur r e nt P e a k R e ve r s e V o l t a g e M a xi m um R M S V o l t a g e M a xi m um D C B l o c k i ng V o l t a g e M a xi m um A ve r a g e F o r w a r d C ur r e nt . 3 7 5 " ( 9 . 5 m m ) l e a d l e n g t h a t Tc = 1 0 0 O C P e a k F o r w a r d S ur g e C ur r e nt , 8 . 3 m s s i ng l e ha l f s i ne - w a ve s up e r i m p o s e d o n r a t e d l o a d ( J E D E C m e t ho d ) M a xi m um F o r w a r d V o l t a g e a t 1 0 A , p e r e l e m e nt M a x i m u m D C R e v e r s e C u r r e n t a t TA = 2 5 O C R a t e d D C B l o c k i n g V o l t a g e TA = 1 0 0 O C M a x i m u m R e v e r s e R e c o v e r y Ti m e ( N o t e 2 ) Ty p i c a l J u n c t i o n c a p a c i t a n c e ( N o t e 1 ) M a xi m um The r m a l R e s i s t a nc e O p e r a t i n g J u n c t i o n a n d S t o r a g e Te m p e r a t u r e R a n g e
S YM B O L V RRM V RMS V DC IAV IFSM VF IR TRR CJ R J C TJ , T S TG
E R1 0 0 0 50 35 50
E R1 0 0 1 100 70 100
E R1 0 0 1 A 150 105 150
E R1 0 0 2 200 140 200
E R1 0 0 3 300 210 300
E R1 0 0 4 400 280 400
U N IT S V V V A A
1 0 .0 150 0 .9 5 10 500 35 62 3 .0 - 5 0 TO + 1 5 0
O
1 .3 0
V uA
50
ns pF C/W
O
C
NOTES: 1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC. 2. Reverse Recovery Test Conditions: IF=.5A, IR=1A, Irr=.25A. 3. Both Bonding and Chip structure are available.
STAD-AUG.24.2004
PAGE . 1
RATING AND CHARACTERISTIC CURVES
AVERAGE FORWARD CURRENT, AMPERES
8 6 4
.375"9.5mm LEADLENGHTS RESISTIVEORINDUCTIVE LOAD
PEAK FORWARD SURGE CURRENT,
10
150 125 100 75 50 25 0
8.3ms Single Half Since-Wave JEDEC Method
2 0 0 20 40 60 80 100
O
120
140
160
1
2
5
10
20
50
100
CASE TEMPERAURE, C Fig.1- FORWARD CURRENT DERATING CURVE
NO. OF CYCLE AT 60HZ
Fig.2- MAXIMUM NON - REPETITIVE SURGE CURRENT
10
3
40
FORWARD CURRENT, AMPERES
20 10 8 6 4 2 1.0 .8 .6 .4 .2
50-200V
REVERSE CURRENT, uA
10
2
T J =125 C
O
300-400V
10
1
10
0
10
-1
T J =25 C
O
T A =25 OC
10
-2
.1
20
40
60
80
100
120
.6
.7
.8
.9
1.0
1.1
1.2
1.3
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
FORWARD VOLATGE, VOLTS
Fig.3- TYPICAL REVERSE CHARACTERISTIC
Fig.4- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTIC
STAD-AUG.24.2004
PAGE . 2


▲Up To Search▲   

 
Price & Availability of ER100004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X