|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Optoway 1490 nm DFB LASER DIODE MODULE 2.5 Gbps UNCOOLED MQW DFB LD WITH PIGTAIL FEATURES 1490 nm Uncooled Laser Diode with MQW Structure High Reliability, Long Operation Life Single Frequency Operation with High SMSR Speed up to 2.5 Gbps 0 to 70oC operation without active cooling Build-in InGaAs monitor APPLICATION Trunk Line, OTDR DL-5300S-1490 ******************************************************************************************************************************************************** DL-5300S-1490 ******************************************************************************************************************************************************* DESCRIPTION DL-5300S-1490 series are designed for coupling a single mode optical fiber with 1490 nm MQW DFB uncooled laser diode. These modules are ideally suitable for long reach and intermediate reach OC-3, OC-12, and Gigabit Ethernet transmission application. ELECTRICAL AND OPTICAL CHARACTERISTICS (TC=25 C) Symbol Ith VOP Pf Parameter Threshold Current Operating Voltage Optical Output Power Part No: DL-532XS-1490 DL-533XS-1490 Center Wavelength CW CW, IF= Ith+20mA CW, IF= Ith+20mA 1.0 2.0 1483 30 mW 1490 35 150 100 1.5 1500 0.1 1495 nm dB ps dB A A Test Conditions Min. Typ. 10 1.2 Max. 15 1.5 Unit mA V c SMSR t r, t f P f / P f Im ID CW, Po= P f Side Mode Suppression Ratio CW, Ith+20mA Rise And Fall Times Tracking Error PD Monitor Current PD Dark Current IF=Ith, Ith+20mA , 20~ 80% APC, 0~+70 C CW, Ith+20mA ,VRD=1V VRD=5V Ct PD Capacitance VRD=5V, f=1MHz 10 15 pF ABSOLUTE MAXIMUM RATINGS (TC=25 C) Symbol Po VRL VRD IFD Topr Tstg Parameter Optical Output Power (532XS/533XS) LD Reverse Voltage PD Reverse Voltage PD Forward Current Operating Temperature Storage Temperature Ratings 1.5/3 2 10 1.0 0 to 70 -40~+85 Unit mW V V mA C C ******************************************************************************************************************************************************* OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax:886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 3/1/2003 V1.0 Optoway MECHANICAL DIMENSION (mm) and PIN ASSIGNMENT DL-5300S-1490 ******************************************************************************************************************************************************** Note: Specifications subject to change without notice. ORDER INFORMATION Part No.: D L - Code 2 3 Pout (mw) 1 2 53 -1 4 9 0 - Code V H X Code S F T X SA FA TA Flange Vertical Horizontal No Flange Connector SC/PC FC/PC ST/PC No connector SC/APC FC/APC ST/APC Isolator No Single-Stage Code Blank S Code Pin Assignment 0 Type A 5 Type B 8 Type C Code Blank S Speed 1.25 Gbps 2.5 Gbps ******************************************************************************************************************************************************* OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax:886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 3/1/2003 V1.0 |
Price & Availability of DL-5300S-1490 |