Part Number Hot Search : 
CM0603 278BZC BD240C IQ724 N4091 AD8398A PS2196 M61541FP
Product Description
Full Text Search
 

To Download DL-5120S-1490 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optoway
1490 nm DFB LASER DIODES
MQW-DFB LASER DIODES FEATURES
Uncooled Laser Diode with MQW Structure High Reliability, Long Operation Life 5 mW CW Operation at 0 C ~ +70 C Single Frequency Operation with High SMSR Build-in InGaAs Monitor Flat Window Cap Package (DL-510X-1490) Aspherical Lens Cap Package (DL-512X-1490)
DL-5100-1490 DL-5100-1490 Series
**************************************************************************************************************************************************************
**************************************************************************************************************************************************************
APPLICATION
OC-3, OC-12 and Gigabit Ethernet Optical communication system
DESCRIPTION
DL-5100-1490 series are MQW-DFB laser diodes that provide a durable, single frequency oscillation with emission wavelength of 1490 nm. DL-5100-1490 series are hermetically sealed devices with the build-in photodiode for output monitoring.
ELECTRICAL AND OPTICAL CHARACTERISTICS (TC=25 C)
Symbol Ith VOP Parameter Threshold Current Operating Voltage Slope Efficiency Part No:DL-510X-1490 DL-512X-1490 Center Wavelength Side Mode Suppression Ratio Beam Divergence Beam Divergence (Parallel) CW CW, Ith+20mA CW, Ith+20mA 0.15 0.15 1483 30 0.25 0.22 1490 35 25 35 0.226 100 0.1 10 1.5 15 mW/mA 1495 nm dB deg. deg. ns A A pF mW Test Conditions Min. Typ. 10 1.2 Max. 15 1.5 Unit mA V
c SMSR t r, t f Im ID Ct Pf
CW, Ith+20mA CW, Ith+20mA CW, Ith+20mA
(Perpendicular) CW, Ith+20mA IF=Ith, Ith+20mA,20~ 80% CW, Ith+20mA,VRD=1V VRD=5V VRD=5V, f=1MHz CW, Ith+20mA , SM fiber
Rise And Fall Times PD Monitor Current PD Dark Current PD Capacitance Fiber Coupled Power Part No:DL-512X-1490
**************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax:886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 1/1/2003 V1.0
Optoway
ABSOLUTE MAXIMUM RATINGS (TC=25 C) Symbol Po VRL VRD IFD Topr Tstg Parameter Optical Output Power LD Reverse Voltage PD Reverse Voltage PD Forward Current Operating Temperature Storage Temperature Ratings 6 2 15 2 0~70 -40 ~ +85 Unit mW V V mA C C
DL-5100-1490
**************************************************************************************************************************************************************
MECHANICAL DIMENSION (mm) and PIN ASSIGNMENT
Note: Specifications subject to change without notice.
ORDER INFORMATION
Part No.: D L- 5 1 - 1 4 9 0
Code Cap Type 0 Flat Window 2 Aspherical Lens
Code Blank S Code 0 5 8
Speed 1.25 Gbps 2.5 Gbps Pin Assignment Type A Type B Type C
**************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC.
No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 Fax:886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 1/1/2003 V1.0


▲Up To Search▲   

 
Price & Availability of DL-5120S-1490

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X