Part Number Hot Search : 
W83697 WJ115F1 1N3289 1510G 63245 MB90F 334UTG ASXXX
Product Description
Full Text Search
 

To Download DI10004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
DI100~DI1010
DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
VOLTAGE 50 to 400 Volts CURRENT 1.0 Amperes
DIP
Unit : inch (mm)
Recongnized File #E111753
FEATURES
* Plastic material used carries Underwriters Laboratory recognition 94V-O * Low leakage
.315(8.00) .285(7.24) .255(6.5) .245(6.2)
.335(8.51) .316(8.05)
* Ideal for printed circuit board * Exceeds environmental standards of MIL-S-19500/228 * Pb free product are available : 99% Sn above can meet Rohs environment substance directive request
.089(2.5) .086(2.2)
.045(1.14) .035(0.89) .022(0.56) .018(0.46)
MECHANICALDATA
Case: Reliable low cost construction utilizing molded plastic technique results in inexpensive product Terminals: Lead solderable per MIL-STD-202G, Method 208 Polarity: Polarity symbols molded or marking on body Mounting Position: Any Weight: 0.02 ounce, 0.4 gram
.185(4.69) .150(3.81)
.205(5.2) .195(5.0)
.075(1.90) .055(1.39)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.Single phase, half wave, 60Hz, Resistive or inductive load. For capacitive load, derate current by 20%
PA RA M E TE R M a xi m um R e c ur r e nt P e a k R e ve r s e V o l t a g e M a x i m u m R M S B r i d g e In p u t V o l t a g e M a xi m um D C B l o c k i ng V o l t a g e M a xi m um A ve r a g e F o r w a r d C ur r e nt T A = 4 0 OC P e a k F o r w a r d S ur g e C ur r e nt : 8 . 3 m s s i ng l e ha l f s i ne - w a ve s up e r i m p o s e d o n r a t e d l o a d ( J E D E C m e t ho d ) I2 t R a t i n g f o r f u s i n g ( t < 8 . 3 5 m s ) M a xi m um F o r w a r d V o l t a g e D r o p p e r B r i d g e E l e m e nt a t 1 . 0 A M a xi m um D C R e ve r s e C ur r e nt T J = 2 5 OC a t R a t e d D C B l o c k i ng V o l t a g e T J = 1 2 5 OC Ty p i c a l J u n c t i o n c a p a c i t a n c e ( N o t e 1 ) Ty p i c a l t h e r m a l r e s i s t a n c e p e r l e g ( ( N o t e 2 ) S YM B O L V RRM V RMS V DC IAV IFSM I2 t VF IR CJ R J A R J L TJ,TSTG D I1 0 0 50 35 50 D I1 0 1 100 70 100 D I1 0 2 200 140 200 D I1 0 4 400 280 400 1 .0 30 3 .7 3 5 1 .1 5 .0 500 25 40 15 -5 5 to + 1 5 0
O
D I1 0 6 600 420 600
D I1 0 8 800 560 800
D I1 0 1 0 1000 700 1000
.350(8.9) .300(7.6)
* Surge overload rating-- 30 amperes peak
U N IT S V V V A A A 2t V uA pF C/W
O
O p e r a t i n g J u n s t i o n a n d S t o r a g e Te m p e r a t u r e R a n g e
C
NOTES: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts 2. Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.5 X 0.5"(13 X 13mm) copper pads
STAD-APR.20.2004
PAGE . 1
RATING AND CHARACTERISTIC CURVES
AVERAGE FORWARD OUTPUT CURRENT, AMPERES
3.0
INSTANTANEOUS FWD CUTTENT, AMPERES
2.5
2.0
T J =25 C Pulse Width = 200uS
O
1.5
1.0
0.5
0 0 50 100 150
AMBIENT TEMPERATURE, O C
INSTANTANEOUS FWD VOLTAGE, VOLTS
F I G . 1 D E R AT I N G C U RV E F O R O U T P U T RECTIFIED CURRENT
FIG.2 TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS REVERSE CURRENT,uA
FORWARD SURGE CURRENT, AMPERES pk (HALF SINE-WAVE)
10
50
TA = 100 C
O
40
1.0
30
20
0.1 TA= 25 O C
10
0.01 0 20 40 60 80 100 120 140
0 1 2 6 10 20 40 60 100
PERCENT OF PEAK REVERSE VOLTAGE, %
NO. OF CYCLES AT 60Hz
FIG.3 TYPICAL REVERSE CHARACTERISTICS
FIG.4 MAX NON-REPETITIVE SURGE CURRENT
STAD-APR.20.2004
PAGE . 2


▲Up To Search▲   

 
Price & Availability of DI10004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X