Part Number Hot Search : 
TC5043P ST150A91 GC89F SXX10DS2 LT083 SR5507 T60013 40AB8B
Product Description
Full Text Search
 

To Download CXO Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CXO OSCILLATOR
300 kHz to 170 MHz
TM
Low Profile Miniature Surface Mount Crystal Oscillator
DESCRIPTION
Statek's surface-mount CXO oscillators consist of a Statek miniature quartz crystal and a CMOS/TTL compatible hybrid circuit in a low-profile ceramic package with a small footprint. In addition to the conventional solder or epoxy electrical connection techniques, bond pads on the topside of the CXO allow it to be connected electrically in a hybrid assembly using wire bonds.
FEATURES
0 033 M T60
actual size
side view
Designed for surface mount applications using infrared, vapor phase, or epoxy mount techniques CMOS and TTL compatible Low power consumption Optional Output Enable/Disable with Tri-State Low EMI emission High shock resistance Full military testing available Hermetically sealed ceramic package Wire bond pads for hybrids
APPLICATIONS PACKAGE DIMENSIONS
3
2
2
E
3
A
TOP
D
BOTTOM
Military & Aerospace Smart munitions Cockpit systems Navigation Industrial, Computer & Communications Industrial controls Instrumentation Microprocessor clocks Medical Infusion pumps
SUGGESTED LAND PATTERN
0.275 (6.99)
4
B
1
C
1
F
4
TYPICAL DIM A B C (SM1) D E F inches 0.400 0.180 0.051 0.340 0.125 0.050 mm 10.16 4.57 1.30 1.40 8.64 3.18 1.27
MAXIMUM inches 0.405 0.190 0.055 0.063 0.350 0.135 0.060 mm 10.29 4.83 1.40 1.60 8.89 3.43 1.52
C (SM3/SM5) 0.055
0. 30 (3.30) 1
0.070 (1.78)
PIN CONNECTIONS
0.060 (1.52)
1. Enable/Disable (E or T) or not connected (N) 2. Ground 3. Output
GRID PLACEMENT COURTYARD
0.140 (3.56)
0.135 (3.43) inches (mm)
4. VDD
10106 Rev F
S
YS
TEM
CERTIFIC
AT
N IO
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
01
Pb
IS O
90
SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
Specifications are typical at 25OC unless otherwise noted. Specifications are subject to change without notice. Tighter specifications available. Please contact factory. Supply Voltage1
_ 5.0 V + 10% + _ 10% 3.3 V + _ 100 ppm Calibration Tolerance3 + _ Frequency Stability 50 ppm for Commercial + 4 _ 100 ppm for Industrial Over Temperature + _ 100 ppm for Military Supply Current 3.3 V 5.0 V (Typical) 10 MHz 2 mA 4 mA 24 MHz 4 mA 8 mA 30 MHz 6 mA 10 mA 40 MHz 8 mA 12 mA 50 MHz 10 mA 14 mA CMOS5 15 pF Start-up Time 5 ms MAX Rise/Fall Time 6 ns MAX Duty Cycle 40% MIN, 60% MAX Aging, first year 10 ppm MAX 6 Shock, survival 3,000 g, 0.3 ms, 1/2 sine 7 Vibration, survival 20 g , 10-2000 Hz swept sine Operating Temp. Range -10OC to +70OC (Commercial) -40OC to +85OC (Industrial) -55OC to +125OC (Military)
Supply Voltage VDD -0.5 V to 7.0 V Storage Temperature -55OC to +125OC Maximum Process Temperature 260OC for 20 seconds
ENABLE/DISABLE OPTIONS (E/T/N)
300 kHz to 120 MHz2 300 kHz to 170 MHz2
Statek offers three enable/disable options: E, T, and N. Both the E-version and T-version have Tri-State outputs and differ in whether the oscillator continues to run internally when the output is put into the high Z state: it stops in the E-version and continues to run in the T-version. So, the E-version offers very low current consumption when the oscillator is disabled and the T-version offers very fast output recovery when the oscillator is re-enabled. The N-version does not have PIN 1 connected internally and so has no enable/disable capability. The following table summarizes the three options.
COMPARISON OF ENABLE/DISABLE OPTIONS E AND T
E When enabled (PIN 1 is high*) Output Oscillator Current consumption When disabled (PIN 1 is low) Output Oscillator Current consumption High Z state Stops Very low Freq. output Oscillates Normal
T
Freq. output Oscillates Normal
Other voltages available. Contact factory. Not all frequencies available at all voltage/enable combinations. Other tolerances available. Does not include calibration tolerance. Other tolerances available. Higher CMOS loads and TTL loads available. Contact factory. Higher shock version available. Contact factory about CXOHG. Per MIL-STD-202G, Method 204D, Condition D. Random vibration testing also available. Note: All parameters are measured at ambient temperature with a 10M ,15 pF load.
1. 2. 3. 4. 5. 6. 7.
High Z state Oscillates Lower than normal
When re-enabled (PIN 1 changes from low to high) Output recovery Delayed Immediate
PACKAGING OPTIONS
CXO
- Tray Pack - 16 mm tape, 7 or 13 reels Per EIA 418 (see Tape and Reel data sheet 10109)
* When PIN 1 is allowed to float, it is held high by an internal pull-up resistor.
HOW TO ORDER CXO SURFACE MOUNT CRYSTAL OSCILLATORS CXO S
"S" if special, custom design, or if the voltage is not 5.0 V. Otherwise, leave blank.
T
Enable/Disable Option E, T or N
SM3
32.0M ,
100
Calibration Tolerance @ 250C (in ppm)
/
100
/
/
I
Temp. Range: C = -10OC to +70OC I = -40OC to +85OC M = -55OC to +125OC S = Customer Specified
Terminations Frequency Blank = SM1 K = kHz = Gold Plated M = MHz SM3 = Solder Dipped SM5 = Solder Dipped Lead Free
Frequency Stability over Temp.Range (in ppm)
OR
/ / 200
Total Frequency Tolerance (in ppm)
/
I
Temp. Range: C = -10OC to +70OC I = -40OC to +85OC M = -55OC to +125OC S = Customer Specified 10106 Rev F
S
YS
TEM
CERTIFIC
AT
N IO
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
01
Pb
IS O
90


▲Up To Search▲   

 
Price & Availability of CXO

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X