Part Number Hot Search : 
TK10A60W P6KE36A SB580 1N254 CMZ5377B DP90F18 TK10A60W SF10DG
Product Description
Full Text Search
 

To Download CX9SM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CX9SM AT CRYSTAL
14 MHz to 250 MHz
TM
Low Profile, Ultra-Miniature Surface Mount AT Quartz Crystal
DESCRIPTION
Designed and manufactured in the USA, Statek's CX9SM AT quartz crystal is the newest device available in frequencies ranging from 14 MHz to 250 MHz. This device has been specifically designed for applications requiring a very small foot print and low profile. It is 4.1 mm x 1.5 mm with a height under 1 mm. Using micro-machining processes, this surface-mountable crystal is hermetically sealed within an ultra-miniature ceramic package to ensure high stability and low aging. Tight calibration and excellent frequency/temperature stability make the CX9SM ideally suited for many high frequency applications.
FEATURES
actual size
glass lid ceramic lid
PACKAGE DIMENSIONS
side view
A
TOP
BOTTOM
Low profile (less than 1 mm) Ultra-miniature, surface mount design Available with glass or ceramic lid Hermetically sealed ceramic package High shock and vibration survival Excellent aging characteristics Designed for low power applications Full military testing available Designed and manufactured in the USA
APPLICATIONS
D B C
TYPICAL DIM A B C D inches 0.160 0.060 0.031 mm 4.10 1.50 0.79
MAXIMUM inches 0.170 0.068 0.038 mm 4.32 1.73 0.97
see below
Medical Neurostimulators Medical Telemetry Chronic Pain Management Cochlear Implants Infusion Pumps Military & Aerospace Avionic Indicators and Instrumnts Cockpit Instrumentation Displays Data Communications Survival radio Industrial, Computer & Communications Communications Transmitters Pulse Generators Tracking Beacons Wildlife Telemetry
THICKNESS (DIM C) MAXIMUM
GLASS LID MAX SM1 SM2/SM4 SM3/SM5 inches 0.034 0.034 0.036 mm 0.87 0.87 0.91
CERAMIC LID inches 0.035 0.035 0.037 mm 0.90 0.90 0.94
10158 - Rev B
S
YS
TEM
CERTIFIC
AT
N IO
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
01
Pb
IS O
90
SPECIFICATIONS
TERMINATIONS
Specifications are typical at 25OC unless otherwise noted. Specifications are subject to change without notice. Fundamental Frequency Motional Resistance R1() Motional Capacitance C1 (fF) Quality Factor Q (k) Shunt Capacitance C0 (pF) Calibration Tolerance1 Load Capacitance Drive Level
+ _
25 MHz 30 1.8 120 1.0 10 pF
49 MHz 155.52 MHz 30 25 2.1 60 1.0 2.5 16 1.4
Designation SM1 SM2 SM3 SM4 SM5
Termination Gold Plated Solder Plated Solder Dipped Solder Plated (Lead Free) Solder Dipped (Lead Free)
Max Process Temperature 260OC for 20 sec.
SUGGESTED LAND PATTERN
100 ppm, or tighter as required
(unless specified otherwise)
200 W MAX for f 50 MHz 100 W MAX for f > 50 MHz
0.048 (1.22)
Frequency-Temperature Stability1,3
+ _ + _ + _
_ 50 ppm to + 10 ppm (Commercial) _ 100 ppm to + 20 ppm (Industrial)
100 ppm to 30 ppm (Military)
+ _
0.080 (2.03)
Aging, first year Shock, survival
3
5 ppm MAX (better than 1 ppm available) 5,000 g, 0.3 ms, 1/2 sine 20 g, 10-2,000 Hz swept sine -10OC to +70OC (Commercial) -40OC to +85OC (Industrial) -55OC to +125OC (Military) -55OC to +125OC
inches (mm) 0.132 (3.35)
Vibration, survival4 Operating Temp. Range
Storage Temp. Range
EQUIVALENT CIRCUIT
Max Process Temperature 260OC for 20 sec.
1. Other tolerances available. Contact factory. 2. Does not include calibration tolerance. The characteristics of the frequency stability over temperature follow that of the AT thickness-shear mode. 3. 5 ppm MAX for frequencies below 40 MHz. For tighter tolerances and higher frequencies contact factory. 4. Per MIL-STD-202G, Method 204D, Condition D. Random vibration testing also available.
C0 1 L1 C1 R1 2
R1 Motional Resistance L1 Motional Inductance C1 Motional Capacitance C0 Shunt Capacitance
PACKAGING OPTIONS
* Tray Pack * 16mm tape, 7" or 13" reels
Per EIA 481 (see Tape and Reel data sheet 10109)
HOW TO ORDER CX9SM AT CRYSTALS CX9 "S" if special or custom design. Blank if Std. S C C = Ceramic Lid Blank = Glass Lid SM1 - 49.0M Frequency M = MHz , 100 Calibration Tolerance @ 250C (in ppm) / 100 / -- / I Temp. Range: C = -10OC to +70OC I = -40OC to +85OC M = -55OC to +125OC S = Customer Specified 200 Total Frequency Tolerance (in ppm) / I
SM1 = Gold Plated SM2 = Solder Plated SM3 = Solder Dipped SM4 = Solder Plated Lead Free SM5 = Solder Dipped Lead Free
Frequency Stability over Temp.Range (in ppm)
OR
-- / -- /
Operating Temp. Range: C = -10OC to +70OC I = -40OC to +85OC M = -55OC to +125OC S = Customer Specified
10158 - Rev B
S
YS
TEM
CERTIFIC
AT
N IO
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
01
Pb
IS O
90


▲Up To Search▲   

 
Price & Availability of CX9SM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X