Part Number Hot Search : 
FRP1005 SZN5951 1N4448WX HF3712FP E005916 CS1214 A1150 LNK364P
Product Description
Full Text Search
 

To Download CX6SMAT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CX3SM AT CRYSTAL
9.6 MHz to 250 MHz
Low Profile Miniature Surface Mount AT Quartz Crystal
TM
Fundamental Mode: Third Overtone Mode:
9.6 MHz - 70 MHz 48 MHz - 250 MHz
DESCRIPTION
actual size
STATEK's miniature CX3SM AT crystals in leadless ceramic packages are designed for surface mounting on printed circuit boards or hybrid substrates. These crystals are low profile and have a small land pattern.
glass lid
X XXX S
ceramic lid
side view
FEATURES
PACKAGE DIMENSIONS D
Designed for surface mount applications using infrared, vapor phase, or epoxy mount techniques. Low profile (less than 1.5 mm available) hermetically sealed ceramic package Excellent aging characteristics Available with glass or ceramic lid High shock and vibration resistance Custom designs available Full military testing available Designed and manufactured in the USA
APPLICATIONS B C A TOP
BOTTOM E
D E
Medical Monitoring Equipment Industrial, Computer & Communications Instrumentation Down-hole Data Recorder Engine Control Handheld Inventory Control Telemetry Military & Aerospace Communications Smart Munitions Timing Devices Surveillance Devices
SM1 SM2/SM4 SM3/SM5 DIM A B C D E
TYPICAL inches 0.263 0.097 0.052 0.030 mm 6.68 2.46 1.32 0.76
MAXIMUM inches 0.270 0.104 0.058 0.035 mm 6.86 2.64 1.47 0.89
see below
THICKNESS (DIM C) MAXIMUM
GLASS LID inches 0.053 0.055 0.058 mm 1.35 1.40 1.47
CERAMIC LID inches 0.067 0.069 0.072 mm 1.70 1.75 1.83
10120 - Rev D
S
YS
TEM
CERTIFIC
AT
N IO
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
01
Pb
IS O
90
SPECIFICATIONS
TERMINATIONS
Specifications are typical at 25OC unless otherwise noted. Specifications are subject to change without notice. Fundamental Frequency Motional Resistance R1 () Motional Capacitance C1 (fF) Quality Factor Q (k) Shunt Capacitance C0 (pF) Calibration Tolerances1 Load Capacitance Drive Level Frequency-Temperature Stability1,3
2
10 MHz 32 MHz 155.52 MHz 60 2.8 95 1.4
+ _
25 6.2 30 2.3
10 4.0 30 2.3
Designation SM1 SM2 SM3 SM4 SM5
Termination Gold Plated (Lead Free) Solder Plated Solder Dipped Solder Plated (Lead Free) Solder Dipped (Lead Free) 260OC for 20 sec.
Max Process Temperature
100 ppm, or tighter as required
SUGGESTED LAND PATTERN
0.070 (1.78)
20 pF for f 50 MHz 10 pF for f > 50 MHz 500 W MAX for f 50 MHz 200 W MAX for f > 50 MHz
+ _ + _ + _
_ 50 ppm to + 10 ppm (Commercial) _ 100 ppm to + 20 ppm (Industrial) _ 100 ppm to + 30 ppm (Military)
0.120 (3.05)
Aging, first year4 Shock, survival5 Vibration, survival6 Operating Temp. Range
5 ppm MAX (less than 1 ppm available) 3,000 g, 0.3 ms, 1/2 sine 20 g, 10-2,000 Hz swept sine -10 C to +70 C (Commercial) -40OC to +85OC (Industrial) -55OC to +125OC (Military) -55OC to +125OC 260OC for 20 sec.
O O
inches (mm)
0.215 (5.46)
EQUIVALENT CIRCUIT
C0 1 L1 C1 R1 2
Storage Temp. Range Max Process Temperature
1. Other tolerances available. Contact factory. 2. Unless specified otherwise.
R1 Motional Resistance L1 Motional Inductance C1 Motional Capacitance C0 Shunt Capacitance
3. Does not include calibration tolerance. The characteristics of the frequency stability over temperature follow that of the AT thickness-shear mode. 4. 10 ppm MAX for frequencies below 40 MHz. For tighter tolerances and higher frequencies contact factory. 5. Higher shock version available. 6. Per MIL-STD-202G, Method 204D, Condition D. Random vibration testing also available.
PACKAGING OPTIONS
* Tray Pack * 16mm tape, 7" or 13" reels Per EIA 481 (see Tape and Reel data sheet 10109)
HOW TO ORDER CX3SM AT CRYSTALS CX3
"S" if special or custom design. Blank if Std.
S
O.T. = 3rd O.T. Mode Blank = Fundamental Mode
C
C = Ceramic Lid Blank = Glass Lid
SM1
-
32.0M
Frequency M = MHz
,
100
Calibration Tolerance @ 25OC (in ppm)
/
100
Frequency Stability over Temp. Range (in ppm)
/
--
/
I
Operating Temp. Range: C = -10OC to +70OC I = -40OC to +85OC M = -55OC to +125OC S = Customer Specified
SM1 = Gold Plated (Lead Free) SM2 = Solder Plated SM3 = Solder Dipped SM4 = Solder Plated (Lead Free) SM5 = Solder Dipped (Lead Free)
OR
-- / -- / 200
Total Frequency Tolerance (in ppm)
/
I
Operating Temp. Range: C = -10OC to +70OC I = -40OC to +85OC M = -55OC to +125OC S = Customer Specified 10120 - Rev D
S
YS
TEM
CERTIFIC
AT
N IO
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
01
Pb
IS O
90


▲Up To Search▲   

 
Price & Availability of CX6SMAT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X