Part Number Hot Search : 
KU10N14 L4448 AH293YA 40174 SDP55N 2SB90607 P0502 ATF16
Product Description
Full Text Search
 

To Download CX4HGSM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CX4HGSM AT CRYSTAL
14 MHz to 50 MHz
TM
High Shock, Ultra-Miniature, Low Profile Surface Mount AT Quartz Crystal
actual size DESCRIPTION
Intended for applications requiring shock survivability up to 100,000 g, Statek's surface-mount CX4HGSM crystals are high-shock versions of the CX4SM crystals.
FEATURES
glass lid
XX SXX
ceramic lid
side view
PACKAGE DIMENSIONS
D
High shock and vibration resistance Designed for surface mount applications using infrared, vapor phase, or epoxy mount techniques. Low profile (less than 1.2 mm) hermetically sealed ceramic package Available with glass or ceramic lid Custom designs available Full military testing available Designed and manufactured in the USA
TYPICAL
APPLICATIONS
A
TOP
F
BOTTOM
B
C
mm 5.00 1.83 -- 0.91 0.51 0.64
D
E
MAXIMUM
DIM A B C D E F
inches 0.197 0.072 -- 0.036 0.020 0.025
inches 0.210 0.085
mm 5.33 2.16
Industrial & Communications Down-hole Data Recorder Process Control Environmental Control Engine Control Telemetry Ruggedized Instrumentation Automotive Control Military & Aerospace Smart Munitions Timing Devices (Fuzes) Surveillance Devices Missile Telemetry Ruggedized Communications Aviation Equipment
see below 0.046 -- -- 1.16 -- --
THICKNESS (DIM C) MAXIMUM
GLASS LID inches SM1 SM2/SM4 SM3/SM5 0.045 0.046 0.048 mm 1.14 1.17 1.22
CERAMIC LID inches 0.050 0.051 0.053 mm 1.27 1.30 1.35
10165 Rev B
S
YS
TEM
CERTIFIC
AT
N IO
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
01
Pb
IS O
90
SPECIFICATIONS
Specifications are typical at 25OC unless otherwise noted. Specifications are subject to change without notice. Fundamental Frequency 14.7456 MHz 16MHz 20 MHz 32 MHz 40 MHz Motional Resistance R1 () Motional Capacitance C1 (fF) Quality Factor Q (k) Shunt Capacitance C0 (pF) Frequency Range1 Calibration Tolerance Load Capacitance Drive Level Frequency-Temperature Stability2,3
2
60 1.4 120 0.8 14 MHz to 50 MHz
+ _
75 1.5 90 0.9
50 1.4 110 0.9
30 2.5 70 1.1
30 1.5 90 1.0
TERMINATIONS
100 ppm, or tighter as required 10 pF (unless specified otherwise) 200 W MAX
+ _ + _ + _
50 ppm to 100 ppm to 100 ppm to
Designation SM1 SM2 + _ 10 ppm (Commercial) SM3 + _ 20 ppm (Industrial) SM4 + SM5 _ 30 ppm (Military)
1/ 2
Termination Gold Plated (Lead Free) Solder Plated Solder Dipped Solder Plated (Lead Free) Solder Dipped (Lead Free) 260OC for 20 sec
Aging, first year Shock, survival
4
10 ppm MAX Up to 100,000 g, 0.5 ms,
5
Max Process Temperature sine
EQUIVALENT CIRCUIT
Vibration, survival
20 g, 10-2,000 Hz swept sine -10OC to +70OC (Commercial) -40OC to +85OC (Industrial) -55OC to +125OC (Military) -55OC to +125OC 260OC for 20 sec
Operating Temp. Range
C0 1 L1 C1 R1 2
Storage Temp. Range Max Process Temperature
1. Other frequencies available. Contact factory. 2. Other tolerances available. Contact factory. 3. Does not include calibration tolerance. The characteristics of the frequency stability over temperature follow that of the AT thickness-shear mode. 4. Lower aging available at low shock levels. 5. Per MIL-STD-202G, Method 204D, Condition D. Random vibration testing also available.
R1 Motional Resistance L1 Motional Inductance C1 Motional Capacitance C0 Shunt Capacitance
SUGGESTED LAND PATTERN
0.059 (1.5)
PACKAGING OPTIONS
0.092 (2.3)
* Tray Pack * Tape and Reel Per EIA 481 (see Tape and Reel data sheet 10109)
inches (mm)
0.160 (4.0)
HOW TO ORDER CX4HGSM AT CRYSTALS CX4 S
"S" if special or custom design. Blank if standard
HG1
Shock Level HG1 = 10,000 g HG2 = 20,000 g HG3 = 30,000 g HG4 = 50,000 g HG5 = 75,000 g HG6 = 100,000 g
C
C = Ceramic Lid Blank = Glass Lid
SM1 -
32.0M
Frequency M = MHz
,
100
Calibration Tolerance @25OC (in ppm)
/
100
/
--
/
I
Frequency Stability over Temp. Range
Termination SM1 = Gold Plated SM2 = Solder Plated SM3 = Solder Dipped SM4 = Solder Plated (Lead Free) SM5 = Solder Dipped (Lead Free)
OR
-- / -- / 200
Total Frequency Tolerance (in ppm)
Operating Temp. Range: C = -10OC to +70OC I = -40OC to +85OC M = -55OC to +125OC S = Customer Specified
/
I
Operating Temp. Range: C = -10OC to +70OC I = -40OC to +85OC M = -55OC to +125OC S = Customer Specified 10165 Rev B
S
YS
TEM
CERTIFIC
AT
N IO
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
01
Pb
IS O
90


▲Up To Search▲   

 
Price & Availability of CX4HGSM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X