Part Number Hot Search : 
D87C51 BM324 S1300 FRE9260D SMCJ160A AP451 BR406 STP3NB80
Product Description
Full Text Search
 

To Download CPC1918 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CPC1918
ISOPLUSTM-264 Power Relay
Parameter Blocking Voltage Load Current, TA=25C With 5C/W Heat Sink No Heat Sink On-resistance RJC
Rating 100 13 5.25 0.1 0.30
Units VP Arms
Description
Clare and IXYS have combined to bring OptoMOS(R) technology, reliability and compact size to a new family of high power Solid State Relays. As part of this family, the CPC1918 single pole normally open (1-Form-A) Solid State Power Relay is rated for up to 13Arms continuous load current with a 5C/W heat sink. The CPC1918 employs optically coupled MOSFET technology to provide 2500Vrms of input to output isolation. The output is constructed with efficient MOSFET switches and photovoltaic die that use Clare's patented OptoMOS architecture while the input, a highly efficient GaAlAs infrared LED provides the optically coupled control. The combination of low on-resistance and high load current handling capability makes this relay suitable for a variety of high performance switching applications. The unique ISOPLUS-264 package pioneered by IXYS allows solid state relays to achieve the highest load current and power ratings. This package features a unique IXYS process where the silicon chips are soft soldered onto the Direct Copper Bond (DCB) substrate instead of the traditional copper leadframe. The DCB ceramic, the same substrate used in high power modules, not only provides 2500Vrms isolation but also very low thermal resistance (0.3 C/W).
C/W
Features
* * * * * * * * * * 100% Solid State Compact ISOPLUS-264 Power Package Low Thermal Resistance (0.30C/W) 13Arms Load Current with 5C/W Heat Sink Low Drive Power Requirements Electrically Non-conductive Thermal Pad for Heat Sink Applications Arc-Free With No Snubbing Circuits 2500Vrms Input/Output Isolation No EMI/RFI Generation Machine Insertable, Wave Solderable
Applications
Industrial Controls Motor Control Robotics Medical Equipment--Patient/Equipment Isolation Instrumentation * Multiplexers * Data Acquisition * Electronic Switching * I/O Subsystems * Energy Meters * Transportation Equipment * Aerospace/Defense * * * * *
Approvals
* UL recognized component: File # E69938 * Certified to: UL 508
Ordering Information
Part Number CPC1918J Description ISOPLUS-264 (25/tube)
Pin Configuration
Switching Characteristics of Normally Open (Form A) Devices
1
2
3 -
4 +
CONTROL
ILOAD
+ 90% 10%+
RoHS
2002/95/EC
e3
www.clare.com
TON
TOFF
DS-CPC1918-R02
1
CPC1918
Absolute Maximum Ratings
Parameter Blocking Voltage Reverse Input Voltage Input Control Current Peak (10ms) Input Power Dissipation Isolation Voltage, Input to Output Operational Temperature Storage Temperature Ratings 100 5 100 1 150 2500 -40 to +85 -40 to +125 Units VP V mA A mW Vrms C C Absolute Maximum Ratings are stress ratings. Stresses in excess of these ratings can cause permanent damage to the device. Functional operation of the device at conditions beyond those indicated in the operational sections of this data sheet is not implied.
Electrical absolute maximum ratings are at 25C
Electrical Characteristics
Parameter Output Characteristics Load Current 1 Peak Continuous Continuous Continuous On-Resistance 2 Off-State Leakage Current Switching Speeds Turn-On Turn-Off Output Capacitance Input Characteristics Input Control Current 3 Input Dropout Current Input Voltage Drop Reverse Input Current Common Characteristics Capacitance Input to Output
1 2 3
Conditions TA=25C t 10ms No Heat Sink TC=25C TC=99C IF=10mA, IL=1A VL=100V IF=20mA, VL=10V V=25V, f=1MHz TA=25C IL=1A IF=5mA VR=5V TA=25C -
Symbol
Min
Typ
Max
Units
IL
-
-
IL(99) RON ILEAK TON TOFF COUT IF IF VF IR CI/O
0.6 0.9 -
0.04 12 0.26 2250 1.2 1
25 5.25 15 6.4 0.1 1 25 10 10 1.4 10 -
AP
Arms A ms pF mA mA V A pF
Higher load currents are possible with proper heat sinking. Measurement taken within 1 second of on time. For applications requiring high temperature operation (greater than 60oC) an LED drive current of 20mA is recommended.
2
www.clare.com
R02
CPC1918
Thermal Characteristics
Parameter Thermal Resistance (junction to case) Thermal Resistance (junction to ambient) Junction Temperature (operation) Conditions Free air Symbol RJC RJA TJ Min -40 Typ 33 Max 0.3 100 Units C/W C/W C
Thermal Management
Device high current characterization was performed using Kunze heat sink KU 1-159, phase change thermal interface material KU-ALC 5, and transistor clip KU 4-499/1. This combination provided an approximate junction-to-ambient thermal resistance of 12.5C/W.
Heat Sink Calculation
Higher load currents are possible by using lower thermal resistance heat sink combinations. Heat Sink Rating
RCA =
(TJ - TA) IL(99)2 IL
2
*
RJC
- RJC
TJ = Junction Temperature (C), TJ 100C * TA = Ambient Temperature (C) IL(99) = Load Current with Case Temperature @ 99C (Arms) IL = Desired Operating Load Current (Arms), IL IL(MAX) RJC = Thermal Resistance, Junction to Case (C/W) = 0.3C/W RCA = Thermal Resistance of Heat Sink & Thermal Interface Material , Case to Ambient (C/W) * Elevated junction temperature reduces semiconductor lifetime.
R02
www.clare.com
3
CPC1918
PERFORMANCE DATA*
CPC1918 Typical Input Forward Voltage Distribution (N=50, TA=25C, IF=10mA) CPC1918 Typical On-Resistance Distribution (N=50, TA=25C, IL=1ADC, IF=10mA) CPC1918 Typical Turn-On Time (N=50, TA=25C, IL=1ADC, IF=20mA)
35 30 Device Count (N)
35 30 Device Count (N) 25 20 15 10 5 0
35 30 Device Count (N) 25 20 15 10 5
25 20 15 10 5 0 1.30 1.31 1.32 1.33 LED Forward Voltage (V) 1.34
0.033
0.037
0.041
0.045
0.049
0.053
0 9 10 11 12 Turn-On (ms) 13 14
On-Resistance ()
25 20 15 10 5 0
CPC1918 Typical Turn-Off Time (N=50, TA=25C, IL=1ADC, IF=20mA)
Load Current (Arms)
16 14
CPC1918 Maximum Load Current vs. Temperature with Heat Sink (IF=20mA)
1C/W
Leakage (A)
CPC1918 Typical Leakage vs. Temperature at Maximum Rated Voltage (Measured Across Pins 1 & 2)
0.014 0.012 0.010 0.008 0.006 0.004 0.002
Device Count (N)
12 10 8 6 4 Free Air 2 10C/W 5C/W
0.24
0.25
0.26 0.27 Turn-Off (ms)
0.28
0.29
0
20
40 60 Temperature (C)
80
100
0 -40
-20
0
20
40
60
80
100
Temperature (C)
CPC1918 Blocking Voltage vs. Temperature
130 128 Blocking Voltage (VP) Turn-On (ms) 126 124 122 120 118 116 114 -40 -20 0 20 40 60 80 100 Temperature (C) 35 30
CPC1918 Typical Turn-On vs. Temperature (IL=1ADC)
0.28 0.24 Turn-Off (ms)
CPC1918 Typical Turn-Off vs. Temperature (IL=1ADC)
IF = 20mA
25 20 15 10 5 0 -40 -20 0 20 40 60
IF = 10mA
0.20 0.16 0.12 0.08 0.04 0 IF = 10mA
IF = 20mA
80
100
-40
-20
0
Temperature (C)
20 40 60 Temperature (C)
80
100
CPC1918 Typical LED Forward Voltage Drop vs. Temperature
LED Forward Voltage Drop (V) 1.8 1.6 Turn-On (ms) 1.4
IF = 50mA
1.2 1.0 0.8 -40 -20 0 20 40 60 80 Temperature (C) 100 120
IF = 20mA IF = 10mA
120 110 100 90 80 70 60 50 40 30 20 10 0
CPC1918 Typical Turn-On vs. LED Forward Current (IL=1ADC)
0.45 0.40 0.35 Turn-Off (ms) 0.30 0.25 0.20 0.15 0.10 0.05 0.00
CPC1918 Typical Turn-Off vs. LED Forward Current (IL=1ADC)
0
5
10
15
20
25
30
35
40
45
50
0
5
10
15
20
25
30
35
40
45
50
LED Forward Current (mA)
LED Forward Current (mA)
Unless otherwise specified, all performance data was acquired without the use of a heat sink. *The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application department.
4
www.clare.com
R02
CPC1918
PERFORMANCE DATA*
CPC1918 Typical IF for Switch Operation vs. Temperature (IL=1ADC) CPC1918 Typical On-Resistance vs. Temperature (IL=1ADC) CPC1918 Typical On-Resistance vs. Temperature (IL=max rated)
IF=10mA
5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 -40
0.050 0.048 On-Resistance ()
0.09 0.08 0.07 0.06 0.05 0.04 0.03 0.02 0.01 0.00
LED Current (mA)
0.044 0.042 0.040 0.038 0.036
I F = 10mA
-20
0
20 40 60 Temperature (C)
80
100
0.034 -40
-20
0
20 40 60 Temperature (C)
80
100
On-Resistance ( )
0.046
-40
-20
0
20
40
60
80
100
Temperature (C)
10 8 6 4 2 0 -2 -4 -6 -8 -10 -0.42
CPC1918 Typical Load Current vs. Load Voltage (TA=25C, IF=10mA)
CPC1918 Energy Rating Curve (Free Air, No Heat Sink)
30 25 Load Current (AP) 20 15 10 5 0 10s 100s 1ms 10ms 100ms Time 1s 10s 100s
Load Current (A)
-0.28
-0.14
0
0.14
0.28
0.42
Load Voltage (V)
Unless otherwise specified, all performance data was acquired without the use of a heat sink. *The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application department.
R02
www.clare.com
5
CPC1918
MANUFACTURING INFORMATION
Soldering For proper assembly, the component must be processed in accordance with the current revision of IPC/JEDEC standard J-STD-020. Failure to follow the recommended guidelines may cause permanent damage to the device resulting in impaired performance and/or a reduced lifetime expectancy. Washing Clare does not recommend ultrasonic cleaning or the use of chlorinated solvents.
RoHS
2002/95/EC
e3
MECHANICAL DIMENSIONS:
ISOPLUS-264
0.190 MIN - 0.205 MAX (4.83 MIN - 5.21 MAX) 0.046 MIN - 0.055 MAX (1.17 MIN - 1.40 MAX) 0.770 MIN - 0.799 MAX (19.56 MIN - 20.29 MAX) 0.210 MIN - 0.235 MAX (5.33 MIN - 5.97 MAX) 0.100 MIN - 0.180 MAX (2.54 MIN - 4.57 MAX) 0.065 MIN - 0.080 MAX (1.65 MIN - 2.03 MAX) 0.668 MIN - 0.690 MAX (16.97 MIN - 17.53 MAX)
1.020 MIN - 1.040 MAX (25.91 MIN - 26.42 MAX)
0.490 MIN - 0.513 MAX (12.54 MIN - 13.03 MAX)
0.801 MIN - 0.821 MAX (20.34 MIN - 20.85 MAX)
0.100 MIN - 0.130 MAX (2.54 MIN - 3.03 MAX) 1 2 3 4
0.080 MIN - 0.102 MAX (2.03 MIN - 2.59 MAX) 0.780 MIN - 0.820 MAX (19.81 MIN - 20.83 MAX)
0.300 BSC (7.62) BSC
0.150 BSC (3.81 BSC)
0.020 MIN - 0.029 MAX (0.51 MIN - 0.74 MAX)
0.058 MIN - 0.068 MAX (1.47 MIN - 1.73 MAX) 0.102 MIN - 0.118 MAX (2.59 MIN - 3.00 MAX) 0.045 MIN - 0.055 MAX (1.14 MIN - 1.40 MAX)
DIMENSIONS: INCHES (MM) NOTE: Bottom heatsink meets 2500Vrms isolation to the pins.
Dimensions: inches (mm)
For additional information please visit our website at: www.clare.com
Clare, Inc. makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make changes to specifications and product descriptions at any time without notice. Neither circuit patent licenses nor indemnity are expressed or implied. Except as set forth in Clare's Standard Terms and Conditions of Sale, Clare, Inc. assumes no liability whatsoever, and disclaims any express or implied warranty, relating to its products including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement of any intellectual property right. The products described in this document are not designed, intended, authorized or warranted for use as components in systems intended for surgical implant into the body, or in other applications intended to support or sustain life, or where malfunction of Clare's product may result in direct physical harm, injury, or death to a person or severe property or environmental damage. Clare, Inc. reserves the right to discontinue or make changes to its products at any time without notice.
DS-CPC1918-R02 (c)Copyright 2007, Clare, Inc. OptoMOS(R) is a registered trademark of Clare, Inc. ISOPLUSTM-264 is a trademark of IXYS Corporation All rights reserved. Printed in USA. 3/22/07
6


▲Up To Search▲   

 
Price & Availability of CPC1918

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X