Part Number Hot Search : 
ICL7665 BTA086 CXA2556 FC122 B39202 AT512 T8377B TC7660M
Product Description
Full Text Search
 

To Download CB1SLU321553329 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
PON Filter for FTTx 1310/1490/1550nm
Bookham filters leverage the proprietary Advanced Energetic Deposition (AED) process to produce the industry's best PON filter solutions. The AED process features state-of-the-art layer thickness control to produce thin-film interference filters that are unparalleled for FTTx WDM applications. Passive Optical Network (PON) designs deliver the Triple Play of voice, data and video to customers in FTTx access networks. The flat passband design of Bookham's filters allow for the best performance in video transmission while the deep reflection notch improves the isolation of 1550nm signals from the 1310nm return signal and 1490nm downstream data. Similar filters are available from Bookham centered at 1490nm and 1310nm. This filter can be used at both the Optical Line Termination (OLT) at the central office and the Optical Network Unit (ONU) on the customer side. Standard 5.5mm diameter packaging is available with the boot/length specification needed to meet your application. The optional compact packaging has diameter of only 3.2mm. All Bookham filter components are Telcordia GR-1221 qualified and RoHS compliant. Features: * Flat passband design * Deep reflection notch * >40dB isolation at 1490nm and 1310nm * 4.6THz clear channel allocation * Excellent temperature stability * GR-1221 qualified * RoHS compliant
Options: * -40 to 85C operating temp * Compact packaging: 3.2mm diameter * Rugged packaging
Applications: * Metro/Access WDM systems * B-PON / G-PON / GE-PON * FTTH / FTTP / FTTC
1
Data Sheet
PON Filter for FTTx
Typical design specifications (valid over operating temperature)
Component Parameters Transmission Passband Center Transmission Insertion Loss Transmission Inertion Loss Variation Transmission Isolation Lower Adjacent Band Region Reflection Passband Centers Reflection Insertion Loss Reflection Isolation Passband Half-Width[1] Polarization Dependent Loss[1] Return Loss Directivity
[1] [2] [1]
Specification # 0383 1550/193.414 0.7 0.2 40 min 1260 to 1500 1310 & 1490 0.5 25 -18.2/2.3 0.1 50 50 -5 to 70 -40 to 85 5.5 (O) x 51 (L)
Unit nm/THz max dB max dB dB nm nm max dB min dB nm/THz max dB min dB min dB C C mm
Operationg Temperature Storage Temperature
[3]
Dimensions (standard packaging)
Notes:
[1] [2]
Loss includes connector pair At edge of clear channel [3] Nominal overall length. Standard package length without boots nominally 35mm
Example Application and Performance
Typical PON triplexer application and 1550nm transmission passband flatness detail
Central Office Data/Voice Video 1310+1490nm Network Customer 1310+1490nm Data/Voice Video
1xN split
PON Filter
1550nm
1310+1490+1550nm
PON Filter
1550nm
2
Data Sheet
0 -0.1 -0.2 -0.3 -0.4 -0.5 -0.6
LOSS (DB)
Transmission Response
-0.7 -0.8 -0.9 -1 1525 1535 1545 1555 1565 1575 Wavelength (nm)
Component Dimensions
Table 1. Mechanical Specifications. Parameter 1.1a 1.1b 1.1c 1.2 1.3a 1.3b 1.3c Diameter (for H package) Diameter (for S package) Diameter (for C package) Length without boots (for S package) Over-all Length (for H package) Over-all Length (for S package) Over-all Length (for C package) Min 4.1 5.4 3.17 32.0 25.0 41.0 35.5 Nominal 4.2 5.5 3.2 35 26.5 51 36.5 Max 4.3 5.6 3.23 40.0 28.0 63.0 37.5 Unit mm mm mm mm mm mm mm
3
Data Sheet
RoHS Compliance
Bookham is fully committed to environment protection and sustainable development and has set in place a comprehensive program for removing polluting and hazardous substances from all of its products. The relevant evidence of RoHS compliance is held as part of our controlled documentation for each of our compliant products. RoHS compliance parts are available to order, please refer to the ordering information section for further details.
Ordering Information: PON Filter numbering convention
FIBER TYPE 1 = 900 um Loose Tub e 2 = 2 m m Jack eted 3 = 250 um B are F iber 4 = 900 um Tight Bu ffer 9 = See Specification (3. 2 m m dia) H = INNE R HOU SI NG O NL Y R = RUGGE D (S ee Sp ec) Z = CUSTO M (S ee Sp ec) G = ALL GLASS
FIBER LENGTH 1 = 1 M ete r Mi n. 2 = 2 M ete r Mi n. 3 = 3 M ete r Mi n. 4 = 1.5 Me ter M in. 5 = 2.5 M e ter M in. 6 = 1-1.5 Meter 7 = 0.9 -1.0 M ete r 8 = Mu ltiple 9 = See Specification
C B 1 S L U 3 2 1 5 5 3 3 2 9 0 6 53
CONNECTOR T YPE LU = LC/UPC FU = FC/UPC FA = FC/APC SU = SC /UPC SA = SC/APC MU = MU ..... NA = NONE CC = COM B O (S ee Sp ec) CENTER W AVELENGTH 1553329 = 1553.329 or FREQUENCY (TH z ) F193000 = 193.000 (n m ) 4 digit SPEC # to be found in the table
Contact Information
North America Santa Rosa Office
3640 Westwind Boulevard Santa Rosa CA 95403 USA * Tel: +1 707 636 1100 * Fax: +1 707 636 1199
Europe Paignton Office
Brixham Road Paignton Devon TQ4 7BE United Kingdom * Tel: +44 (0) 1803 66 2000 * Fax: +44 (0) 1803 66 2801
Asia Shenzhen Office
2 Phoenix Road Futian Free Trade Zone Shenzhen 518038 China * Tel: +86 755 33305888 * Fax: +86 755 33305805 +86 755 33305807
www.bookham.com sales@bookham.com
Important Notice Performance figures, data and any illustrative material provided in this data sheet are typical and must be specifically confirmed in writing by Bookham before they become applicable to any particular order or contract. In accordance with the Bookham policy of continuous improvement specifications may change without notice. The publication of information in this data sheet does not imply freedom from patent or other protective rights of Bookham or others. Further details are available from any Bookham sales representative.
4
BH12928 Rev 1.0 March 2007 (c)Bookham 2005. Bookham is a registered trademark of Bookham Inc.


▲Up To Search▲   

 
Price & Availability of CB1SLU321553329

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X