Part Number Hot Search : 
LH1526AB BZX82B36 6428B RC120 C0603 SMBJ26 PVT212S WG8040S
Product Description
Full Text Search
 

To Download CAT16-LV4F12LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IA
Features

NT
HIGH PERFORMANCE TERMINATION NETWORK Miniaturized circuitry and packaging for space reduction Designed for gigabit communication networks
CO
M

*R
oH
Controlled impedance RoHS compliant*
S
PL
CAT16-LV4F12LF - Concave Chip Array
Electrical Characteristics
Resistance R1 .............................................165 ohms R2 .............................................140 ohms Tolerance ............................................1 % TCR........................................200 ppm/ C Temperature Range .........-55 C to +125 C Max. Operating Voltage ....................5 VDC Max. Power Resistance ................ .0625 W Solderability .....................>95 % Coverage
Product Dimensions
16 15 14 13 12 11 10 9
.60 .10 (.024 .004) 1.60 .15 (.063 .060)
.45 .10 (.018 .004)
.30 .10 DIA. (.012 .004)
.40 .10 (.016 .004) .40 .10 (.016 .004)
.80 .10 (.031 .004)
For Standard Values Used in Capacitors, Inductors, and Resistors, click here.
1
DIMENSIONS ARE: MM (INCHES)
2
3
6.40 .15 (.253 .006)
4
5
6
7
8
Packaging Specifications
4000 pcs - per 7 " reel
0.9 0.1 (.035 .004) 2.00 0.20 (.079 .008) 4.0 .10 (.157 .004)
2.0 .05 (.079 .002)
13 0.5 DIA. (.512 .020) 60.0 1.0 DIA. (2.36 .039) 12.0 0.2 (.472 .008) 21 0.5 (.827 .020) 12.5 2 (.492 .079) 10.0 1.5 (.394 .059) 178.0 2.0 (7.008 .080)
6.9 0.2 (.272 .008)
5.5 0.1 (.217 .004)
4.0 .10 (.158 .004)
1.5 +.10/-0 (.060 +.004/-0)
1.75 .10 (.069 .004)
Derating Curve
Rated power in percentage (%)
Land Pattern
Solder resist
100 80 60 40 20 0 -55 0 70 (C) Ambient temperature 125
0.7 to 0.9 (.028 to .035)
Land
Chip resistor array CAT 2.0 to 2.2 (.079 to .087)
0.4 to 0.45 (.016 to .0178)
0.80 (.032)
Schematic
16
R2 R1 R1 R1
15
14
R2
13
12
R2 R1
11
10
R2 R1 R1
9
R1
R1
1
2
3
4
5
6
7
8
REV. 11/06 *RoHS Directive 2002/95/EC Jan 27 2003 including Annex. Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications.


▲Up To Search▲   

 
Price & Availability of CAT16-LV4F12LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X