Part Number Hot Search : 
SS8550 SG6741 GSC7811 ASI30 HFC03 UR3KB100 128MP 020LF
Product Description
Full Text Search
 

To Download BZQ5224B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
BZQ5221B SERIES
SURFACE MOUNT ZENER DIODES
VOLTAGE
2.4 to 47 Volts
POWER
500 mWatts
QUADRO-MELF
Unit : inch (mm)
FEATURES
* Planar Die construction * 500mW Power Dissipation
(1 .0 67 .7 )
* Ideally Suited for Automated Assembly Processes
MECHANICAL DATA
* Case: Molded Glass QUADRO-MELF * Terminals: Solderable per MIL-STD-202E, Method 208 * Polarity: See Diagram Below * Approx. Weight: 0.03 grams * Mounting Position: Any * Packing information T/R - 2.5K per 7" plastic Reel
.020(0.5) .012(0.3) .146(3.7) .130(3.3)
.020(0.5) .012(0.3)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Parameter Power Dissipation at Tamb = 25 Junction Temperature Storage Temperature Range
O
Symbol
Value 500 175 -65 to +175
Units mW
O
C
PTOT TJ TS
C C
O
Valid provided that leads at a distance of 10mm from case are kept at ambient temperature.
Parameter Thermal Resi stance Juncti on to Ambi ent Ai r Forward Voltage at IF = 100mA
Symbol
Min. ---
Typ.
Max. 0.3 1
Uni ts K/mW V
RthA VF
---
Vali d provi ded that leads at a di stance of 10mm from case are kept at ambi ent temperature.
STAD-JAN.27.2004
.063(1.6) .055(1.4)DIA.
PAGE . 1
Nomi nal Zener Voltage Part Number
No m. V BZQ5221B BZQ5222B BZQ5223B BZQ5224B BZQ5225B BZQ5226B BZQ5227B BZQ5228B BZQ5229B BZQ5230B BZQ5231B BZQ5232B BZQ5233B BZQ5234B BZQ5235B BZQ5236B BZQ5237B BZQ5238B BZQ5239B BZQ5240B BZQ5241B BZQ5242B BZQ5243B BZQ5244B BZQ5245B BZQ5246B BZQ5247B BZQ5248B BZQ5249B BZQ5250B BZQ5251B BZQ5252B BZQ5253B BZQ5254B BZQ5255B BZQ5256B BZQ5257B BZQ5258B BZQ5259B BZQ5260B BZQ5261B 2.40 2.50 2.70 2.80 3.00 3.30 3.60 3.90 4.30 4.70 5.10 5.60 6.00 6.20 6.80 7.50 8.20 8.70 9.10 10.00 11.00 12.00 13.00 14.00 15.00 16.00 17.00 18.00 19.00 20.00 22.00 24.00 25.00 27.00 28.00 30.00 33.00 36.00 39.00 43.00 47.00
Max. Zener Impedance ZZT @ IZT ZZK @ IZK
1200 1250 1300 1400 1600 1600 1700 1900 2000 1900 1600 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 900 1000 mA 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00
Max Reverse Leakage C urrent IR @ VR
uA 100 100 75 75 50 25 15 10 5.0 5.0 5.0 5.0 5.0 5.0 3.0 3.0 3.0 3.0 3.0 3.0 2.0 1.0 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 V 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 3.0 3.5 4.0 5.0 6.0 6.5 6.5 7.0 8.0 8.4 9.1 9.9 10.0 11.0 12.0 13.0 14.0 14.0 15.0 17.0 18.0 19.0 21.0 21.0 23.0 25.0 27.0 30.0 33.0 36.0
V Z @ IZT
M i n. V 2.28 2.38 2.57 2.66 2.85 3.14 3.42 3.71 4.09 4.47 4.85 5.32 5.70 5.89 6.46 7.13 7.79 8.27 8.65 9.50 10.45 11.40 12.35 13.30 14.25 15.20 16.15 17.10 18.05 19.00 20.90 22.80 23.75 25.65 26.60 28.50 31.35 34.20 37.05 40.85 44.65 M a x. V 2.52 2.63 2.84 2.94 3.15 3.47 3.78 4.10 4.52 4.94 5.36 5.88 6.30 6.51 7.14 7.88 8.61 9.14 9.56 10.50 11.55 12.60 13.65 14.70 15.75 16.80 17.85 18.90 19.95 21.00 23.10 25.20 26.25 28.35 29.40 31.50 34.65 37.80 40.95 45.15 49.35
30 30 30 30 29 28 24 23 22 19 17 11 7 7 5 6 8 8 10 17 22 30 13 15 16 17 19 21 23 25 29 33 35 41 44 49 58 70 80 93 150
mA 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 9.5 9.5 8.5 7.8 7.4 7.0 6.6 6.2 5.6 5.2 5.0 4.6 4.5 4.2 3.8 3.4 3.2 3.0 2.7
Notes. STANDARD VOLTAGE TOLERANCE IS + 5% AND : SUFFIX " A" FOR + 3% SUFFIX " B" FOR + 5% SUFFIX " C" FOR + 10% SUFFIX " D" FOR + 20%
STAD-JAN.27.2004
PAGE . 2
RATING AND CHARACTERISTIC CURVES
POWER DISSIPATION, mWatts
500 400 300 200 100
0
50
100
150
200
O
250
AMBIENT TEMPERATURE, C
FIG. 1 POWER DERATING CURVE
Vz (V)
Iz (mA)
50 40 30 20 10 0
5 10 15 20 25
30
Test Current Iz = 20mA
5242 5241
5245
5239
5235 5234 5232 5231 5230 5229
5250
5252
5228
5224
Fig.2 BREAKDOWN CHARACTERISTICS
STAD-JAN.27.2004
PAGE . 3


▲Up To Search▲   

 
Price & Availability of BZQ5224B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X