Part Number Hot Search : 
25X25 GW3B2 51163 SB604G 100AC 3006A 40HFR120 N411044
Product Description
Full Text Search
 

To Download BY25107 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BY251 ... BY255, BY1600 ... BY2000
BY251 ... BY255, BY1600 ... BY2000
Si-Rectifiers - Si-Gleichrichter Version 2005-09-20 Nominal Current Nennstrom
O 4.50.1
3A 200...2000 V ~ DO-201 0.8 g
Repetitive peak reverse voltage Periodische Spitzensperrspannung Plastic case Kunststoffgehause Weight approx. Gewicht ca.
0.5
Type
62.5
7.5
0.1
O 1.20.05
Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging taped in ammo pack Standard Lieferform gegurtet in Ammo-Pack
Dimensions - Mae [mm]
Maximum ratings Type Typ BY251 BY252 BY253 BY254 BY255 BY1600 BY1800 BY2000 higher voltages see BY4...BY16 4000...16000 TA = 50C f > 15 Hz TA = 25C TA = 25C IFAV IFRM IFSM i2t Tj TS Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 200 400 600 800 1300 1600 1800 2000
Grenzwerte Surge peak reverse voltage Stospitzensperrspannung VRSM [V] 200 400 600 800 1300 1600 1800 2000 hohere Spannungen siehe 4000...16000 3 A 1) 20 A 1) 100/110 A 50 A2s -50...+150C -50...+175C
Max. average forward rectified current, R-load Dauergrenzstrom in Einwegschaltung mit R-Last Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current, 50/60 Hz half sine-wave Stostrom fur eine 50/60 Hz Sinus-Halbwelle Rating for fusing, Grenzlastintegral, t < 10 ms Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur
1
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschlussdrahte in 10 mm Abstand von Gehause auf Umgebungstemperatur gehalten werden http://www.diotec.com/
(c) Diotec Semiconductor AG
1
BY251 ... BY255, BY1600 ... BY2000 Characteristics Forward voltage - Durchlass-Spannung Leakage current - Sperrstrom Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Thermal resistance junction to leads Warmewiderstand Sperrschicht - Anschlussdraht Tj = 25C Tj = 25C IF = 3 A VR = VRRM VF IR RthA RthL Kennwerte < 1.1 V < 20 A < 25 K/W 1) < 10 K/W
120 [%] 100
102 [A] 10
Tj = 125C
80
Tj = 25C
60
1
40 10-1 20 IFAV 0 0 TA 50 100 150 [C] IF 10-2
100a-(3a-1.1v)
0.4
VF
0.8
1.0
1.2
1.4
[V] 1.8
Rated forward current versus ambient temperature Zul. Richtstrom in Abh. von der Umgebungstemp.
Forward characteristics (typical values) Durchlasskennlinien (typische Werte)
10
2
[A]
10
iF
1
1
10
10
2
[n]
10
3
Peak forward surge current versus number of cycles at 50 Hz Durchla-Spitzenstrom in Abh. von der Zahl der Halbwellen bei 50 Hz
1
Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschlussdrahte in 10 mm Abstand von Gehause auf Umgebungstemperatur gehalten werden http://www.diotec.com/ (c) Diotec Semiconductor AG
2


▲Up To Search▲   

 
Price & Availability of BY25107

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X