Part Number Hot Search : 
2N700 VS1000 CS98000 T300CH 62512 T2232D CLR130 2N602706
Product Description
Full Text Search
 

To Download BPC60C-980-02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
Preliminary 60W 9xxnm 20% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler BPC60C-9xx-02
The Bookham BPC60C-9xx-02 20% fill factor laser diode bar on passive cooler series has been designed to provide the increased brightness and reliability required for collimated pumping of next generation solid-state lasers and direct applications. The proprietary E2 front mirror passivation process, developed at our Zurich site, prevents Catastrophic Optical Damage (COD) to the laser diode facet even at extremely high output powers. The laser diode bars are mounted on an expansion matched CuW submount onto a Cu block package providing very high reliability in CW and pulsed (1-Hz type) applications. Features: * Mounted 10mm x 2.4mm laser diode bar * Passive 1" x 1" Cu block cooler * 20% fill factor (100m emitter / 500m pitch) * 60W operating power * Highly reliable single quantum well MBE structure * Telecom-grade AuSn mounting technology * Standard wavelengths at 915nm, 940nm, and 980nm (others available on request) * RoHS compliant
Applications: * Collimated solid-state laser pumping * Direct applications such as material processing * Printing * Medical
1
Data Sheet
Characteristics
Parameter CW Output Power Center Wavelength [1] BPC60C-915-02 BPC60C-940-02 BPC60C-980-02 Spectral Width (FWHM) Wavelength Shift with Temperature Beam Divergence Parallel to Junction (90% of Power) Perpendicular to Junction (FWHM) Perpendicular to Junction (90% of Power) Polarization Threshold Current Slope Efficiency Conversion Efficiency Series Resistance Operating Current Operating Voltage Operating Temperature Symbol Pop c915 c940 c980 dc/dTop // - Ith D=Pop/(Iop-Ith) H=Pop/(VopxIop) Rs Iop Vop Top Typical 60 915 10 940 10 980 10 3 0.3 7 26 60 TE 7 1 60 5 65 1.5 25 5 Unit W
nm nm nm/C
deg - A W/A % m A V C
[1] Reduced wavelength window / extended range available on request (900-1060nm).
Bar Dimensions
Parameter Bar Width Resonator Length Number of Emitters Emitter Spacing Emission Width Fill Factor Symbol b l n p w f Typical 10 2.4 19 500 100 20 Unit mm mm - m m %
2
Data Sheet
Passive Cu Block Cooler Dimensions (mm)
24.9 Front Side
14.19
11.19
7.52
Beam Height
O4
.39
Top
9 O2.7
24.9
13.97
2-56 UNC
3.18
18.54
3
6.1
12.3
14.28
22
7.93
Data Sheet
RoHS Compliance
Bookham is fully committed to environment protection and sustainable development and has set in place a comprehensive program for removing polluting and hazardous substances from all of its products. The relevant evidence of RoHS compliance is held as part of our controlled documentation for each of our compliant products. RoHS compliance parts are available to order, please refer to the ordering information section for further details.
Ordering Information: BPC60C-915-02 BPC60C-940-02 BPC60C-980-02 60W 915nm 20% Fill Factor Laser Diode Bar on Passive Cu Block Cooler 60W 940nm 20% Fill Factor Laser Diode Bar on Passive Cu Block Cooler 60W 980nm 20% Fill Factor Laser Diode Bar on Passive Cu Block Cooler
Contact Information
Bookham (Switzerland) AG
Binzstrasse 17 8045 Zurich Switzerland * Tel: +41 44 455 8787 * Fax:+41 44 455 8586
EMEA Sales Contact
Gunnar Stolze * Tel: +41 79 635 3777
ASIA Sales Contact
Patrick Lee * Tel: +852 9197 7014
North America Sales Contact
Michael Cutler * Tel: +1 678 763 0777
Japan Sales Contact
Japan Laser Corporation * Tel: +813 5285 0861
www.bookham.com highpower@bookham.com
DANGER
INVISIBLE LASER RADIATION AVOID EYE OR SKIN EXPOSURE TO DIRECT OR SCATTERED RADIATION
Important Notice Performance figures, data and any illustrative material provided in this data sheet are typical and must be specifically confirmed in writing by Bookham before they become applicable to any particular order or contract. In accordance with the Bookham policy of continuous improvement specifications may change without notice. The publication of information in this data sheet does not imply freedom from patent or other protective rights of Bookham or others. Further details are available from any Bookham sales representative.
ISO 9001:2000 Certified
INVISIBLE LASER RADIATION AVOID EYE OR SKIN EXPOSURE TO DIRECT OR SCATTERED RADIATION CLASS 4 LASER PRODUCT
MAX POWER 60W WAVELENGTH 900 - 1060nm CLASS IV LASER PRODUCT
4
REFERENCE IEC 60825-Edition 1.2
THIS PRODUCT COMPLIES WITH 21CFR 1040.10
FM 68159
BH13479 Rev 1.0 June 2007 (c)Bookham 2005. Bookham is a registered trademark of Bookham Inc.


▲Up To Search▲   

 
Price & Availability of BPC60C-980-02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X