|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Data Sheet 50W 9xxnm 30% Fill Factor High Power Laser Diode Bar on Passive Cu Block Cooler BPC50C-9xx-01 The Bookham BPC50C-9xx-01 30% fill factor laser diode bar on passive cooler series has been designed to provide the high brightness and and reliability required for both collimated solidstate laser pumping and direct applications. The proprietary E2 front mirror passivation process, developed at our Zurich site, prevents Catastrophic Optical Damage (COD) to the laser diode facet even at extremely high output powers. The laser diode bars are mounted on an expansion matched CuW submount onto a Cu block package providing very high reliability in CW and pulsed (1-Hz type) applications. Features: * Mounted 10mm x 1.2mm laser diode bar * Passive 1" x 1" Cu block cooler * 30% fill factor (150m emitter / 500m pitch) * 50W operating power * Highly reliable single quantum well MBE structure * Telecom grade AuSn mounting technology * Standard wavelengths at 915nm, 940nm, and 980nm (others available on request) * RoHS compliant Applications: * Collimated solid-state laser pumping * Direct applications such as material processing * Printing * Medical 1 Data Sheet Characteristics Parameter CW Output Power Center Wavelength [1] BPC50C-915-01 BPC50C-940-01 BPC50C-980-01 Spectral Width (FWHM) Wavelength Shift with Temperature Beam Divergence Parallel to Junction (90% of Power) Perpendicular to Junction (FWHM) Perpendicular to Junction (90% of Power) Polarization Threshold Current Slope Efficiency Conversion Efficiency Series Resistance Operating Current Operating Voltage Operating Temperature Symbol Pop c915 c940 c980 dc/dTop // - Ith D=Pop/(Iop-Ith) H=Pop(Vop-Iop) Rs Iop Vop Top Typical 50 915 10 940 10 980 10 3 0.3 8 26 60 TE 5 1 60 5 55 1.5 25 5 Unit W nm nm nm/C deg - A W/A % m A V C [1] Reduced wavelength window / extended range available on request (900-1060nm) Bar Dimensions Parameter Bar Width Resonator Length Number of Emitters Emitter Spacing Emission Width Fill Factor Symbol b l n p w f Typical 10 1.2 19 500 150 30 Unit mm mm - m m % 2 Data Sheet Passive Cu Block Cooler Dimensions (mm) 24.9 Front Side 14.19 11.19 7.52 Beam Height O4 Top .39 O2.7 9 24.9 13.97 2-56 UNC 3.18 18.54 3 6.1 12.3 14.28 22 7.93 Data Sheet RoHS Compliance Bookham is fully committed to environment protection and sustainable development and has set in place a comprehensive program for removing polluting and hazardous substances from all of its products. The relevant evidence of RoHS compliance is held as part of our controlled documentation for each of our compliant products. RoHS compliance parts are available to order, please refer to the ordering information section for further details. Ordering Information: BPC50C-915-01 BPC50C-940-01 BPC50C-980-01 50W 915nm 30% Fill Factor Laser Diode Bar on Passive Cu Block Cooler 50W 940nm 30% Fill Factor Laser Diode Bar on Passive Cu Block Cooler 50W 980nm 30% Fill Factor Laser Diode Bar on Passive Cu Block Cooler Contact Information Bookham (Switzerland) AG Binzstrasse 17 8045 Zurich Switzerland * Tel: +41 44 455 8787 * Fax:+41 44 455 8586 EMEA Sales Contact Gunnar Stolze * Tel: +41 79 635 3777 ASIA Sales Contact Patrick Lee * Tel: +852 9197 7014 North America Sales Contact Michael Cutler * Tel: +1 678 763 0777 Japan Sales Contact Japan Laser Corporation * Tel: +813 5285 0861 www.bookham.com highpower@bookham.com Important Notice Performance figures, data and any illustrative material provided in this data sheet are typical and must be specifically confirmed in writing by Bookham before they become applicable to any particular order or contract. In accordance with the Bookham policy of continuous improvement specifications may change without notice. The publication of information in this data sheet does not imply freedom from patent or other protective rights of Bookham or others. Further details are available from any Bookham sales representative. DANGER INVISIBLE LASER RADIATION AVOID EYE OR SKIN EXPOSURE TO DIRECT OR SCATTERED RADIATION ISO 9001:2000 Certified INVISIBLE LASER RADIATION AVOID EYE OR SKIN EXPOSURE TO DIRECT OR SCATTERED RADIATION CLASS 4 LASER PRODUCT MAX POWER 50W WAVELENGTH 900 - 1060nm CLASS IV LASER PRODUCT 4 REFERENCE IEC 60825-Edition 1.2 THIS PRODUCT COMPLIES WITH 21CFR 1040.10 FM 68159 BH12916 Rev 3.1 June 2007 (c)Bookham 2005. Bookham is a registered trademark of Bookham Inc. |
Price & Availability of BPC50C-980-01 |