Part Number Hot Search : 
3N254 LT3437 VP2019ZM SA100 ICS91 2SC41021 DAC1408 1818M
Product Description
Full Text Search
 

To Download BPC30C-980-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
Preliminary 30W 9xx nm MaxiChip High Power Laser Diode on Passive Cu Block Cooler BPC30C-9xx-01
The Bookham BPC30C-9xx-01 MaxiChip laser diode on passive cooler has been designed for direct coupling into a 800m diameter fiber providing the high brightness required for collimated solid-state laser pumping and direct applications. The proprietary E2 front mirror passivation process, developed at our Zurich site, prevents Catastrophic Optical Damage (COD) to the laser diode facet even at extremely high output powers. The laser diode bars are mounted on an expansion matched CuW submount onto a Cu block package providing very high reliability in CW and pulsed (1-Hz type) applications. Features: * Mounted 1.25mm x 3.6mm laser diode * Passive 1" x 1" Cu block cooler * Small aperture (800m emission area) * 30W operating power * Highly reliable single quantum well MBE structure * Telecom grade AuSn mounting technology * Standard wavelength at 915nm, 940nm, and 980nm (others available on request) * RoHS compliant
Applications: * Collimated solid state laser pumping * Direct applications such as material processing * Printing * Medical
1
Data Sheet
Characteristics
Parameter CW Output Power Center Wavelength [1] BPC30C-915-01 BPC30C-940-01 BPC30C-980-01 Spectral Width (FWHM) Wavelength Shift with Temperature Beam Divergence (FWHM) Parallel to Junction Perpendicular to Junction Polarization Threshold Current Slope Efficiency Conversion Efficiency Series Resistance Operating Current Operating Voltage Operating Temperature Symbol Pop c915 c940 c980 dc/dTop // - Ith D=Pop/(Iop-Ith) H=Pop/(VopxIop) Rs Iop Vop Top Typical 30 915 10 940 10 980 10 3 0.3 9 26 TE 3 1 >50 7 35 1.6 25 5 A W/A % m A V C Unit W
nm nm nm/C
deg
[1] Reduced wavelength window / extended range available on request (900-1060nm).
Bar Dimensions
Parameter Bar Width Resonator Length Emission Area Symbol b l W Typical 1.25 3.6 800 Unit mm mm m
2
Data Sheet
Passive Cu Block Cooler Dimensions (mm)
24.9 Front Side
14.19
11.19
7.52
Beam Height
O4
.39
Top
O2.7
9
24.9
13.97
2-56 UNC
3.18
18.54
3
6.1
12.3
14.28
22
7.93
Data Sheet
RoHS Compliance
Bookham is fully committed to environment protection and sustainable development and has set in place a comprehensive program for removing polluting and hazardous substances from all of its products. The relevant evidence of RoHS compliance is held as part of our controlled documentation for each of our compliant products. RoHS compliance parts are available to order, please refer to the ordering information section for further details.
Ordering Information: BPC30C-915-01 BPC30C-940-01 BPC30C-980-01 30W 915nm MaxiChip Laser Diode on Passive Cu Block Cooler 30W 940nm MaxiChip Laser Diode on Passive Cu Block Cooler 30W 980nm MaxiChip Laser Diode on Passive Cu Block Cooler
Contact Information
Bookham (Switzerland) AG
Binzstrasse 17 8045 Zurich Switzerland * Tel: +41 44 455 8787 * Fax:+41 44 455 8586
EMEA Sales Contact
Gunnar Stolze * Tel: +41 79 635 3777
ASIA Sales Contact
Patrick Lee * Tel: +852 9197 7014
North America Sales Contact
Michael Cutler * Tel: +1 678 763 0777
ISO 9001:2000 Certified
Japan Sales Contact
Japan Laser Corporation * Tel: +813 5285 0861
www.bookham.com highpower@bookham.com
DANGER
INVISIBLE LASER RADIATION - AVOID EYE OR SKIN EXPOSURE TO DIRECT OR SCATTERED RADIATION
Important Notice Performance figures, data and any illustrative material provided in this data sheet are typical and must be specifically confirmed in writing by Bookham before they become applicable to any particular order or contract. In accordance with the Bookham policy of continuous improvement specifications may change without notice. The publication of information in this data sheet does not imply freedom from patent or other protective rights of Bookham or others. Further details are available from any Bookham sales representative.
4
INVISIBLE LASER RADIATION AVOID EYE OR SKIN EXPOSURE TO DIRECT OR SCATTERED RADIATION CLASS 4 LASER PRODUCT
REFERENCE IEC 60825-Edition 1.2
MAX POWER 30W WAVELENGTH 900 - 1060nm CLASS IV LASER PRODUCT
THIS PRODUCT COMPLIES WITH 21CFR 1040.10
FM 68159
BH12909 Rev 1.1 April 2007 (c)Bookham 2005. Bookham is a registered trademark of Bookham Inc.


▲Up To Search▲   

 
Price & Availability of BPC30C-980-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X