Part Number Hot Search : 
MC420 19R106C 53201 GK2171 PC150 MBR2H100 M5223 26715QUQ
Product Description
Full Text Search
 

To Download BAT42WS04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
BAT42WS~BAT43WS
SURFACE MOUNT SCHOTTKY BARRIER
VOLTAGE FEATURES
* Low turn-on voltage
.054(1.35) .045(1.15)
30 Volts
CURRENT
0.20 Ampers
SOD-323
Unit: inch (mm)
.078(1.95) .068(1.75)
.014(.35) .009(.25)
* Fast switching * PN Junction Guard Ring for Transient and ESD Protection. * Both normal and Pb free product are available :
.006(.15)
Pb free: 98.5% Sn above
.107(2.7) .090(2.3)
MECHANICAL DATA
Case: SOD-323, Plastic Terminals: Solderable per MIL-STD-202, Method 208 Polarity: See Diagram Below Approx. Weight: 0.0045 gram
.012(.30)MIN.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25OC ambient temperature unless otherwise specified. For capacitive load, derate current by 20%.
Parameter Marking Code Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current at Ta=75O C Peak Forward Surge Current, 1. ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage Maximum DC Reverse Current at Rated DC Blocking Voltage Maximum Thermal Resistance (Note 1) Operating Junction and Storage Temperature Range
Symbol
BAT42WS L2
BAT43WS L3 30 21 30 0.2 4.0
.002(.05)
Normal : 80~95% Sn, 5~20% Pb
.038(.95) .027(.70)
Units
VRRM VRMS VDC IAV IFSM VF IR RJA TJ,TSTG
0.4 /10mA 1.0 / 200mA
V V V A A 0.33 / 2.0mA 1.0 / 200mA V uA
O
0.5 635 -55 TO +125
C/W
O
C
Note: 1. Cj at Vr=1, f=1MHz
STAD-SEP.14.2004
PAGE . 1
I R , INSTANTEOUB REVERSE CURRENT( m A)
1000
1000
I F -Forward Current(mA)
100
1 2 5 OC 25 OC
100 T A= 12 5 C 10 1.0 0.1 T A =25 C 0.01 0 10 20 30 40
O O
10 1.0
T A =75 C
O
0.1
0.01
0
200
400
600
800
1000
1200
V F -Instantaneous Forward Valtage(mV)
V R ,INSTANTANEOUS REVERSE VOLTAGE(V)
Fig. 1-TYPICAL FORWARD CHARACTERISTIC
Fig. 2-TYPICAL REVERSE CHARACTERISTICS
1 00
C J, Junction Capacitan(pF)
T J=25 C f=1MHz
o
AV E R A G E F O R WA R D C UR R E NT, A MP S
0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0
20 30 40 50 60 70 80 90 100 110 120130
10
1.0
0
5.0
10
15
20
25
30
35
40
V R ,REVERSE VOLTAGE(V)
A M B I E N T L E A D T E M P E R AT U R E , OC
Fig. 3-TYPICAL JUNCTION CAPACITANCE
Fig. 4-FORWARD DERATING CURVE
STAD-SEP.14.2004
PAGE . 2


▲Up To Search▲   

 
Price & Availability of BAT42WS04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X