Part Number Hot Search : 
PR150 XIT1700 PE3393 ZXCT1051 XS2206 AK4384 KBP158G BA6137
Product Description
Full Text Search
 

To Download B69812N1847E375 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Series/Type:
E375
The following products presented in this data sheet are being withdrawn. Ordering Code B69812N1847E375 Substitute Product Date of Withdrawal 06.07.2007 Deadline Last Orders 31.01.2008 Last Shipments 30.04.2008
For further information please contact your nearest EPCOS sales office, which will also support you in selecting a suitable substitute. The addresses of our worldwide sales network are presented at www.epcos.com/sales.
Microwave Ceramics and Modules 2-Pole Filter for PCN RX
Data Sheet
Filter B69812N1847E375
Features SMD filter consisting of coupled resonators with stepped impedances (NdBa)TiO3 (r = 88 / TCf =010 ppm/K) with a coating of copper (10m) and tin (>5m) Excellent reflow solderability, no migration effect due to copper/tin metallization
Index Page 2 Component drawing Recommended footprint Page 3 Characteristics Maximum ratings Typical passband characteristic Page 4 Processing information Soldering requirements Delivery mode
ISSUE DATE
09.03.04
ISSUE
B
PUBLISHER
SAW MWC PD
PAGE
1/4
Microwave Ceramics and Modules 2-Pole Filter for PCN RX
Data Sheet Component drawing
Filter B69812N1847E375
View from below onto the solder terminals and view from beside
Recommended footprint
ISSUE DATE
09.03.04
ISSUE
B
PUBLISHER
SAW MWC PD
PAGE
2/4
Microwave Ceramics and Modules 2-Pole Filter for PCN RX
Data Sheet Characteristics min. Center frequency Insertion loss Passband Amplitude ripple (peak - peak) Standing wave ratio Impedance Power Attenuation at DC to 1500 MHz at 1500 to 1705 MHz at 1705 to 1785 MHz at 1980 to 3500 MHz fc IL B 75 SWR Z P 32 15 2.5 10 35 17 3 15 typ.
Filter B69812N1847E375
max. 1.5 MHz dB MHz
1842.5 1.1
0.3 1.5 50
0.5 2.0
dB
1.0
W dB dB dB dB
Maximum ratings IEC climatic category (IEC 68-1) Operating temperature Typical passband characteristic - 40/+ 90/56 Top - 20 / + 80 C
1.4 0 -10 attenuation [dB] -20 -30 -40 -50 -60
1.5
1.6
1.7
1.8
1.9
2
2.1
2.2
DB[S11] DB[S21]
frequency [GHz]
ISSUE DATE
09.03.04
ISSUE
B
PUBLISHER
SAW MWC PD
PAGE
3/4
Microwave Ceramics and Modules 2-Pole Filter for PCN RX
Data Sheet Processing information Wettability acc. to IEC 68-2-58: 75% (after aging) Soldering Requirements Profile for eutectic SnPb solder paste Soldering type reflow Maximum soldering temperature 235 (max. 2 sec.) (measuring point on top surface of the component) 225 (max. 10 sec.) Recommended soldering conditions (infrared):
Temp. [C] within 10 sec.
Filter B69812N1847E375
Profile for leadfree solder paste reflow 260 (max. 2 sec.) C 250 (max. 10 sec.) C
Temp. [C]
within 10 sec.
215C10C
245C5C
20-40 sec. 40-80 sec.
Time [sec.]
30 sec. 2.5 C/s 2-3 min.
Time [sec.] > - 5 C/s
Delivery mode Blister tape acc. to IEC 286-3, PS, grey Pieces/tape: 3000
Reel: diameter - 330 mm Profile B-B:
Profile A-A: A
B
B
A
direction of unreeling
EPCOS AG 2001. All Rights Reserved. Reproduction, publication and dissemination of this data sheet, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited. The information contained in this data sheet describes the type of component and shall not be considered as guaranteed characteristics. Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless otherwise agreed.
ISSUE DATE
09.03.04
ISSUE
B
PUBLISHER
SAW MWC PD
PAGE
4/4


▲Up To Search▲   

 
Price & Availability of B69812N1847E375

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X