Part Number Hot Search : 
CX06C334 V600ME05 12012 F200B SZ3036 DG309BDY 1N4148 BU9457KV
Product Description
Full Text Search
 

To Download B60C-1060-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
Preliminary 60W 10xxnm High Power Bare Laser Diode Bar B60C-10xx-01
The Bookham B60C-10xx-01 50% fill factor laser diode bar has been designed to provide the increased brightness and reliability required for direct diode applications and as replacement for Nd:YAG lasers. The proprietary E2 front mirror passivation process, developed at our Zurich site, prevents Catastrophic Optical Damage (COD) to the laser diode facet even at extremely high output powers.
Features: * Bare 10mm x 1.2mm laser diode bar * 60W operating power * Highly reliable single quantum well MBE structure * Excellent solderability * Standard wavelength at 1060nm (others available on request) * RoHS compliant Applications: * Direct applications such as material processing * Nd:YAG laser replacement * Medical * Printing
1
Data Sheet
Characteristics
Parameter CW Output Power Central Wavelength B60C-1060-01
[1]
Symbol Pop c1060 dc/dTop // - Ith D = Pop/(Iop-Ith) H = Pop/(VopxIop) Rs Iop Vop Top Qw Pw
Typical 60 1060 10 4 0.3 9 26 TE 11 0.9 50 5 80 1.5 25 5 22 4 0.7
Unit W nm nm nm/C deg - A W/A % m A V C l/hrs bar
Spectral Width (FWHM) Wavelength Shift with Temperature Beam Divergence Parallel to Junction (90% of Power) Perpendicular to Junction (FWHM) Polarization Threshold Current Slope Efficiency Conversion Efficiency Series Resistance Operating Current Operating Voltage Operating Temperature Watercooler Flow Microchannel Cooler Differential Pressure
Notes:
[1] Reduced wavelength window/extended range available on request (900-1060nm).
Bar Dimensions
Parameter Bar Width Resonator Length Number of Emitters Emitter Spacing Emitter Width Fill Factor Symbol b l n p w f Typical 10 1.2 25 400 200 50 Unit mm mm - m m %
2
Data Sheet
Bare Bar Dimensions (mm)
3
Data Sheet
RoHS Compliance
Bookham is fully committed to environment protection and sustainable development and has set in place a comprehensive program for removing polluting and hazardous substances from all of its products. The relevant evidence of RoHS compliance is held as part of our controlled documentation for each of our compliant products. RoHS compliance parts are available to order, please refer to the ordering information section for further details.
Ordering Information: B60C-1060-01 60W 1060nm Bare Laser Diode Bar
Contact Information
Bookham (Switzerland) AG
Binzstrasse 17 8045 Zurich Switzerland * Tel: +41 44 455 8787 * Fax: +41 44 455 8586
EMEA Sales Contact
Gunnar Stolze * Tel: +41 79 635 3777
ASIA Sales Contact
Patrick Lee * Tel: +852 9197 7014
North America Sales Contact
Michael Cutler * Tel: +1 678 763 0777
Japan Sales Contact
Japan Laser Corporation * Tel: +813 5285 0861
Important Notice Performance figures, data and any illustrative material provided in this data sheet are typical and must be specifically confirmed in writing by Bookham before they become applicable to any particular order or contract. In accordance with the Bookham policy of continuous improvement specifications may change without notice. The publication of information in this data sheet does not imply freedom from patent or other protective rights of Bookham or others. Further details are available from any Bookham sales representative.
www.bookham.com highpower@bookham.com
DANGER
INVISIBLE LASER RADIATION - AVOID EYE OR SKIN EXPOSURE TO DIRECT OR SCATTERED RADIATION
ISO 9001:2000 Certified
INVISIBLE LASER RADIATION DO NOT VIEW DIRECTLY WITH OPTICAL INSTRUMENTS CLASS 1M LASER PRODUCT
MAX POWER 60W WAVELENGTH 900-1060nm CLASS IV LASER PRODUCT
FM 68159
REFERENCE IEC 60825-1 Edition 1.2
THIS PRODUCT COMPLIES WITH 21CFR 1040.10
4
BH13574 Rev 1.0 June 2007. (c)Bookham 2005. Bookham is a registered trademark of Bookham Inc.


▲Up To Search▲   

 
Price & Availability of B60C-1060-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X