Part Number Hot Search : 
CR123 2SK08 PSKH224 ZTX690B 178M05 DB157G BUL39D MB9AF
Product Description
Full Text Search
 

To Download AT209S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AME, Inc.
AT209S
n General Description
The AT209S is an integrated device that contains a PCI Arbiter and a Clock Buffer. PCI Arbiter extends system PCI devices without piecing other circuit to simplify design complexity and increase systems stability. PCI Arbiter also provides STOP# input pin with that extended PCI devices instruct the master to prematurely end the transaction on the current data phase same as one in PCI specification. Clock Buffer is a high performance and low jitter zero delay buffer that provides synchronization between the input and output. The synchronization is established via CLKO feed back to the input of a build-in PLL. PCICLKI is the clock input of the Clock Buffer. In the absence of PCICLKI input, will be in the power down mode. In this mode, the PLL is turned off and the output buffers are pulled low. Power down mode provides the lowest power consumption for a standby condition.
PCI Arbiter and Clock Buffer
n Features
l PCI Arbiter Extend PCI Devices from One to Three l PCI Clock Frequency Support PCI Clock range from 25MHz to 66MHz l Zero delay buffer Generate four zero delay clock sources Support frequency range from 25MHz to 66MHz l All AME's Lead Free Products Meet RoHS Standards
Rev.A.01
1
AME, Inc.
AT209S
n Pin Configuration
PCI Arbiter and Clock Buffer
NC P C IS T O P # S YS R E Q # S YS G N T # P C IR E Q 1 # VSS P C IG N T 1 # P C IR E Q 2 # VCC P C IG N T 2 # P C IR E Q 3 # P C IG N T 3 # NC NC
1 2 3 4 5 6 7 8 9 10 11 12 13 14
28 27 26 25
AVCC P C IC L K I P C IR S T # AVSS VSS P C IC L K O U T P C IC L K 1 VCC P C IC L K 2 P C IC L K 3 P C IC L K 4 VSS NC NC
A T 2 0 9 S
24 23 22 21 20 19 18 17 16 15
Ordering Information AT209S- Commercial Standard AT209SG- Green Device with Commercial Standard
2
Rev.A.01
AME, Inc.
AT209S
n Pin Description
I/O Type
IN OUT PWR
PCI Arbiter and Clock Buffer
Function
Input Pin Output Pin Power Pin
Pin No.
26 2 3 4 5 7 8 10 11 12
Pin Name
PCIRST# PCISTOP# SYSREQ# SYSGNT# PCIREQ1# PCIGNT1# PCIREQ2# PCIGNT2# PCIREQ3# PCIGNT3#
I/O Type
IN IN OUT IN IN OUT IN OUT IN OUT PCI bus reset#
Function
PCI bus stop# (Internal 47K pull-up resistor) Request signal to chipset Grant signal from chipset (Internal 47K pull-up resistor) Request signal from PCI bus (Internal 47K pull-up resistor) Grant signal to PCI bus Request signal from PCI bus (Internal 47K pull-up resistor) Grant signal to PCI bus Request signal from PCI bus (Internal 47K pull-up resistor) Grant signal to PCI bus
Table 1. PCI Arbiter FSM Group Signal, Power; Vcc3V (3.3V)
Rev.A.01
3
AME, Inc.
AT209S
n Pin Description
Pin No.
18 19 20 22 23 27
PCI Arbiter and Clock Buffer
Pin Name
PCICLK4 PCICLK3 PCICLK2 PCICLK1 PCICLKOUT PCICLKI
I/O Type
OUT OUT OUT OUT OUT IN PCICLK output PCICLK output PCICLK output PCICLK output
Function
PLL feedback and Internal feedback on this pin PCLCLK input reference frequency
Table 2. Clock Buffer Group Signal ---- Power: Vcc23 (2.5V or 3.3V)
Pin No.
6 9 17 21 24 25 28
Pin Name
VSS VCC VSS VCC VSS AVSS AVCC
I/O Type
PWR PWR PWR PWR PWR PWR PWR Ground 3.3V Power Ground 3.3V Power Ground Ground for PLL 3.3V Power for PLL
Function
Table 3. Power Signal
4
Rev.A.01
AME, Inc.
AT209S
n Quick Reference Data
GND = 0V; VCC = 3.3V; 0oC < Temp < 85oC
PCI Arbiter and Clock Buffer
Symbol
VCC VSS AVCC AVSS
Parameter
Power pin Ground pin Power pin for PLL Ground pin for PLL
Test Conditions
Min
3.15
Typical
3.3 0
Max
3.45
Unit
V V
3.15
3.3 0
3.45
V V
Table 4. Power/Ground Pin
Symbol
Vil Vih Vol Voh Duty1
Parameter
Input low voltage Input high voltage Output low voltage Output high voltage Output duty cycle (0.5*VCC as a reference) Output rise time
Test Conditions
Min
2
Typical
Max
0.8
Unit
V V
IoI=30mA; VCC3V=3.3V Ioh=30mA; VCC3V=3.3V Input duty cycle=50% Measure between 0.8v and 2V, 2.4 45
0.4
V V
55
%
Tr
2 CL=30P Measure between 0.8v and 2V, CL=30P Measure at 0.5*Vin & Vout,
nS
Tf
Output fall time
2
nS
Tpd PCICLKI
Propagation delay time Buffer input frequency
CL=30P 25M
250 50M
nS Hz
Table 5. Clock Buffer Block
Rev.A.01
5
AME, Inc.
AT209S
n Quick Reference Data
Symbol
Vil Vih Vol Voh Tdcko
PCI Arbiter and Clock Buffer
Parameter
Input low voltage Input high voltage Output low voltage Output high voltage Output delay from PCICLK rising edge to output valid
Test Conditions
Min
2.0
Typical
Max
0.8
Unit
V V
0.4 2.4 8 10
V nS nS
Table 6. PCI Arbiter FSM
6
Rev.A.01
AME, Inc.
AT209S PCI Arbiter and Clock Buffer
PLL
PCICLKI
PCICLKOUT
PCICLK1
PCICLK2
PCICLK3
PCICLK4
Figure 2. Clock Buffer Block Diagram
Output-to-Output Skew
Since the PCICLKOUT and the PCICLK(1-4) outputs are identical, they all start at the same time, but different loads cause them to have different rise times and different times crossing the measurement thresholds. If all outputs are equally loaded, zero phase difference will maintained from PCICLKI to all outputs. If applications requiring zero output-output skew, all the outputs must equally loaded. If the PCICLK(1-4) outputs are less loaded than PCICLKOUT, PCICLK(1-4) outputs will lead it; and if the PCICLK(1-4) is more loaded than PCICLKOUT, PCICLK(1-4) will lag the PCICLKOUT.
Rev.A.01
7
AME, Inc.
AT209S PCI Arbiter and Clock Buffer
Zero Delay PCICLKI input and all outputs loaded Equally
PCICLKI PCICLKOUT PCICLK(1-4)
PCICLKI PCICLKOUT
PCICLKI PCICLKOUT
PCICLK(1-4) Advanced
PCICLK(1-4) Delayed
PCICLKI input and PCICLK(1-4) outputs loaded equally, with PCICLKOUT loaded More.
PCICLKI input and PCICLK(1-4) outputs loaded equally, with PCICLKOUT loaded Less.
Figure 3. Timing diagrams with different loading configurations
8
Rev.A.01
AME, Inc.
AT209S
n Package Dimension
SSOP-28
MILLIMETERS MIN 1.35 0.10 0.20 9.80 3.81 5.80 0.41 0o MAX 1.75 0.25 1.50 0.30 10.00 4.00 6.20 1.27 8o INCHES MIN 0.053 0.004 0.008 0.386 0.150 0.228 0.016 0o MAX 0.069 0.010 0.059 0.012 0.394 0.157 0.244 0.500 8o
PCI Arbiter and Clock Buffer
TOP VIEW
28 15
SYMBOLS A A1 A2
E E1
b D E1 e E h L
1
b
e
14
0.635BASIC 0.380BASIC
0.025BASIC 0.015BASIC
FRONT VIEW
D
A2 A1 A
SEATING PLANE 0.004 max
SIDE VIEW
Rev.A.01
h
A"
GAUGE PLANE
0'
L
SEATING PLANE
DETAL : A"
9
www.ame.com.tw
E-Mail: sales@ame.com.tw
Life Support Policy: These products of AME, Inc. are not authorized for use as critical components in life-support devices or systems, without the express written approval of the president of AME, Inc. AME, Inc. reserves the right to make changes in the circuitry and specifications of its devices and advises its customers to obtain the latest version of relevant information. (c) AME, Inc. , Auguest 2007 Document: ATT-DS209S-A.01
Corporate Headquarter
AME, Inc.
2F, 302 Rui-Guang Road, Nei-Hu District Taipei 114, Taiwan. Tel : 886 2 2627-8687 Fax: 886 2 2659-2989
U.S.A. (Subsidiary)
Analog Microelectronics, Inc.
3100 De La Cruz Blvd., Suite 201 Santa Clara, CA. 95054-2046 Tel: (408) 988-2388 Fax: (408) 988-2489


▲Up To Search▲   

 
Price & Availability of AT209S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X