|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
DATA SHEET AM150~AM1510 1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES VOLTAGE FEATURES 50 to 600 Volts CURRENT 1.5 Amperes AM Unit: inch (mm) Recongnized File # E111753 * Ratings to 1000V PRV * Surge overload rating: 50 Amperes peak * Ideal for printed circuit board * Reliable low cost construction utilizing molded plastic * Mounting position:Any 1.2(30.5)MIN .217(5.5) .197(5.0) .370(9.4) .339(8.6) technique MECHANICAL DATA Case:Reliable low cost construction utilizing molded plastic technique results in inexpensive product. Terminals: Leads solderable per MIL-STD-202, Method 208 Polarity :Polarity symbols marking on body. Weight: 0.05 ounce, 1.3 grams .2 2 0 (5 .6 ) .1 8 1 (4 .6 ) .2 2 0 (5 .1 8 1 .6 ) (4 .6 ) .031(0.8) .028(0.7) Bottom View MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating at 25Cambient temperature unless otherwise specified. Resistive or inductive load, 60Hz. For Capacitive load derate current by 20%. PARAMETER Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward Current TA=50O C Peak Forward Surge Current:8.3ms single half sine-wave superimposed on rated load (JEDEC method) I2 t Rating for fusing ( t<8.35ms) Maximum Forward Voltage Drop per Bridge Element at 1.0A Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Junction capacitance (Note 1) Typical thermal resistance per leg ((Note 2) Typical thermal resistance per leg ((Note 2) Operating and Storage Temperature Range Storage Temperature Range NOTES: SYMBOL AM150 VRRM VRMS VDC IAV IFSM I2 t VF IR CJ RJA RJL TJ TSTG AM151 100 70 100 AM152 200 140 200 AM154 400 280 400 1.5 50 10 1.0 AM156 600 420 600 1.0(25.4)MIN AM158 800 560 800 AM1510 1000 700 1000 UNITS V V V A A A2 t V 50 35 50 10 @ TA=25 C 1000 @ TA=100 O C 24 36 13 -55 to + 125 -55 to + 150 O O uA pF C/W O C C O 1. Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts. 2. Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.47 X 0.47"(12 X 12mm) copper pads. STAD-SEP.05.2003 PAGE . 1 RATING AND CHARACTERISTIC CURVES 5.0 2.5 MOUNTED ON PC BOARD. TA 0.5" (12.7mm) LEAD LENGTH 60Hz RESISTIVE OR INDUCTIVE LOAD INSTANTANEOUS FWD CUTTENT, AMPERES OUTPUT CURRENT AMPERES 3.0 4.0 3.0 2.0 1.0 .9 .8 .7 .5 .3 .2 .1 .07 .05 .03 .02 .01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 2.0 1.5 1.0 0.5 0 0 50 100 150 TA= 25 O C AMBIENT TEMPERATURE, OC INSTANTANEOUS FWD VOLTAGE, VOLTS FIG.1 DERATING CURVE FOR OUTPUT RECTIFIED CURRENT FIG.2 TYPICAL FORWARD CHARACTERISTICS INSTANTANEOUS REVERSE CURRENT,uA FORWARD SURGE CURRENT, AMPERES pk (HALF SINE-WAVE) 10 50 TA = 100 C O 40 1.0 30 20 0.1 TA= 25 C O 10 0.01 0 20 40 60 80 100 120 140 0 1 2 6 10 20 40 60 100 PERCENT OF PEAK REVERSE VOLTAGE NO. OF CYCLES AT 60Hz FIG.3 TYPICAL REVERSE CHARACTERISTICS FIG.4 MAX NON-REPETITIVE SURGE CURRENT STAD-SEP.05.2003 PAGE . 2 |
Price & Availability of AM15003 |