Part Number Hot Search : 
TP0101K KRF7506 IM43GR 1200100 MBCR10K AO4619 OP400GBC SERIES
Product Description
Full Text Search
 

To Download AKD4384-SC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 [AKD4384-SC]
AKD4384-SC
AK4384 Evaluation board Rev.0
General Description The AKD4384-SC is an evaluation board for AK4384, which is 192kHz sampling 24Bit DAC. The AKD4384-SC includes a LPF which can add differential analog outputs from the AK4384 and also has a digital interface. Therefore, it is easy to evaluate the AK4384. Ordering Guide AKD4384-SC --- Evaluation board for AK4384 Function On-board Analog output buffer circuit On-board digital audio interface. (AK4113)
2nd Order LPF DIR COAX In AK4113 Opt In AK4384 Lch
Rch
Figure 1. Block diagram
* Circuit diagram are attached at the end of this manual. COAX is recommended for an evaluation of the Sound quality.

1
2007/06
[AKD4384-SC]
Operation sequence
1) Set up the power supply lines. (See "Other jumpers set-up".) Name +15V -15V AGND Color Red Blue Black Voltage +12+15V -12-15V 0V Comments For regulator and op-amps. For op-amps. GND Attention This jack should be always connected to power supply. This jack should be always connected to power supply. This jack should be always connected to power supply.
Table 1. Set up of power supply lines
Each supply line should be distributed from the power supply unit. 2) Set-up the jumper pins 3) Set-up the DIP switches. (See the followings.) 4) Power on The AK4384 should be reset once by bringing SW1 (PDN) "L" upon power-up.

2
2007/06
[AKD4384-SC]
Evaluation mode
1. DIR (COAX) (default) It is possible to evaluate the AK4384 by using CD disk. The DIR generates MCLK, BICK, LRCK and SDATA from the received data through BNC connector (J1). Setting of jumper is shown below. COAX is recommended for an evaluation of the Sound quality.
JP1
OPT COAX BNC (Default)
Figure 2. Jumper setting, when using DIR 2. DIR (Optical Link) It is possible to evaluate the AK4384 by using CD disk. The DIR generates MCLK, BICK, LRCK and SDATA from the received data through optical connector (PORT3: TORX176). Setting of jumper is shown below.
JP1
OPT COAX PORT3
Figure 3. Jumper setting, when using DIR
3. All clocks are fed through the PORT1.
R13, R15, R17, R18 R1, R2, R3, R8 : open : 100 or short (0)
DIP Switch setting
[SW2]: AK4113 setting No. 1 2 Pin OCKS1 OCKS0 OFF ON Default ON OFF AK4113 Master Clock setting Refer to Table4 Table 2. SW2 setting [S1]: AK4384 setting No. 1 2 3 4 Pin SMUTE P/S ACKS OFF Soft Mute Pin in parallel mode : "Disable" Parallel Control mode Manual setting mode NC ON Soft Mute Pin in parallel mode : "Enable" Serial Control mode Auto setting mode Default OFF OFF ON OFF
Table 3. SW3 setting

3
2007/06
[AKD4384-SC]
The frequency of the master clock output is set by OCKS0 and OCKS1 as shown in Table 4. OCKS1 0 1 1 OCKS0 0 0 1 MCLK Frequency 256fs @fs=88.2/96kHz 512fs @32/44.1/48kHz 128fs @176.4/192kHz Table 4. MCLK Clock
Default
SW1 setting
[SW1](PDN): Reset of AK4384. Select "H" during operation.

4
2007/06
[AKD4384-SC]
External Analog Filter Circuit
The 2nd order LPF (fc=111.8kHz, Q=0.714) is implemented on the board. When the further attenuation of the out-band noise is needed, some additional LPF is required. Analog signal is output through BNC connectors on the board. And the output level of the AK4384 is 5.68Vpp@5V.
C1
R4
R3
+Vop
22u R1 R2
AOUT
10k C2
Analog Out
-Vop
fc=111.8kHz, Q=0.714, g=-0.04dB at 40kHz
Figure 4. External Analog Filter
R1
1.5k
R2
1.8k
R3
R4
C1
C2
820p
2.2k 3.3k 820p Table 5. The value of R,C on this board
fin 20kHz 40kHz Frequency Response 0.00dB -0.04dB Table 6. Frequency Response of LPF
80kHz -0.76dB
Amplitude = 20 log K= fc= 0= R3+R4 , R4 0 , 2 1 C1C2R1R2 ,
K [1-(f/fc)2] 2+[(1/Q)(f/fc)] 2
[dB],
Q = 2fc
1 1 1 1- k + + C1 R1 C1 R2 C 2 R2

5
2007/06
[AKD4384-SC]
2. Control Software Manual Set-up of evaluation board and control software
1. Set up the AKD4384-SC according to previous term. 2. Connect IBM-AT compatible PC with AKD4384-SC by 10-line type flat cable (packed with AKD4384-SC). Take care of the direction of 10pin header. (Please install the driver in the CD-ROM when this control software is used on Windows 2000/XP. Please refer "Installation Manual of Control Software Driver by AKM device control software". In case of Windows95/98/ME, this installation is not needed. This control software does not operate on Windows NT.) 3. Insert the CD-ROM labeled "AKD4384-SC Evaluation Kit" into the CD-ROM drive. 4. Access the CD-ROM drive and double-click the icon of "AKD4384-SC.exe" to set up the control program. 5. Then please evaluate according to the follows.
Operation flow
Keep the following flow. 1. Set up the control program according to explanation above. 2. Click "Port Reset" button.
Explanation of each buttons
1. [Port Reset] : 2. [Write default] : 3. [All Write] : 4. [Function1] : 5. [Function2] : 6. [Function3] : 7. [Function4] : 8. [Function5]: 9. [SAVE] : 10. [OPEN] : 11. [Write] : Set up the USB interface board (AKDUSBIF-A) . Initialize the register of AK4384. Write all registers that is currently displayed. Dialog to write data by keyboard operation. Dialog to write data by keyboard operation. The sequence of register setting can be set and executed. The sequence that is created on [Function3] can be assigned to buttons and executed. The register setting that is created by [SAVE] function on main window can be assigned to buttons and executed. Save the current register setting. Write the saved values to all register. Dialog to write data by mouse operation.
Indication of data
Input data is indicated on the register map. Red letter indicates "H" or "1" and blue one indicates "L" or "0". Blank is the part that is not defined in the datasheet.

6
2007/06
[AKD4384-SC]
Explanation of each dialog 1. [Write Dialog]: Dialog to write data by mouse operation
There are dialogs corresponding to each register. Click the [Write] button corresponding to each register to set up the dialog. If you check the check box, data becomes "H" or "1". If not, "L" or "0". When writing the input data to AK4384, click [OK] button. If not, click [Cancel] button.
2. [Function1 Dialog] :
Dialog to write data by keyboard operation Input registers address in 2 figures of hexadecimal. Input registers data in 2 figures of hexadecimal.
Address Box: Data Box:
When writing the input data to AK4384, click [OK] button. If not, click [Cancel] button.
3. [Function2 Dialog] :
Dialog to evaluate ATT
Address Box: Input registers address in 2 figures of hexadecimal. Start Data Box: Input starts data in 2 figures of hexadecimal. End Data Box: Input end data in 2 figures of hexadecimal. Interval Box: Data is written to AK4642 by this interval. Step Box: Data changes by this step. Mode Select Box: With checking this check box, data reaches end data, and returns to start data. [Example] Start Data = 00, End Data = 09 Data flow: 00 01 02 03 04 05 06 07 08 09 09 08 07 06 05 04 03 02 01 00 Without checking this check box, data reaches end data, but does not return to start data. [Example] Start Data = 00, End Data = 09 Data flow: 00 01 02 03 04 05 06 07 08 09 When writing the input data to AK4384, click [OK] button. If not, click [Cancel] button.

7
2007/06
[AKD4384-SC]
4. [Save] and [Open] 4-1. [Save]
Save the current register setting data. The extension of file name is "akr".
(Operation flow) (1) Click [Save] Button. (2) Set the file name and push [Save] Button. The extension of file name is "akr". 4-2. [Open]
The register setting data saved by [Save] is written to AK4384. The file type is the same as [Save].
(Operation flow) (1) Click [Open] Button. (2) Select the file (*.akr) and Click [Open] Button.

8
2007/06
[AKD4384-SC]
5. [Function3 Dialog]
The sequence of register setting can be set and executed. (1) Click [F3] Button. (2) Set the control sequence. Set the address, Data and Interval time. Set "-1" to the address of the step where the sequence should be paused. (3) Click [Start] button. Then this sequence is executed. The sequence is paused at the step of Interval="-1". Click [START] button, the sequence restarts from the paused step. This sequence can be saved and opened by [Save] and [Open] button on the Function3 window. The extension of file name is "aks".
Figure 5. Window of [F3]

9
2007/06
[AKD4384-SC]
6. [Function4 Dialog]
The sequence that is created on [Function3] can be assigned to buttons and executed. When [F4] button is clicked, the
window as shown in Figure 6 opens.
Figure 6. [F4] window

10
2007/06
[AKD4384-SC]
6-1. [OPEN] buttons on left side and [START] buttons
(1) Click [OPEN] button and select the sequence file (*.aks). The sequence file name is displayed as shown in Figure 7.
Figure 7. [F4] window(2) (2) Click [START] button, then the sequence is executed.
3-2. [SAVE] and [OPEN] buttons on right side
[SAVE] : The sequence file names can assign be saved. The file name is *.ak4. [OPEN] : The sequence file names assign that are saved in *.ak4 are loaded.
3-3. Note
(1) This function doesn't support the pause function of sequence function. (2) All files need to be in same folder used by [SAVE] and [OPEN] function on right side. (3) When the sequence is changed in [Function3], the file should be loaded again in order to reflect the change.

11
2007/06
[AKD4384-SC]
7. [Function5 Dialog]
The register setting that is created by [SAVE] function on main window can be assigned to buttons and executed. When [F5] button is clicked, the following window as shown in Figure 8opens.
Figure 8. [F5] window
7-1. [OPEN] buttons on left side and [WRITE] button (1) Click [OPEN] button and select the register setting file (*.akr).
(2) Click [WRITE] button, then the register setting is executed.
7-2. [SAVE] and [OPEN] buttons on right side
[SAVE] : The register setting file names assign can be saved. The file name is *.ak5. [OPEN] : The register setting file names assign that are saved in *.ak5 are loaded.
7-3. Note
(1) All files need to be in same folder used by [SAVE] and [OPEN] function on right side. (2) When the register setting is changed by [Save] Button in main window, the file should be loaded again in order to reflect the change.

12
2007/06
[AKD4384-SC]
Measurement Results
[Measurement condition] * Measurement unit * MCLK * BICK * fs * Bit * Power Supply * Interface * Temperature fs=44.1kHz Parameter S/(N+D) DR S/N fs=96kHz Parameter S/(N+D) DR DR S/N S/N fs=192kHz Parameter S/(N+D) DR DR S/N S/N Input signal 1kHz, 0dB 1kHz, -60dB 1kHz, -60dB "0" data "0" data Measurement filter 40kLPF 40kLPF 22kLPF, A-weighted 40kLPF 22kLPF, A-weighted Results 95.5 / 95.7 dB 99.9 / 100.0 dB 104.4 / 104.6 dB 101.1 / 101.0 dB 105.9 / 105.9 dB Input signal 1kHz, 0dB 1kHz, -60dB 1kHz, -60dB "0" data "0" data Measurement filter 40kLPF 40kLPF 22kLPF, A-weighted 40kLPF 22kLPF, A-weighted Results 96.1 / 96.1 dB 100.7 / 100.7 dB 105.3 / 105.3 dB 101.3 / 101.5 dB 105.9 / 106.1 dB Input signal 1kHz, 0dB 1kHz, -60dB "0" data Measurement filter 20kLPF 22kLPF, A-weighted 22kLPF, A-weighted Results 96.1 / 96.2 dB 105.3 / 105.3 dB 106.1 / 106.3 dB
: Audio Precision System two Cascade (AP2) : 512fs (44.1kHz), 256fs (96kHz), 128fs (192kHz) : 64fs : 44.1kHz, 96kHz, 192kHz : 24bit : VDD=5V : Internal DIR (44.1kHz, 96kHz, 192kHz) : Room

13
2007/06
[AKD4384-SC]
Plots
(fs=44.1kHz)
AKM
+0 -10 -20 -30 -40 -50 -60 d B r A -70 -80 -90 -100 -110 -120 -130 -140 -150 -160 20 50 100 200
AK4384 FFT fs=44.1kHz VDD=5V, 0dBFS input
500 Hz
1k
2k
5k
10k
20k
Figure 9. FFT (fin=1kHz, Input Level=0dBFS)
AKM
+0 -10 -20 -30 -40 -50 -60 d B r A -70 -80 -90 -100 -110 -120 -130 -140 -150 -160 20 50 100 200
AK4384 FFT fs=44.1kHz VDD=5V, -60dBFS input
500 Hz
1k
2k
5k
10k
20k
Figure 10. FFT (fin=1kHz, Input Level=-60dBFS)

14
2007/06
[AKD4384-SC]
(fs=44.1kHz)
AKM
+0 -10 -20 -30 -40 -50 -60 d B r A -70 -80 -90 -100 -110 -120 -130 -140 -150 -160 20 50 100 200
AK4384 FFT fs=44.1kHz VDD=5V, No data input
500 Hz
1k
2k
5k
10k
20k
Figure 11. FFT (Noise Floor)
AKM
+0 -10 -20 -30 -40 -50 -60 d B r A -70 -80 -90 -100 -110 -120 -130 -140 -150 -160 20 50 100 200
AK4384 FFT outband noise fs=44.1kHz VDD=5V, No data input
500
1k Hz
2k
5k
10k
20k
50k
100k
Figure 12. FFT (Out of band noise)

15
2007/06
[AKD4384-SC]
(fs=44.1kHz)
AKM
-80 -82.5 -85 -87.5 -90 -92.5 -95 d B r A -97.5 -100 -102.5 -105 -107.5 -110 -112.5 -115 -117.5 -120 -140 -130 -120 -110
AK4384 THD+N vs. Input Level fs=44.1kHz VDD=5V, fin=1kHz
-100
-90
-80
-70 dBFS
-60
-50
-40
-30
-20
-10
+0
Figure 13 . THD+N vs. Input level (fin=1kHz)
AKM
-80 -82.5 -85 -87.5 -90 -92.5 -95 d B r A -97.5 -100 -102.5 -105 -107.5 -110 -112.5 -115 -117.5 -120 20 50 100
AK4384 THD+N vs. Input Frequency fs=44.1kHz VDD=5V, 0dBFS input
200
500 Hz
1k
2k
5k
10k
20k
Figure 14 . THD+N vs. Input Frequency (Input level=0dBFS)

16
2007/06
[AKD4384-SC]
(fs=44.1kHz)
AKM
+0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -100 -110 -120 -120
AK4384 Linearity fs=44.1kHz VDD=5V, fin=1kHz
d B r A
-110
-100
-90
-80
-70
-60 dBFS
-50
-40
-30
-20
-10
+0
Figure 15. Linearity (fin=1kHz)
AKM
+1 +0.9 +0.8 +0.7 +0.6 +0.5 +0.4 +0.3 +0.2 d B r A +0.1 +0 -0.1 -0.2 -0.3 -0.4 -0.5 -0.6 -0.7 -0.8 -0.9 -1 2k 4k
AK4384 Frequency Response fs=44.1kHz VDD=5V, 0dBFS input Level
6k
8k
10k Hz
12k
14k
16k
18k
20k
Figure 16. Frequency Response (Input level=0dBFS)

17
2007/06
[AKD4384-SC]
(fs=44.1kHz)
AKM
-80 -85 -90 -95 -100 -105 d B -110 -115 -120 -125 -130 -135 -140 20
AK4384 Crosstalk (Red:Lch, Blue:Rch) fs=44.1kHz VDD=5V, 0dBFS input Level
50
100
200
500 Hz
1k
2k
5k
10k
20k
Figure 17. Crosstalk (Input level=0dBFS)

18
2007/06
[AKD4384-SC]
(fs=96kHz)
AKM
+0 -10 -20 -30 -40 -50 -60 d B r A -70 -80 -90 -100 -110 -120 -130 -140 -150 -160 40 50 100 200
AK4384 FFT fs=96kHz VDD=5V, 0dBFS input Level
500
1k Hz
2k
5k
10k
20k
40k
Figure 18. FFT (fin=1kHz, Input Level=0dBFS)
AKM
+0 -10 -20 -30 -40 -50 -60 d B r A -70 -80 -90 -100 -110 -120 -130 -140 -150 -160 40 50 100 200
AK4384 FFT fs=96kHz VDD=5V, 0dBFS input Level, notch
500
1k Hz
2k
5k
10k
20k
40k
Figure 19. FFT(fin=1kHz, Input Level=0dBFS, Notch)

19
2007/06
[AKD4384-SC]
(fs=96kHz)
AKM
+0 -10 -20 -30 -40 -50 -60 d B r A -70 -80 -90 -100 -110 -120 -130 -140 -150 -160 40 50 100 200 500
AK4384 FFT fs=96kHz VDD=5V, -60dBFS input
1k Hz
2k
5k
10k
20k
40k
Figure 20. FFT (fin=1kHz, Input Level=-60dBFS)
AKM
+0 -10 -20 -30 -40 -50 -60 d B r A -70 -80 -90 -100 -110 -120 -130 -140 -150 -160 40 50 100 200 500
AK4384 FFT fs=96kHz VDD=5V, No data input
1k Hz
2k
5k
10k
20k
40k
Figure 21. FFT (Noise Floor)

20
2007/06
[AKD4384-SC]
(fs=96kHz)
AKM
-80 -82.5 -85 -87.5 -90 -92.5 -95 d B r A -97.5 -100 -102.5 -105 -107.5 -110 -112.5 -115 -117.5 -120 -140 -130 -120 -110 -100
AK4384 THD+N vs. Input Level fs=96kHz VDD=5V, fin=1kHz
-90
-80
-70 dBFS
-60
-50
-40
-30
-20
-10
+0
Figure 22. THD+N vs. Input level (fin=1kHz)
AKM
-80 -82.5 -85 -87.5 -90 -92.5 -95 d B r A -97.5 -100 -102.5 -105 -107.5 -110 -112.5 -115 -117.5 -120 40 50 100 200
AK4384 THD+N vs. Input Frequency fs=96kHz VDD=5V, 0dBFS Input
500
1k Hz
2k
5k
10k
20k
40k
Figure 23. THD+N vs. Input Frequency (Input level=0dBFS)

21
2007/06
[AKD4384-SC]
(fs=96kHz)
AKM
+0 -10 -20 -30 -40 -50 d B r A -80 -90 -100 -110 -120 -130 -120 -60 -70
AK4384 Linearity fs=96kHz VDD=5V, fin=1kHz
-110
-100
-90
-80
-70
-60 dBFS
-50
-40
-30
-20
-10
+0
Figure 24. Linearity (fin=1kHz)
AKM
+1 +0.9 +0.8 +0.7 +0.6 +0.5 +0.4 +0.3 +0.2 d B r A +0.1 +0 -0.1 -0.2 -0.3 -0.4 -0.5 -0.6 -0.7 -0.8 -0.9 -1 2.5k 5k 7.5k 10k
AK4384 Frequency Response fs=96kHz VDD=5V, 0dBFS input
12.5k
15k
17.5k
20k Hz
22.5k
25k
27.5k
30k
32.5k
35k
37.5k
40k
Figure 25. Frequency Response (Input level=0dBFS)

22
2007/06
[AKD4384-SC]
(fs=96kHz)
AKM
-80 -85 -90 -95 -100 -105 d B -110 -115 -120 -125 -130 -135 -140 40
AK4384 Crosstalk (Red:Lch, Blue:Rch) fs=96kHz VDD=5V, 0dBFS input
50
100
200
500
1k Hz
2k
5k
10k
20k
40k
Figure 26. Crosstalk (Input level=0dBFS)

23
2007/06
[AKD4384-SC]
(fs=192kHz)
AKM
+0 -10 -20 -30 -40 -50 -60 d B r A -70 -80 -90 -100 -110 -120 -130 -140 -150 -160 90 200 500 1k
AK4384 FFT fs=192kHz VDD=5V, 0dBFS input
2k Hz
5k
10k
20k
50k
80k
Figure 27. FFT (fin=1kHz, Input Level=0dBFS)
AKM
+0 -10 -20 -30 -40 -50 -60 d B r A -70 -80 -90 -100 -110 -120 -130 -140 -150 -160 90 200 500
AK4384 FFT notch fs=192kHz VDD=5V, 0dBFS input
1k
2k Hz
5k
10k
20k
50k
80k
Figure 28. FFT(fin=1kHz, Input Level=0dBFS, Notch)

24
2007/06
[AKD4384-SC]
(fs=192kHz)
AKM
+0 -10 -20 -30 -40 -50 -60 d B r A -70 -80 -90 -100 -110 -120 -130 -140 -150 -160 90 200 500 1k
AK4384 FFT fs=192kHz VDD=5V, -60dBFS input
2k Hz
5k
10k
20k
50k
80k
Figure 29. FFT (fin=1kHz, Input Level=-60dBFS)
AKM
+0 -10 -20 -30 -40 -50 -60 d B r A -70 -80 -90 -100 -110 -120 -130 -140 -150 -160 90 200 500 1k
AK4384 FFT fs=192kHz VDD=5V, No data input
2k Hz
5k
10k
20k
50k
80k
Figure 30. FFT (Noise Floor)

25
2007/06
[AKD4384-SC]
(fs=192kHz)
AKM
-80 -82.5 -85 -87.5 -90 -92.5 -95 d B r A -97.5 -100 -102.5 -105 -107.5 -110 -112.5 -115 -117.5 -120 -140 -130 -120 -110 -100
AK4384 THD+N vs. Input Level fs=192kHz VDD=5V, fin=1kHz
-90
-80
-70 dBFS
-60
-50
-40
-30
-20
-10
+0
Figure 31. THD+N vs. Input level (fin=1kHz)
AKM
-80 -82.5 -85 -87.5 -90 -92.5 -95 d B r A -97.5 -100 -102.5 -105 -107.5 -110 -112.5 -115 -117.5 -120 90 200 500
AK4384 THD+N vs. Input Frequency fs=192kHz VDD=5V, 0dBFS input
1k
2k Hz
5k
10k
20k
50k
80k
Figure 32. THD+N vs. Input Frequency (Input level=0dBFS)

26
2007/06
[AKD4384-SC]
(fs=192kHz)
AKM
+0 -10 -20 -30 -40 -50 d B r A -80 -90 -100 -110 -120 -130 -120 -60 -70
AK4384 Linearity fs=192kHz VDD=5V, fin=1kHz
-110
-100
-90
-80
-70
-60 dBFS
-50
-40
-30
-20
-10
+0
Figure 33. Linearity (fin=1kHz)
AKM
+1 +0.9 +0.8 +0.7 +0.6 +0.5 +0.4 +0.3 +0.2 d B r A +0.1 +0 -0.1 -0.2 -0.3 -0.4 -0.5 -0.6 -0.7 -0.8 -0.9 -1 5k 10k 15k 20k
AK4384 Frequency Response fs=192kHz VDD=5V, 0dB input
25k
30k
35k
40k Hz
45k
50k
55k
60k
65k
70k
75k
80k
Figure 34. Frequency Response (Input level=0dBFS)

27
2007/06
[AKD4384-SC]
(fs=192kHz)
AKM
-80 -85 -90 -95 -100 -105 d B -110 -115 -120 -125 -130 -135 -140 90 200
AK4384 Crosstalk(Red:Lch,Blue:Rch) fs=192kHz VDD=5V, 0dB input
500
1k
2k Hz
5k
10k
20k
50k
80k
Figure 35. Crosstalk (Input level=0dBFS)

28
2007/06
[AKD4384-SC]
Revision History
Date (YY/MM/DD) 05/06/01 05/07/08 05/11/22 07/06/08 Manual Revision KM079000 KM079001 KM079002 KM079003 Board Revision 0 0 0 0
Reason First edition Change Correct error Correct error
Contents Default of S1-3 (ACKS) : "OFF" "ON"
P5: External Analog Filter Circuit was changed. P5: Explanation of external Analog Filter Circuit was changed.
IMPORTANT NOTICE These products and their specifications are subject to change without notice. When you consider any use or application of these products, please make inquiries the sales office of Asahi Kasei EMD Corporation (AKEMD) or authorized distributors as to current status of the products. AKEMD assumes no liability for infringement of any patent, intellectual property, or other rights in the application or use of any information contained herein. Any export of these products, or devices or systems containing them, may require an export license or other official approval under the law and regulations of the country of export pertaining to customs and tariffs, currency exchange, or strategic materials. AKEMD products are neither intended nor authorized for use as critical componentsNote1) in any safety, life support, or other hazard related device or systemNote2), and AKEMD assumes no responsibility for such use, except for the use approved with the express written consent by Representative Director of AKEMD. As used here: Note1) A critical component is one whose failure to function or perform may reasonably be expected to result, whether directly or indirectly, in the loss of the safety or effectiveness of the device or system containing it, and which must therefore meet very high standards of performance and reliability. Note2) A hazard related device or system is one designed or intended for life support or maintenance of safety or for applications in medicine, aerospace, nuclear energy, or other fields, in which its failure to function or perform may reasonably be expected to result in loss of life or in significant injury or damage to person or property. It is the responsibility of the buyer or distributor of AKEMD products, who distributes, disposes of, or otherwise places the product with a third party, to notify such third party in advance of the above content and conditions, and the buyer or distributor agrees to assume any and all responsibility and liability for and hold AKEMD harmless from any and all claims arising from the use of said product in the absence of such notification.

29
2007/06
1
+15V
T1 NJM78M05FA R4 short GND 3 + C1 C2 OUT IN 1 C3 + C4
AVDD R1 R2 R3 open open open
VOP+
47u
0.1u
2
0.1u
470u
MCLK 1 BICK 2 LRCK 3 SDATA 4 5 AD
PORT1 10 9 8 7 6
-15V
EXT
R7
D3V 10k VOPR8 C5 C6 + U1 1 2 3 4 5 6 7 8 MCLK BICK SDTI LRCK PDN SMUTE/CSN ACKS/CCLK DIF0/CDTI DZFL DZFR VDD VSS VCOM AOUTL AOUTR P/S 16 15 14 13 12 11 10 9 C8 + C9
A
open
470u
C7
10p_C
0_C
4113_MCLK
A
R13 R15 R17
5.1 100 100 100
MCLK BICK SDTI1 LRCK
4113_BICK 4113_SDTO 4113_LRCK
AVDD
R18
AOUTL AOUTR
0.1u
10u
AK4384
PDN
D3V
R20 PORT2 9 7 5 3 1 uP-I/F R21
SMUTE
S1 R22
10k CSN CCLK CDTI
10k
10k
R24
470
2 3 5 6 11 10 14 13 1 15
SMUTE 1 2 P/S ACKS 3
U2 1A 1B 2A 2B 3A 3B 4A 4B A/B G 74LVC157 47k
1
4 1Y 2Y 3Y 4Y 4 7 9 12 RP1 4 3 2 1 MODE1
8 7 6 5
D3V
10 8 6 4 2
R23 R25
470 470
ACKS P/S
SMUTE P/S ACKS
Title
AKD4384-SC
Size A3 Date: Document Number
AK4384
Wednesday, May 18, 2005 Sheet 1 of 3
+ +
P/S
C11
10u
Rev 0
1
C12
820p
C41
C42
100p
NC
R26
R27
3.3k
2.2k
R28 short
4
J1 R32 +
22u AOUTL
+
1.5k
1.8k
NC
3
C16
R34
820p
C17
8
10k
100p
R35 short
C22
820p
C43
C44
100p
NC
R36
R37
3.3k
2.2k
4
J2 R41 +
22u AOUTR
+
1.5k
1.8k
NC
5
C26
8
R43
820p
C27
10k
100p
A
-
C23
R39
R40
C24
6
220
AOUTR
7
U3B NJM4580
C25
10u
R42
20k
+
+ +
C13
R30
R31
C14
2
220
AOUTL
1
U3A NJM4580
C15
10u
R33
VOPVOP+
20k
+
C18 0.1u
10u C19
C20 0.1u
C21 10u
A
Title Size A2 Date:
1
AKD4384-SC
Document Number
Analog
Sheet 2 of 3
Rev 0
Wednesday, May 18, 2005
1
1
D1 HSU119
R44 10k
SW2
OCKS1 1 2 U5A 74HC14 3 4 U5B 74HC14 L H L H 256fs@fs=88.2k/96kHz 128fs@fs=176.4k/192kHz H OCKS0 L Master Clock 512fs@fs=32k/44.1k/48kHz
L 3 1 SW1 PDN 2
2
H C28 0.1u
PDN for 74HC14, 74LVC157 R45 short
T2 upc3533HF GND 3 OUT IN 1 C32 0.1u C33 47u + VOP+
R46 5.1 C34 10u D3V + C35 0.1u 2 C36 0.1u 3 1
SW2 U6 1 2 OCKS DVDD CM0/CDTO/CAD1 30 4 3 OCKS1 OCKS0
C29 0.1u
C30 0.1u
C31 0.1u
DVSS
CM1/CDTI/SDA
29
TVDD
OCKS1/CCLK/SCL
28
R48 10k
R49 10k
4
V/TX
OCKS0/CSN/CAD0
27
5
XTI
MCKO1
26
4113_MCLK
6
XTO
MCKO2
25
A
7 R47 15k 8 C37 10u 9 + C38 0.1u 10
PDN
DAUX
24
2
A
R
BICK
23
4113_BICK
AVDD
SDTO
22
4113_SDTO
AVSS
LRCK
21 TEST1
4113_LRCK
11
RX1
INT0
20
12
RX2/DIF0
FS96/I2C
19
13
RX3/DIF1
P/SN
18
14 J3 COAX C39 0.1u COAX 15
RX4/DIF2
INT1
17
RX5
RX6/IPS
16 5 6 U5C 74HC14
R50 75
JP1 RX AK4113 OPT 2 9
8 U5D 74HC14
L1 short 3 2 1 C40 0.1u R51 100 1 PORT3 VCC GND OUT DIR
11
10 U5E 74HC14
13
12 U5F 74HC14 Title
AKD4384-SC
Size A3 Date:
1
Document Number
DIR
Friday, April 08, 2005 Sheet 3 of 3
Rev 0


▲Up To Search▲   

 
Price & Availability of AKD4384-SC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X