|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
ASAHI KASEI [AKD4126-A] AKD4126-A AK4126 Evaluation Board Rev.2 GENERAL DESCRIPTION The AKD4126-A is an evaluation board for the AK4126, the digital sample rate converter. The AKD4126-A has the digital audio interface and can achieve the interface with digital audio system via opt-connector. Ordering guide AKD4126-A --AK4126 Evaluation Board FUNCTION * DIR/DIT with optical input/output * 10pin Header for AKM AD/DA evaluation board 5V Opt In AK4114 Regulator GND AK4114 Opt Out COAX COAX 10pin Header AK4126 10pin Header DSP Data DSP Data Figure 1. AKD4126-A Block Diagram * Circuit diagram and PCB layout are attached at the end of this manual. 2007/01 ASAHI KASEI [AKD4126-A] Operation sequence [1] Set up lines of power supply [VDD] (Red) = +5[V] (Power supply for regulator REG1 and REG2. REG1 and REG2 supplies 3.3V to the AKD4126-A.) [GND] (Black) = 0[V] [2] Set up jumper pins of power supply (1). Set up AVDD1 and DVDD1 (Set up AVDD and DVDD of the AK4126) Power supply source of AVDD1 and DVDD1 is selected by JP23. (a) From VDD terminal JP23 VDD-AK4126 VDD REG1 (b) From REG1 JP23 VDD-AK4126 VDD REG1 (VDD) (REG1) (2). Set up VDD1 and VDD2 (Set up AVDD, DVDD and TVDD of the AK4114, VDD of logic IC and others) Power supply source of VDD1 and VDD2 is selected by JP24. (a) From VDD terminal JP24 VDD-LOGIC VDD REG2 (b) From REG2 JP24 VDD-LOGIC VDD REG2 (VDD) (REG2) [3] Evaluation modes (1). Input PORT (1)-1. DIR functions of the AK4114 (U2) are used. (Default) (1)-2. External equipments are connected via 10-pin connector (PORT2). (2). Output PORT (2)-1. DIT functions of the AK4114 (U3) are used. (Default) (2)-2. External equipments are connected via 10-pin connector (PORT4). [4] Set up jumper pins and DIP-switches of evaluation modes. (Refer to the following.) [5] Power on. Power down reset of the AK4126 (U1), the AK4114 (U2) and the AK4114 (U3) should be done once after power on. Method of power down reset of them is that after once put them on power-down bringing toggle switches SW6 and SW8 to "L", release them from power-down bringing toggle switches SW6 and SW8 to "H". 2007/01 ASAHI KASEI [AKD4126-A] Set up jumper pins and DIP-switches of evaluation modes (1). Set up jumper pins and DIP-switches of input PORT (1)-1. DIR functions of the AK4114 (U2) are used. (Default) (1)-1-1. Set up RX Select input connector of RX by JP7 (RX). (a) RX is input from PORT1 (OPT) JP7 RX OPT COAX (O P T ) (b) RX is input from J1 (COAX) JP7 RX OPT COAX (C O A X ) (1)-1-2. Set up IBICK, ILRCK and SDTI Clocks (IBICK and ILRCK) and data (SDTI) of the AK4126 (U1) are supplied from the AK4114 (U2). As 10-pin connector: PORT2 (INPUT) is not used, please don't connect anything. JP8 X T I-R X (O p e n ) JP13 IM C L K (O p e n ) JP10 IB IC K 1 (S h o rt) JP9 X T E -R X (S h o rt) JP 12 IL R C K (S h o rt) J P 11 SDTI (S h o rt) 2007/01 ASAHI KASEI [AKD4126-A] (1)-1-3. Set up SDTI1, SDTI2 and SDTI3 Select input data to SDTI1, SDTI2 and SDTI3 of the AK4126 (U1). When these jumper pins are set to SDTI side, SDTO of the AK4114 (U2) is input to SDTI1, SDTI2 and SDTI3. When these jumper pins are set to GND side, "0" data is input to SDTI1, SDTI2 and SDTI3. (a) "0" data is input to SDTI1 JP1 S D T I1 GND SDTI (b) SDTO of the AK4114 (U2) is input to SDTI1 JP1 S D T I1 GND SDTI (S D T I) (G N D ) (a) "0" data is input to SDTI2 JP3 S D T I2 GND SDTI (G N D ) (b) SDTO of the AK4114 (U2) is input to SDTI2 JP3 S D T I2 GND SDTI (S D T I) (a) "0" data is input to SDTI3 JP5 S D T I3 GND SDTI (G N D ) (b) SDTO of the AK4114 (U2) is input to SDTI3 JP5 S D T I3 GND SDTI (S D T I) (1)-1-4. Set up PLL Mode and Input Audio Interface Format of the AK4126 (U1) Set up PLL Mode and Input Audio Interface Format of the AK4126 (U1) by SW1. About setting of default, please refer to Table1. About setting except default, please refer to Table2 and Table3. (1)-1-5. Set up Output Audio Interface Format, Clock Mode and Master Clock Frequency of the AK4114 (U2) Set up Output Audio Interface Format, Clock Mode and Master Clock Frequency of theAK4114 (U2) by SW4. About setting of default, please refer to Table4. About setting except default, please refer to Table5, Table6, and Table7. 2007/01 ASAHI KASEI [AKD4126-A] (1)-2. External equipments are connected via 10-pin connector (PORT2). (1)-2-1. Set up RX As Optical connector: PORT1 (OPT) and BNC connector: J1 (COAX) are not used, please don't connect anything. (1)-2-2. Set up IBICK, ILRCK and SDTI Clocks (IBICK and ILRCK) and data (SDTI) of AK4126 (U1) are supplied from external equipments via 10-pin connector: PORT2 (INPUT). JP 13 IM C L K (O pen) JP 10 IB IC K 1 (O pen) JP 12 IL R C K (O p e n ) JP 11 SDTI (O p e n ) JP 14 IB IC K 2 IN V THR (T H R ) (1)-2-3. Set up SDTI1, SDTI2 and SDTI3 Select input data to SDTI1, SDTI2 and SDTI3 of the AK4126 (U1). When these jumper pins are set to SDTI side, output data of external equipment is input to SDTI1, SDTI2 and SDTI3 via 10-pin connector: PORT2 (INPUT). When these jumper pins are set to GND side, "0" data is input to SDTI1, SDTI2 and SDTI3. (a) "0" data is input to SDTI1 JP1 S D T I1 GND SDTI (b) Output data of external equipment is input to SDTI1 JP1 S D T I1 GND SDTI (S D T I) (G N D ) (a) "0" data is input to SDTI2 JP3 S D T I2 GND SDTI (G N D ) (b) Output data of external equipment is input to SDTI2 JP3 S D T I2 GND SDTI (S D T I) (a) "0" data is input to SDTI3 JP5 S D T I3 GND SDTI (G N D ) (b) Output data of external equipment is input to SDTI3 JP5 S D T I3 GND SDTI (S D T I) (1)-2-4. Set up PLL Mode and Input Audio Interface Format of the AK4126 (U1) Set up PLL Mode and Input Audio Interface Format of the AK4126 (U1) by SW1. About setting of default, please refer to Table1. About setting except default, please refer to Table2 and Table3. 2007/01 ASAHI KASEI [AKD4126-A] (2). Set up jumper pins and DIP-switches of output PORT (2)-1. DIT functions of AK4114 (U3) are used. (Default) (2)-1-1. Set up TX Select output connector of TX by JP15 (TX). (a) TX is output from J3 (COAX) JP15 TX COAX O PT (b) TX is output from PORT3 (OPT) JP15 TX COAX OPT (C O A X ) (O P T ) (2)-1-2. Set up XTI Clock source of XTI of the AK4114 (U3) is selected by JP16 (XTI-TX) and JP17 (XTE-TX). When X'tal: X2 is selected, and OBICK frequency and OLRCK frequency are changed, the value of X'tal: X2 should be changed. (a) XTI is supplied from X'tal: X2 JP16 X T I-T X (O p e n ) JP 17 X T E -T X (S h o rt) (b) XTI is supplied from J4 (XTI-TX) JP16 X T I-T X (S h o rt) JP17 X T E -T X (O p e n ) (2)-1-3. Set up OBICK, OLRCK and SDTO Clocks (OBICK and OLRCK) of the AK4126 (U1) are supplied from the AK4114 (U3), and data (SDTO) of the AK4126 (U1) is output to the AK4114 (U3). As 10-pin connector: PORT4 (OUTPUT) is not used, please don't connect anything. JP21 O M C LK (O p e n ) JP19 O B IC K 1 (S h o rt) JP20 O LR C K (S h o rt) JP18 SDTO (S h o rt) 2007/01 ASAHI KASEI [AKD4126-A] (2)-1-4. Set up SDTO1, SDTO2 and SDTO3 A data selected among SDTO1, SDTO2 and SDTO3 of the AK4126 (U1), is input to DAUX of the AK4114 (U3). SDTO1, SDTO2 and SDTO3 cannot be selected at same time. (a) SDTO1 is input to DAUX of the AK4114 (U3). JP2 SDTO1 SDTO SDTO1 JP4 SDTO2 SDTO SDTO2 JP6 SDTO 3 SDTO SDTO3 (S D T O ) (O p e n ) (O p e n ) (b) SDTO2 is input to DAUX of the AK4114 (U3). JP2 SDTO1 SDTO SDTO1 JP4 SDTO2 SDTO SDTO2 JP6 SDTO 3 SDTO (O p e n ) (S D T O ) SDTO3 (O p e n ) (c) SDTO3 is input to DAUX of the AK4114 (U3). JP2 SDTO1 SDTO SDTO1 JP4 SDTO2 SDTO JP6 SDTO 3 SDTO SDTO3 (O p e n ) SDTO2 (O p e n ) (S D T O ) (2)-1-5. Set up Output Audio Interface Format 2 and Output Audio Interface Format 1 of the AK4126 (U1) Set up Output Audio Interface Format 2 and Output Audio Interface Format 1 of the AK4126 (U1) by SW2. About setting of default, please refer to Table8. About setting except default, please refer to Table9, Table11. (2)-1-6. Set up Input Audio Interface Format, Clock Mode and Master Clock Frequency of the AK4114 (U3) Set up Input Audio Interface Format, Clock Mode and Master Clock Frequency of the AK4114 (U3) by SW5. About setting of default, please refer to Table12. About setting except default, please refer to Table13, Table14, and Table15. 2007/01 ASAHI KASEI [AKD4126-A] (2)-2. External equipments are connected via 10-pin connector (PORT4). (2)-2-1. Set up TX As Optical connector: PORT3 (OPT) and BNC connector: J3 (COAX) are not used, please don't connect anything. (2)-2-2. Set up OBICK, OLRCK and SDTO Clocks (OBICK and OLRCK) of the AK4126 (U1) are supplied from external equipment via 10-pin connector: PORT4 (OUTPUT), and output data (SDTO) of the AK4126 (U1) is output to external equipment via 10-pin connector: PORT4 (OUTPUT). JP21 O M C LK (O p e n ) JP19 O B IC K 1 (O p e n ) JP20 O LR C K (O p e n ) JP18 SDTO (O p e n ) JP22 O B IC K 2 THR IN V (T H R ) (2)-2-3. Set up SDTO1, SDTO2 and SDTO3 A data selected among SDTO1, SDTO2 and SDTO3 of the AK4126 (U1), is input to external equipment via 10-pin connector: PORT4 (OUTPUT). SDTO1, SDTO2 and SDTO3 cannot be selected at same time. (a) SDTO1 is input to external equipment JP2 SDTO1 SDTO SDTO1 JP4 SDTO2 SDTO SDTO2 JP6 SDTO3 SDTO SDTO3 (S D T O ) (O p e n ) (O p e n ) (b) SDTO2 is input to external equipment JP2 SDTO1 SDTO SDTO1 JP4 SDTO2 SDTO SDTO2 JP6 SDTO3 SDTO SDTO3 (O p e n ) (S D T O ) (O p e n ) (c) SDTO3 is input to external equipment JP2 SDTO1 SDTO SDTO1 JP4 SDTO2 SDTO SDTO2 JP6 SDTO3 SDTO SDTO3 (O p e n ) (O p e n ) (S D T O ) (2)-2-4. Set up Output Audio Interface Format 2 and Output Audio Interface Format 1 of the AK4126 (U1) Set up Output Audio Interface Format 2 and Output Audio Interface Format 1 of the AK4126 (U1) by SW2. About setting of default, please refer to Table8. About setting except default, please refer to Table9 and Table11. 2007/01 ASAHI KASEI [AKD4126-A] (3). Set up other modes (3)-1. Set up TEST Pin, Soft Mute Cycle Mode, De-emphasis Filter Mode and Channel Mode of the AK4126 (U1) Set up TEST Pin, Soft Mute Cycle Mode, De-emphasis Filter Mode and Channel Mode of the AK4126 (U1) by SW3. About setting of default, please refer to Table16. About setting except default, please refer to Table17, Table18, and Table19. * Set up SW3 ON is "H", and OFF is "L". Setting of default is as follows. (Please refer to Table 16.) SW3 No. 1 2 3 4 5 6 7 8 Name TI2 TI1 TI0 SMT1 SMT0 DEM1 DEM0 PM ON ("H") OFF ("L") AK4126 TEST Pin Fixed to "L". AK4126 Soft Mute Cycle Mode Setting (On Manual Mode) Please refer to Table 17. AK4126 De-emphasis Filter Mode Setting Please refer to Table 18. AK4126 Channel Mode Setting Please refer to Table 19. Table 16. SW3 Setting Default L L L L L L H L Mode 0 1 2 3 Soft Mute Cycle SMT1 SMT0 Period pin pin fso=48kHz fso=96kHz fso=192kHz L L 1024/fso 21.3ms 10.7ms 5.3ms L H 2048/fso 42.7ms 21.3ms 10.7ms H L 4096/fso 85.3ms 42.7ms 21.3ms H H 8192/fso 170.7ms 85.3ms 42.7ms Table 17. AK4126 Soft Mute Cycle Mode Setting (On Manual Mode) (Default) DEM1 DEM0 De-emphasis pin pin Filter 0 L L 44.1kHz 1 L H OFF (Default) 2 H L 48kHz 3 H H 32kHz Table 18. AK4126 De-emphasis Filter Mode Setting PM Channel pin Mode 0 L 6-channel (Default) 1 H 4-channel Table 19. AK4126 Channel Mode Setting Mode Mode 2007/01 ASAHI KASEI [AKD4126-A] Set up DIP-switches (1). Set up input mode (1)-1. Set up the AK4126 (U1) * Set up SW1 ON is "H", and OFF is "L". Setting of default (Slave Mode, 24bit MSB justified, IBICK lock mode (64fsi), IBICK=Input, ILRCK=Input) is as follows. (Please refer to Table 1.) SW1 No. 1 2 3 4 5 6 Name PLL2 PLL1 PLL0 IDIF2 IDIF1 IDIF0 ON ("H") OFF ("L") Default H L H L H L AK4126 PLL Mode Setting Please refer to Table 2. AK4126 Input Audio Interface Format Setting Please refer to Table 3. Table 1. SW1 Setting Mode 0 1 2 3 4 5 6 7 PLL2 pin L L L L H H H H PLL1 pin L L H H L L H H PLL0 pin L H L H L H L H ILRCK Freq 8k ~ 96kHz 8k ~ 192kHz 16k ~ 192kHz (Note 1) IBICK Freq Depending on IDIF2-0 SMUTE Manual (Note 4) Semi-Auto (Note 5) Reserved 32fsi (Note 3) 64fsi 8k ~ 192kHz (Note 2) 128fsi 64fsi Manual (Note 4) Semi-Auto (Note 5) (Default) Table2. AK4126 PLL Mode Setting (Input PORT) (Note 1) PLL lock range is changed by values of R and C connected by FILT pin. For more further details, please refer to datasheet: "PLL Loop Filter". (Note 2) IBICK should be always and continuously supplied, except when clocks are changed. (Note 3) IBICK = 32fsi is applied to only two audio data formats of 16bit LSB justified and 16bit I2S Compatible. (Note 4) Please refer to datasheet: "Soft Mute Operation": "Manual mode". (Note 5) Please refer to datasheet: "Soft Mute Operation ": "Semi-Auto mode". Mode IDIF2 IDIF1 IDIF0 SDTI Format IBICK pin pin pin Freq 0 L L L 16bit, LSB justified 32fsi 1 L L H 20bit, LSB justified 40fsi 2 L H L 24/20bit, MSB justified 48fsi 3 L H H 24/16bit, I2S Compatible 48fsi or 32fsi 4 H L L 24bit, LSB justified 48fsi 5 H L H Reserved 6 H H L Reserved 7 H H H Reserved Table 3. AK4126 Input Audio Interface Format Setting (Input PORT) (Default) 2007/01 ASAHI KASEI [AKD4126-A] (1)-2. Set up the AK4114 (U2) * Set up SW4 ON is "H", and OFF is "L". Setting of default (Master mode, 24bit Left justified) is as follows. (Please refer to Table 4.) SW4 No. 1 2 3 4 5 6 7 Name DIF2 DIF1 DIF0 CM1 CM0 OCKS1 OCKS0 ON ("H") OFF ("L") Default H L L L L H L AK4114 Output Audio Interface Format Setting Please refer to Table 5. AK4114 Clock Mode Setting Fixed to "L". AK4114 Master Clock Frequency Setting Please refer to Table 7. Table 4. SW4 Setting Mode 0 1 2 3 4 5 6 7 DIF2 pin L L L L H H H H LRCK BICK DIF1 DIF0 SDTO Format pin pin I/O L L 16bit, Right justified H/L O 64fs L H 18bit, Right justified H/L O 64fs H L 20bit, Right justified H/L O 64fs H H 24bit, Right justified H/L O 64fs L L 24bit, Left justified H/L O 64fs L H 24bit, I2S Compatible L/H O 64fs H L 24bit, Left justified H/L I 64-128fs H H 24bit, I2S Compatible L/H I 64-128fs Table 5. AK4114 Output Audio Interface Format Setting I/O O O O O O O I I (Default) Mode 0 1 2 3 OCKS1 OCKS0 MCKO1 MCKO2 X'tal fs (max) pin pin L L 256fs 256fs 256fs 96 kHz L H 256fs 128fs 256fs 96 kHz H L 512fs 256fs 512fs 48 kHz H H 128fs 64fs 128fs 192 kHz Table 7. AK4114 Master Clock Frequency Setting (Default) 2007/01 ASAHI KASEI [AKD4126-A] (2). Set up output mode (2)-1. Set up the AK4126 (U1) * Set up SW2 ON is "H", and OFF is "L". Setting of default (Slave Mode, 24bit MSB justified, OLRCK=Input, OBICK=Input, fso=8K~192KHz) is as follows. (Please refer to Table 8.) SW2 No. 1 2 3 4 5 6 7 8 Name DITHER OBIT1 OBIT0 TEST1 TEST2 TEST3 ODIF1 ODIF0 ON ("H") OFF ("L") Default L H H H L L H L Dither ON Dither OFF AK4126 Output Audio Interface Format 2 Setting Please refer to Table 9. AK4126 TEST Pin. Fixed to "H". AK4126 TEST Pin. Fixed to "L". AK4126 Output Audio Interface Format 1 Setting Please refer to Table 11. Table 8. SW2 Setting OBICK Frequency MSB justified, LSB justified I2S Compatible 0 L L 16bit 32fso 1 L H 18bit 36fso 64fso 2 H L 20bit 40fso (Default) 3 H H 24bit 48fso Table 9. AK4126 Output Audio Interface Format 2 Setting (Output PORT) Mode OBIT1 OBIT0 pin pin SDTO ODIF1 ODIF0 SDTO Format pin pin 0 L L LSB justified 1 L H (Reserved) 2 H L MSB justified (Default) 3 H H I2S Compatible Table 11. AK4126 Output Audio Interface Format 1 Setting (Output PORT) Mode 2007/01 ASAHI KASEI [AKD4126-A] (2)-2. Set up the AK4114 (U3) * Set up SW5 ON is "H", and OFF is "L". Setting of default (Master mode, 24bit Left justified) is as follows. (Please refer to Table 12.) SW5 No. 1 2 3 4 5 6 7 Name DIF2 DIF1 DIF0 CM1 CM0 OCKS1 OCKS0 ON ("H") OFF ("L") Default H L L L H L L AK4114 Input Audio Interface Format Setting Please refer to Table 13. AK4114 Clock Mode Setting Fixed to "L". AK4114 Clock Mode Setting Fixed to "H". AK4114 Master Clock Frequency Setting Please refer to Table 15. Table 12. SW5 Setting Mode 0 1 2 3 4 5 6 7 LRCK BICK DIF2 DIF1 DIF0 DAUX Format pin pin pin I/O L L L 24bit, Left justified H/L O 64fs L L H 24bit, Left justified H/L O 64fs L H L 24bit, Left justified H/L O 64fs L H H 24bit, Left justified H/L O 64fs H L L 24bit, Left justified H/L O 64fs H L H 24bit, I2S Compatible L/H O 64fs H H L 24bit, Left justified H/L I 64-128fs H H H 24bit, I2S Compatible L/H I 64-128fs Table 13. AK4114 Input Audio Interface Format Setting OCKS1 OCKS0 MCKO1 MCKO2 X'tal pin pin L L 256fs 256fs 256fs L H 256fs 128fs 256fs H L 512fs 256fs 512fs H H 128fs 64fs 128fs Table 15. AK4114 Master Clock Frequency Setting fs (max) 96 kHz 96 kHz 48 kHz 192 kHz I/O O O O O O O I I (Default) Mode 0 1 2 3 (Default) 2007/01 ASAHI KASEI [AKD4126-A] Toggle Switch Operation Upper side is "H" and lower side is "L". [SW6] (PDN-AK4126): Power down switch of the AK4126 (U1). The AK4126 (U1) should be reset once by bringing to "L" upon power-up. Keep "H" during normal operation. [SW7] (SMUTE-AK4126): Soft mute switch of the AK4126 (U1). Output of the AK4126 (U1) is soft-muted by bringing to "H". [SW8] (PDN-AK4114-RX/TX): Power down switch of the AK4114 (U2) and the AK4114 (U3). The AK4114 (U2) and the AK4114 (U3) should be reset once by bringing to "L" upon power-up. Keep "H" during normal operation. LED Indication [LED1] (UNLOCK): Output of UNLOCK pin of the AK4126 (U1). Turns on when PLL of the AK4126 (U1) is unlocked. [LED2] (INT0): Output of INT0 pin of the AK4114 (U2). Turns on when the AK4114 (U2) is unlocked. 2007/01 ASAHI KASEI [AKD4126-A] MEASUREMENT RESULTS [Measurement condition] * Measurement unit * Power Supply * Band width * Temperature [Measurement Result] SRC Characteristics THD+N (Input = 1kHz, 0dBFS) FSO/FSI = 44.1kHz/48kHz FSO/FSI = 48kHz/44.1kHz FSO/FSI = 48kHz/192kHz FSO/FSI = 192kHz/48kHz Worst Case (FSO/FSI = 32kHz/176.4kHz) Dynamic Range (Input = 1kHz, -60dBFS) FSO/FSI = 44.1kHz/48kHz FSO/FSI = 48kHz/44.1kHz FSO/FSI = 48kHz/192kHz FSO/FSI = 192kHz/48kHz FSO/FSI = 48kHz/32kHz Dynamic Range (Input = 1kHz, -60dBFS, A-weighted) FSO/FSI = 44.1kHz/48kHz SDTO1 Lch SDTO1 SDTO2 Rch Lch SDTO2 SDTO3 SDTO3 Rch Lch Rch Unit : Audio Precision, System Two Cascade : AVDD=DVDD=3.3V : 20Hz FSO/2 : Room 130.2 124.9 136.2 124.9 96.1 130.2 124.9 136.2 124.9 96.1 130.2 124.9 136.2 124.9 96.1 130.2 124.9 136.2 124.9 96.1 130.2 124.9 136.2 124.9 96.1 130.2 124.9 136.2 124.9 96.1 dB dB dB dB dB 136.2 136.4 136.2 135.6 137.3 136.2 136.4 136.2 135.6 137.3 136.2 136.4 136.2 135.6 137.3 136.2 136.4 136.2 135.6 137.3 136.2 136.4 136.2 135.6 137.3 136.2 136.4 136.2 135.6 137.3 dB dB dB dB dB 139.6 139.6 139.6 139.6 139.6 139.6 dB 2007/01 ASAHI KASEI [AKD4126-A] [Plot] AK4126 FFT Plot (fsi=48KHz, fso=44.1KHz) AVDD=DVDD=3.3V, Input=0dBFS, fin=1KHz +0 -10 -20 -30 -40 -50 -60 -70 -80 d B F S -90 -100 -110 -120 -130 -140 -150 -160 -170 -180 -190 -200 20 50 100 200 500 Hz 1k 2k 5k 10k 20k Fig 6. FFT Plot (Input = 0dBFS) AK4126 FFT Plot (fsi=48KHz, fso=44.1KHz) AVDD=DVDD=3.3V, Input=-60dBFS, fin=1KHz +0 -10 -20 -30 -40 -50 -60 -70 -80 d B F S -90 -100 -110 -120 -130 -140 -150 -160 -170 -180 -190 -200 20 50 100 200 500 Hz 1k 2k 5k 10k 20k Fig 7. FFT Plot (Input = -60dBFS) 2007/01 ASAHI KASEI [AKD4126-A] AK4126 THD+N vs Input Level (fsi=48KHz, fso=44.1KHz) AVDD=DVDD=3.3V, fin=1KHz -120 -122 -124 -126 -128 -130 -132 d B F S -134 -136 -138 -140 -142 -144 -146 -148 -150 -140 -130 -120 -110 -100 -90 -80 -70 dBFS -60 -50 -40 -30 -20 -10 +0 Fig 1. THD+N vs. Input Level AK4126 THD+N vs Input Frequency (fsi=48KHz, fso=44.1KHz) AVDD=DVDD=3.3V, Input Level=0dBFS -80 -85 -90 -95 -100 -105 -110 d B F S -115 -120 -125 -130 -135 -140 -145 -150 20 50 100 200 500 Hz 1k 2k 5k 10k 20k Fig 2. THD+N vs. Input Frequency (Input = 0dBFS) 2007/01 ASAHI KASEI [AKD4126-A] AK4126 THD+N vs Input Frequency (fsi=48KHz, fso=44.1KHz) AVDD=DVDD=3.3V, Input Level=-60dBFS -100 -105 -110 -115 -120 -125 -130 d B F S -135 -140 -145 -150 -155 -160 -165 -170 -175 -180 20 50 100 200 500 Hz 1k 2k 5k 10k 20k Fig 3. THD+N vs. Input Frequency (Input = -60dBFS) AK4126 Linearity (fsi=48KHz, fso=44.1KHz) AVDD=DVDD=3.3V, fin=1KHz +0 -10 -20 -30 -40 -50 -60 d B F S -70 -80 -90 -100 -110 -120 -130 -140 -150 -150 -140 -130 -120 -110 -100 -90 -80 dBFS -70 -60 -50 -40 -30 -20 -10 +0 Fig 4. Linearity 2007/01 ASAHI KASEI [AKD4126-A] +1 +0.5 -0 -0.5 -1 -1.5 -2 d B F S -2.5 -3 -3.5 -4 -4.5 -5 -5.5 -6 AK4126 Frequency Response (fsi=48KHz, fso=44.1KHz) AVDD=DVDD=3.3V, Input Level=0dBFS 2k 4k 6k 8k 10k Hz 12k 14k 16k 18k 20k 22k Fig 5. Frequency Response AK4126 Frequency Response (Blue: fsi=48KHz, Red: fsi=96KHz, Green: fsi=192KHz), fso=48KHz AVDD=DVDD=3.3V, Input Level=0dBFS +1 +0.5 -0 -0.5 -1 -1.5 -2 -2.5 d B F S -3 -3.5 -4 -4.5 -5 -5.5 -6 -6.5 -7 -7.5 -8 fsi=192kHz fsi=96kHz fsi=48kHz 2k 4k 6k 8k 10k 12k Hz 14k 16k 18k 20k 22k Fig 8. Frequency Response 2007/01 ASAHI KASEI [AKD4126-A] AK4126 Frequency Response (Yellow: fsi=44.1KHz, Blue: fsi=48KHz, Red: fsi=96KHz, Green: fsi=192KHz), fso=44.1KHz AVDD=DVDD=3.3V, Input Level=0dBFS +1 +0.5 -0 -0.5 -1 -1.5 -2 -2.5 d B F S -3 -3.5 -4 -4.5 -5 -5.5 -6 -6.5 -7 -7.5 -8 2k 4k 6k 8k 10k Hz 12k 14k 16k 18k 20k 22k fsi=44.1kHz fsi=192kHz fsi=96kHz fsi=48kHz Fig 9. Frequency Response 2007/01 ASAHI KASEI [AKD4126-A] Revision History Date (YY/MM/DD) 07/01/09 Manual Revision KM083203 Board Reason Revision First Edition 2 Contents IMPORTANT NOTICE * These products and their specifications are subject to change without notice. Before considering any use or application, consult the Asahi Kasei Microsystems Co., Ltd. (AKM) sales office or authorized distributor concerning their current status. * AKM assumes no liability for infringement of any patent, intellectual property, or other right in the application or use of any information contained herein. * Any export of these products, or devices or systems containing them, may require an export license or other official approval under the law and regulations of the country of export pertaining to customs and tariffs, currency exchange, or strategic materials. * AKM products are neither intended nor authorized for use as critical components in any safety, life support, or other hazard related device or system, and AKM assumes no responsibility relating to any such use, except with the express written consent of the Representative Director of AKM. As used here: (a) A hazard related device or system is one designed or intended for life support or maintenance of safety or for applications in medicine, aerospace, nuclear energy, or other fields, in which its failure to function or perform may reasonably be expected to result in loss of life or in significant injury or damage to person or property. (b) A critical component is one whose failure to function or perform may reasonably be expected to result, whether directly or indirectly, in the loss of the safety or effectiveness of the device or system containing it, and which must therefore meet very high standards of performance and reliability. * It is the responsibility of the buyer or distributor of an AKM product who distributes, disposes of, or otherwise places the product with a third party to notify that party in advance of the above content and conditions, and the buyer or distributor agrees to assume any and all responsibility and liability for and hold AKM harmless from any and all claims arising from the use of said product in the absence of such notification. 2007/01 A B C D E AVDD1 SW1 DSS106 1 2 3 4 5 6 12 11 10 9 8 7 DVDD1 VDD1 9 10 11 12 13 14 15 16 CN1 64pin_4 VDD1 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 SW2 DSS108 8 7 6 5 4 3 2 1 A PLL2 PLL1 PLL0 IDIF2 IDIF1 IDIF0 RP1 M7-1-473 7 6 5 4 3 2 1 ODIF0 ODIF1 TEST3 TEST2 TEST1 OBIT0 OBIT1 DITHER RP2 M9-1-473 1 2 3 4 5 6 7 8 9 A INPUT-AK4126 C1 10u C2 0.1u OUTPUT-AK4126 + + C3 0.22u C5 1n 63 C4 10u C6 0.1u 58 61 60 57 53 59 52 56 55 FILT AVDD NC 54 DVDD TST9 TST10 PLL0 PLL1 PLL2 DVSS + 47K DVDD1 R1 470 47K 51 50 49 NC U1 CN3 NC 64 62 TST8 TST11 AVSS TST7 64pin_3 NC 48 48 1 1 NC IMCLK B 2 R2 51 2 TEST0 TEST4 47 R3 51 47 OMCLK B ILRCK 3 R4 51 3 ILRCK OLRCK 46 R5 51 46 OLRCK IBICK 4 R6 51 DVDD1 4 IBICK OBICK 45 R7 DVDD1 51 45 OBICK 5 5 DVDD DVDD 44 44 C7 + 10u 6 C9 0.1u 6 DVSS DVSS 43 C10 0.1u + C8 10u 43 7 7 TST0 TST6 42 42 SDTI HIF3G-50P-2.54DSA (3x1) P1 J JP1 SDTI HIF3G-50P-2.54DSA (3x1) P3 J JP3 SDTI HIF3G-50P-2.54DSA (3x1) P5 J JP5 SDTI1 GND SDTI2 GND SDTI3 GND 8 R8 51 8 SDTI1 AK4126 SDTO1 41 R9 51 JP2 41 HIF3G-50P-2.54DSA (2x1) SDTO HIF3G-50P-2.54DSA (2x1) SDTO HIF3G-50P-2.54DSA (2x1) SDTO C SDTO1 JP4 SDTO 9 R10 51 9 SDTI2 SDTO2 40 R11 51 40 SDTO2 JP6 10 R12 51 10 SDTI3 SDTO3 39 R13 51 39 SDTO3 C SDTI 11 11 IDIF0 ODIF0 38 38 12 14 12 IDIF1 ODIF1 37 37 LED1 SML-210LT VDD1 1 2 VDD1 U4A 1 13 13 IDIF2 TEST3 36 36 R14 1k 2 7 UNLOCK 74AC14 14 14 TST1 TEST2 35 35 15 15 TST2 TEST1 34 34 VDD1 16 2 16 NC UNLOCK DITHER SMUTE OBIT0 OBIT1 DVDD DEM0 DEM1 DVSS SMT0 SMT1 TST3 TST4 TST5 PDN NC 33 33 U6A 1 L 3 1 H U6B 2 3 PM 14 14 D1 HSU119 1 R15 10k VDD1 VDD1 64pin_1 4 7 CN2 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 DVDD1 74HC14 C11 0.1u 74HC14 C12 0.1u C13 + 10u 21 22 23 24 25 26 27 28 29 30 31 32 D SW7 ATE1D-2M3 SMUTE-AK4126 2 7 R45 100 R46 100 32 D 17 18 19 VDD1 CN4 64pin_2 2 14 U6D 6 9 5 7 L 3 1 H 14 D2 HSU119 R16 10k VDD1 U6C 74HC14 C14 0.1u 1 VDD1 8 20 74HC14 SW3 DSS108 VDD1 9 10 11 12 13 14 15 16 8 7 6 5 4 3 2 1 7 SW6 ATE1D-2M3 PDN-AK4126 2 PM DEM0 DEM1 SMT0 SMT1 TI0 TI1 TI2 RP3 M9-1-473 1 2 3 4 5 6 7 8 9 E E MODE-AK4126 Title 47K AKD4126-A Document Number Size A2 Date: A B C D AK4126 Sheet Rev 2 1 of Thursday, August 03, 2006 E 4 A B C D E VDD1 L1 47u PORT1 TORX141 A VCC 3 2 1 RX(OPT) C15 0.1u R17 470 OPT JP7HIF3G-50P-2.54DSA (3x1) RX A GND OUT RX(COAX) J1 BNC-R-PC R18 75 COAX C16 0.1u VDD1 C17 10u C18 0.1u + TEST1 RP4 M8-1-473 B INPUT-AK4114 8 7 6 5 4 3 2 1 U4B INT0 36 3 14 DIF2 DIF1 DIF0 CM1 CM0 OCKS1 OCKS0 VCOM 1 2 3 4 5 6 7 14 13 12 11 10 9 8 VDD1 38 47 48 46 44 43 45 42 41 40 U2 R 39 AVDD NC NC AVSS INT1 RX3 RX2 RX1 RX0 37 1 IPS0 2 NC OCKS0 35 3 DIF0 OCKS1 34 47K 4 TEST2 CM1 33 5 DIF1 CM0 32 VDD1 6 2 NC 14 14 D3 HSU119 1 R21 10k VDD1 U6F 13 AK4114 PDN 31 7 14 VDD1 U6E 12 11 1 7 10 DIF2 7 7 7 L 3 1 H 74HC14 C22 0.1u 74HC14 IPS1 XTO 2 8 SW8 ATE1D-2M3 C VDD1 PDN-4114-TX 9 P/SN 2 PDN-AK4114-RX/TX 10 XTL0 11 XTL1 12 VIN MCKO1 DVDD COUT UOUT BOUT VOUT DVSS DVSS TVDD LRCK TX0 13 14 15 16 TX1 17 18 19 20 21 22 23 C23 0.1u C25 10u + C24 0.1u C26 10u 24 VDD1 VDD1 D + U4D 9 14 7 E A B C + SW4 DSS107 C19 0.47u R19 18k VDD1 4 R20 1k LED2 SML-210LT 2 1 VDD1 B 74AC14 INT0 XTI 30 C20 10p X1 HC-49/U 24.576MHz JP8 HIF3G-50P-2.54DSA (2x1) 6 VDD1 U4C 5 XTI-RX 74AC14 R47 51 J2 BNC-R-PC XTI-RX 29 C21 10p JP9 HIF3G-50P-2.54DSA (2x1) XTE-RX C DAUX 28 MCKO2 27 BICK 26 JP10 HIF3G-50P-2.54DSA (2x1) IBICK1 JP11 HIF3G-50P-2.54DSA (2x1) SDTI SDTO 25 JP12 HIF3G-50P-2.54DSA (2x1) ILRCK JP13 HIF3G-50P-2.54DSA (2x1) IMCLK D IMCLK R22 THR JP14 HIF3G-50P-2.54DSA (3x1) R23 VDD1 IBICK2 8 51 IBICK 51 IMCLK IBICK ILRCK SDTI INV R24 51 PORT2 A1-10PA-2.54DSA 1 3 5 7 9 2 4 6 8 10 ILRCK 74AC14 SDTI R26 220k R27 220k R28 220k R25 R29 220k 51 INPUT E Title Size Document Number AKD4126-A INPUT RX AK4114 Sheet Rev A2 Date: D 2 of Thursday, August 03, 2006 E 2 4 A B C D E PORT3 TOTX141 TX(OPT) IN VCC GND 3 2 1 VDD2 C27 0.1u OPT TX JP15 HIF3G-50P-2.54DSA (3x1) A COAX A J3 T1 BNC-R-PC DA-02F TX(COAX) VDD2 + R30 R31 150 240 C28 0.1u C29 10u C30 0.1u 1:1 C31 0.47u 38 39 37 INT1 47 48 46 44 43 45 42 41 TEST1 RP5 M8-1-473 8 7 6 5 4 3 2 1 DIF2 DIF1 DIF0 CM1 CM0 OCKS1 OCKS0 1 2 3 4 5 6 7 14 13 12 11 10 9 8 VDD2 1 IPS0 VCOM AVDD NC RX3 RX2 RX1 NC RX0 AVSS SW5 DSS107 U3 40 R 2 OUTPUT-AK4114 3 NC DIF0 4 TEST2 B 47K 5 DIF1 CM0 32 6 NC AK4114 1 7 DIF2 XTI 30 C32 10p X2 HC-49/U 11.2896MHz 2 14 IPS1 XTO 2 8 29 C33 10p JP18 HIF3G-50P-2.54DSA (2x1) JP17 HIF3G-50P-2.54DSA (2x1) XTE-TX VDD2 PDN-4114-TX 9 P/SN DAUX 28 SDTO 10 XTL0 MCKO2 27 JP19 HIF3G-50P-2.54DSA (2x1) 11 XTL1 BICK 26 OBICK1 12 C VIN MCKO1 DVDD COUT UOUT BOUT VOUT DVSS DVSS TVDD LRCK SDTO 25 C TX0 13 14 15 16 TX1 17 18 19 20 21 22 23 C34 0.1u C36 10u + C35 0.1u C37 10u + 24 JP20 HIF3G-50P-2.54DSA (2x1) OLRCK JP21 HIF3G-50P-2.54DSA (2x1) VDD2 OMCLK VDD2 D 7 U5B 3 14 7 E A B C + INT0 36 OCKS0 35 OCKS1 34 CM1 33 B PDN 31 JP16 HIF3G-50P-2.54DSA (2x1) XTI-TX VDD2 U5A 1 J4 BNC-R-PC XTI-TX R48 51 74AC14 D OMCLK THR JP22 HIF3G-50P-2.54DSA (3x1) VDD2 4 R32 51 OBICK R33 51 OMCLK OBICK OLRCK SDTO INV OBICK2 R34 51 PORT4 A1-10PA-2.54DSA 1 3 5 7 9 2 4 6 8 10 OLRCK 74AC14 SDTO R36 220k R37 220k R38 220k R35 R39 220k 51 OUTPUT E Title Size Document Number AKD4126-A OUTPUT TX AK4114 Sheet Rev A2 Date: D 2 4 Thursday, August 03, 2006 E 3 of A B C D E VDD A A VDD REG1 LT1117-3.3 IN GND 3 OUT 2 JP23 HIF3G-50P-2.54DSA (3x1) R40 VDD-AK4126 R41 (short) REG1 + C46 47u AVDD1 (for AVDD of AK4126) DVDD1 (for DVDD of AK4126) B (short) B C38 47u + C39 0.1u 1 C40 0.1u C C VDD REG2 LT1117-3.3 IN GND 3 OUT 2 JP24 HIF3G-50P-2.54DSA (3x1) R42 VDD-LOGIC (short) REG2 + C47 47u C41 47u D + C42 0.1u C43 0.1u C44 0.1u for 74HC14 C45 0.1u for 74AC14 RX C48 0.1u for 74AC14 TX VDD1 (for AVDD, DVDD, TVDD of AK4114 (RX)) (for VCC of TORX141 (RX Opt)) (for VDD of 74AC14(RX)) (for VDD of 74HC14) (for SW1,SW2,SW3,SW4,SW6,SW7,SW8,RP1,RP2,RP3,RP4,LED1,LED2) 1 R43 (short) VDD2 (for AVDD, DVDD, TVDD of AK4114 (TX)) (for VCC of TOTX141 (TX Opt)) (for VDD of 74AC14(TX)) (for SW5,RP5) D 14 14 U4E 11 U5C 10 5 U5E 6 11 14 VDD1 VDD2 10 74AC14 74AC14 74AC14 7 7 14 14 U4F 13 E U5D 12 9 U5F 8 13 14 12 7 Title Size Document Number E 74AC14 74AC14 74AC14 7 7 7 AKD4126-A POWER SUPPLY Sheet Rev A4 Date: A B C D 2 of Thursday, August 03, 2006 4 E 4 |
Price & Availability of AKD4126-A |