|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
94SVP Vishay OS-CON Vertical Surface Mounting Capacitors FEATURES * New Vishay OS-CON series as results of polymerized organic semiconductor as electrolyte RoHS * Features superior heat-proof characteristics COMPLIANT compared with previously developed Vishay OS-CON series * Particularly effective when used as surface mounting devices of the switching power supply * Rated ripple current values are guaranteed at 105 C * No need to consider derating on maximum allowable ripple current Fig.1 Component outline QUICK REFERENCE DATA DESCRIPTION Operating Temperature Range Capacitance Tolerance at 120 Hz Tangent of Loss Angle (tan ) at 120 Hz Leakage Current (A/2 minutes) (or less)* Equivalent Series Resistance (), (100 k to 300 kHz) Characteristics at high temp. and low temp. Impedance Ratio at 100 kHz, + 20 C VALUE - 55 C to + 105 C M: 20 % Values in Standard Ratings Table Values in Standard Ratings Table Values in Standard Ratings Table - 55 C + 105 C C/C tan ESR Leakage Current C/C tan ESR Leakage Current Z/Z20 C Z/Z20 C 1.0 to 1.25 0.75 to1.0 Within 20 % Endurance + 105 C, 2000 hours Rated Voltage Applied (25 WV to 20 V) 1.5 x the value of Tangent of Loss Angle (1000 hours for A5/B6 sizes) 1.5 x the value of ESR The Value of Leakage Current Within 20 % Damp heat (Steady state) 1.5 x the value of Tangent of Loss Angle (+ 60 C, 90 to 95 % RH, 1000 hours, no voltage) 1.5 x the value of ESR (500 hours for A5/B6 sizes) The Value of Leakage Current after Voltage Treatment Reverse Voltage Guarantee Temporary: < 20 % of the rated voltage Continuous: < 10 % of the rated voltage C/C Within 10 % Solder heat resistance (VPS)** tan 1.3 x the value of Tangent of Loss Angle (215 C x 90 s) or (230 C x 60 s) ESR 1.3 x the value of ESR (Please consult us for A5/B6 sizes) Leakage Current The Value of Leakage Current after Voltage Treatment * If any doubt arises, measure the current after applying voltage (voltage treatment). Voltage Treatment: The rated voltage is applied to Vishay OS-CON (2.5 to 20 WV) for 120 minutes at 105 C. (However, 20 V is applied to a 25 WV Vishay OS-CON). ** Refer to Standard Ratings table for soldering recommendation. DIMENSIONS in millimeters DIMENSIONS in millimeters SIZE CODE A5 B6 C6 E7 F8 E12 F12 D 0.5 4.0 5.0 6.3 8.0 10.0 8.0 10.0 L max. 5.5 6.0 6.0 7.0 8.0 12.0 12.7 W 0.2 4.3 5.3 6.6 8.3 10.3 8.3 10.3 H 0.2 4.3 5.3 6.6 8.3 10.3 8.3 10.3 C 0.2 5.0 6.0 7.3 9.0 11.0 9.0 11.0 R 0.5 to 0.8 0.5 to 0.8 0.5 to 0.8 0.5 to 0.8 0.5 to 0.8 0.8 to 1.1 0.8 to 1.1 P 0.2 1.0 1.4 2.1 3.2 4.6 3.2 4.6 OD www.vishay.com 308 For technical questions contact: aluminumcaps4@vishay.com Document Number: 90021 Revision: 26-Jun-06 94SVP Vertical Surface Mounting Capacitors Vishay OS-CON RECOMMENDED LAND PATTERN DIMENSIONS in millimeters SIZE CODE A5 B6 C6 E7 F8 E12 F12 a 1.0 1.4 2.1 2.8 4.3 2.8 4.3 b 6.2 7.4 9.1 11.1 13.1 11.1 13.1 c 1.6 1.6 1.6 1.9 1.9 1.9 1.9 c a b CASE CODE LIST 2.5 4 6.3 10 16 20 25 (3.3) (5.2) (8.2) (11.5) (18.4) (23) (25) 3.3 A5 4.7 A5 6.8 A5 C6 10.0 A5 B6 E7 15.0 A5 B6 27.0 C6 22.0 A5 B6 C6 F8 33.0 A5 B6 E7 E12 39.0 B6 C6 47.0 B6 C6 E7 56.0 C6 E7 F8 F12 68.0 B6 F8 82.0 C6 E7 100.0 C6 F8 E12 120.0 E7 150.0 C6, E7 E7, F8 F8 F12 180.0 E12 220.0 E7, F8 270.0 E7, F8 330.0 E7 F8 E12 F12 470.0 F8,E12 560.0 E12 F12 680.0 E12 F8 820.0 F12 1200.0 F12 1500.0 F12 *** WV = Rated Voltage. **** (SV) = Surge Voltage (at room temperature). The description contents are subject to chage due to technical improvement without notice. Please ask for latest specifications for order and use. CAPACITANCE (F) WV (SV) STANDARD RATINGS CASE CODE PART NUMBER* 94SVP335X0016A5 94SVP475X0010A5 94SVP685X0010A5 A5 94SVP106X0010A5 94SVP156X0010A5 94SVP226X06R3A5 94SVP336X0004A5 RATED RATED VOLTAGE CAPACITANCE (V) (F) 16 10 10 10 10 6.3 4 3.3 4.7 6.8 10 15 22 33 MAX. ESR (100 k to 300 kHz) (m) 280 260 260 240 240 220 200 ALLOWABLE RIPPLE CURRENT (mAmps) at 100 kHz, + 105 C 590 660 660 670 670 700 740 MAX. TANGENT OF LOSS ANGLE 0.07 0.08 0.09 0.10 0.10 0.12 0.15 MAX. LEAKAGE CURRENT (A) (After 2 Minutes) 26.4 23.5 34.0 50.0 75.0 69.3 66.0 * Part Numbers shown are for 20 % capacitance tolerance (X0). Document Number: 90021 Revision: 26-Jun-06 For technical questions contact: aluminumcaps4@vishay.com www.vishay.com 309 94SVP Vishay OS-CON Vertical Surface Mounting Capacitors STANDARD RATINGS CASE CODE PART NUMBER* RATED RATED VOLTAGE CAPACITANCE (V) (F) MAX. ESR (100 k to 300 kHz) (m) 170 150 150 130 90 70 70 80 65 60 65 60 55 40 50 50 60 50 50 50 45 40 35 35 35 35 50 45 45 40 35 35 30 30 25 25 25 30 25 22 19 17 16 16 28 21 17 15 14 13 13 ALLOWABLE RIPPLE CURRENT (mAmps) at 100 kHz, + 105 C 850 920 920 990 1060 1100 1100 1200 1390 1450 1390 1450 1510 1810 1570 1620 1500 1700 1700 1800 1890 2120 2560 2350 2560 2560 2000 2200 2200 2400 2670 2670 3020 3020 3700 3300 3700 2980 3260 3480 3740 3960 4080 4080 3800 4220 4580 4870 5040 5230 5230 MAX. TANGENT OF LOSS ANGLE 0.10 0.10 0.15 0.15 0.15 0.15 0.15 0.10 0.10 0.10 0.10 0.12 0.12 0.12 0.12 0.12 0.10 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.10 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.15 0.15 0.15 0.15 0.15 0.15 0.12 0.15 0.15 0.15 0.15 0.18 0.18 MAX. LEAKAGE CURRENT (A) (After 2 Minutes) 100 120 176 165 148 78 136 85 88 108 125 94 112 126 103 120 125 132 188 179 262 240 300 120 264 277 275 224 272 320 480 300 540 277 592 416 544 413 400 576 660 592 448 340 700 600 792 840 775 960 750 94SVP106X0020B6 20 10 94SVP156X0016B6 16 15 94SVP226X0016B6 16 22 94SVP336X0010B6 10 33 B6 94SVP476X06R3B6 6.3 47 94SVP396X0004B6 4 39 94SVP686X0004B6 4 68 94SVP685X0025C6 25 6.8 94SVP226X0020C6 20 22 94SVP276X0020C6 20 27 94SVP396X0016C6 16 39 94SVP476X0010C6 10 47 C6 94SVP566X0010C6 10 56 94SVP107X06R3C6 6.3 100 94SVP826X06R3C6 6.3 82 94SVP157X0004C6 4 150 94SVP106X0025E7 25 10 94SVP336X0020E7 20 33 94SVP476X0020E7 20 47 94SVP566X0016E7 16 56 94SVP826X0016E7 16 82 E7 94SVP127X0010E7 10 120 94SVP157X0010E7 10 150 94SVP157X0004E7 4 150 94SVP337X0004E7 4 330 94SVP227X06R3E7 6.3 220 94SVP226X0025F8 25 22 94SVP566X0020F8 20 56 94SVP686X0020F8 20 68 94SVP107X0016F8 16 100 94SVP157X0016F8 16 150 94SVP157X0010F8 10 150 F8 94SVP277X0010F8 10 270 94SVP227X06R3F8 6.3 220 94SVP477X06R3F8 6.3 470 94SVP337X06R3F8 6.3 330 94SVP687X0004F8 4 680 94SVP336X0025E12 25 33 94SVP107X0020E12 20 100 94SVP187X0016E12 16 180 94SVP337X0010E12 10 330 E12 94SVP477X06R3E12 6.3 470 94SVP567X0004E12 4 560 94SVP687X02R5E12 2.5 680 94SVP566X0025F12 25 56 94SVP157X0020F12 20 150 94SVP337X0016F12 16 330 94SVP567X0010F12 10 560 F12 94SVP827X06R3F12 6.3 820 94SVP128X0004F12 4 1200 94SVP158X02R5F12 2.5 1500 * Part Numbers shown are for 20 % capacitance tolerance (X0). www.vishay.com 310 For technical questions contact: aluminumcaps4@vishay.com Document Number: 90021 Revision: 26-Jun-06 Legal Disclaimer Notice Vishay Notice Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale. Document Number: 91000 Revision: 08-Apr-05 www.vishay.com 1 |
Price & Availability of 94SVP685X0010A5 |