Part Number Hot Search : 
511816 607ETD 1N30D TN6134PM MM74C00 D390MS MJE3055 HER802T
Product Description
Full Text Search
 

To Download 48CTQ060STRRPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-21039 rev. A 07/06
48CTQ060SPbF 48CTQ060-1PbF
SCHOTTKY RECTIFIER 40 Amp
IF(AV) = 40Amp VR = 60V
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM IFSM @ tp = 5 s sine VF TJ @20 Apk, TJ= 125C (per leg) range
Description/ Features Units
A V A V This center tap Schottky rectifier series has been optimized for low reverse leakage at high temperature. The proprietary barrier technology allows for reliable operation up to 150C junction temperature. Typical applications are in switching power supplies, converters, free-wheeling diodes, and reverse battery protection. 150 C TJ operation Center tap configuration Low forward voltage drop High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance High frequency operation Guard ring for enhanced ruggedness and long term reliability Lead-Free ("PbF" suffix)
Values
40 60 1000 0.58
- 55 to 150
C
Case Styles
48CTQ060SPbF 48CTQ060-1PbF
Base Common Cathode
2
Base Common Cathode
2
1
Anode
2 Common Cathode
3
1
Anode
Anode
2 Common Cathode
3
Anode
D2PAK www.irf.com
TO-262 1
48CTQ060SPbF, 48CTQ060-1PbF
Bulletin PD-21039 rev. A 07/06
Voltage Ratings
Parameters
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V) 48CTQ060SPbF 48CTQ060-1PbF 60
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current IFSM EAS IAR * See Fig. 5 (Per Leg) (Per Device) * See Fig. 7
Values
20 40 1000 260 13 1.50
Units
A
Conditions
50% duty cycle @ TC = 111C, rectangular wave form 5s Sine or 3s Rect. pulse Following any rated load condition and with 10ms Sine or 6ms Rect. pulse rated VRRM applied TJ = 25 C, I AS = 1.50 Amps, L = 11.5 mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. VA = 1.5 x VR typical
Max. Peak One Cycle Non-Repetitive Surge Current (Per Leg) Non-Repetitive Avalanche Energy (Per Leg) Repetitive Avalanche Current (Per Leg)
A mJ A
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (Per Leg) * See Fig. 1 (1)
Values
0.61 0.83 0.58 0.75 2 89 0.37 8.26 1220 8.0 10000
Units
V V V V mA mA V
m
Conditions
@ 20A @ 40A @ 20A @ 40A TJ = 25 C TJ = 125 C
TJ = TJ max.
TJ = 25 C TJ = 125 C VR = rated VR
IRM
Max. Reverse Leakage Current (Per Leg) * See Fig. 2 (1)
VF(TO) Threshold Voltage rt CT LS Forward Slope Resistance Max. Junction Capacitance (Per Leg) Typical Series Inductance (Per Leg)
pF nH
VR = 5VDC (test signal range 100Khz to 1Mhz) 25C Measured lead to lead 5mm from package body
(1) Pulse Width < 300s, Duty Cycle <2%
dv/dt Max. Voltage Rate of Change
V/ s (Rated VR)
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range
Values
-55 to 150 -55 to 150 2.0 1.0 0.50 2 (0.07) Min. Max. 6 (5) 12 (10)
Units
C C
Conditions
RthJC Max. Thermal Resistance Junction to Case (Per Leg) RthJC Max. Thermal Resistance Junction to Case (Per Package) RthCS Typical Thermal Resistance, Case to Heatsink wt T Approximate Weight Mounting Torque Marking Device
C/W DC operation C/W DC operation C/W Mounting surface , smooth and greased (only for TO-220) g (oz.) Kg-cm (Ibf-in) Case style D2Pak Case style TO-262
48CTQ060S 48CTQ060-1
2
www.irf.com
48CTQ060SPbF, 48CTQ060-1PbF
Bulletin PD-21039 rev. A 07/06
1000
1000 100 10 1 0.1 25C 0.01
T = 150C J T = 125C J T = 25C J
TJ = 150C 125C 100C 75C 50C
Instantaneous F orward Current - I F (A)
100
R everse Current - I R(mA)
0.001
0
10
20
30
40
50
60
R everse Voltage - V R (V)
Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage (Per Leg)
10000 Junction Capacitance - C T (pF)
10
TJ= 25C
1000
1
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6 1.8
2
2.2
100
0
10
20
30
40
50
60
F orward Voltage Drop - VFM (V)
Reverse Voltage - VR (V)
Fig. 1 - Max. Forward Voltage Drop Characteristics (Per Leg)
10 T hermal Impedance Z thJC (C/ W)
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage (Per Leg)
1
D = 0.75 D = 0.50 D = 0.33 D = 0.25 D = 0.20
P DM
0.1 Notes : S ingle Pulse (T hermal Resistance) 0.01 0.00001 0.0001 0.001 0.01 0.1
t1 t2
1. Duty factor D = t 1/ t 2 2. Peak T = P x Z thJC+ TC J DM 1 10 100
t 1 , Recta ngular Pulse Duration (S econd s)
Fig. 4 - Max. Thermal Impedance ZthJC Characteristics (Per Leg)
www.irf.com
3
48CTQ060SPbF, 48CTQ060-1PbF
Bulletin PD-21039 rev. A 07/06
150 Allowable Case T emperature - (C) 140 DC 130 120 quare wave (D = 0.50) 110 S 80% Rated V R applied 100
see note (2)
20 Average Power Loss - (Watts) D = 0.20 D = 0.25 D = 0.33 D = 0.50 D = 0.75 R Limit MS DC
15
10
5
90
0
5
10
15
20
25
30
0
0
5
10
15
20
25
30
Average Forward Current - I F(AV) (A)
Average F orward Current - I F(AV) (A)
Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current (Per Leg)
Non-R epetitive S urge Current - I FS (A) M 1000
Fig. 6 - Forward Power Loss Characteristics (Per Leg)
At Any Rated Load Condition And With Rated V RRM Applied Following S urge 100 10
100
1000
10000
S quare Wave Pulse Duration - t p (microsec)
Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg)
L HIGH-S PEED S CH WIT FREE-WHEEL DIODE 40HF L40S 02
+
DUT
IR P460 F R = 25 ohm g
Vd = 25 Volt
CURRENT MONIT OR
Fig. 8 - Unclamped Inductive Test Circuit
(2) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); Pd REV = Inverse Power Loss = VR1 x I R (1 - D); IR @ VR1 = 10 V
4
www.irf.com
48CTQ060SPbF, 48CTQ060-1PbF
Bulletin PD-21039 rev. A 07/06
Outlines Table
Conform to JEDEC outline D2Pak (SMD-220) Dimensions in millimeters and (inches)
Modified JEDEC outline TO-262 Dimensions in millimeters and (inches)
www.irf.com
5
48CTQ060SPbF, 48CTQ060-1PbF
Bulletin PD-21039 rev. A 07/06
Part Marking Information
D2PAK
THIS IS A 48CTQ060S LOT CODE 8024 ASSEMBLED ON WW 02, 2000 INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE PART NUMBER
48CTQ060S
DATE CODE YEAR 0 = 2000 WEEK 02 P = LEAD-FREE
TO-262
EXAMPLE: THIS IS A 48CTQ060-1 LOT CODE 1789 ASSEMBLED ON WW 19, 2002 INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE
PART NUMBER
DATE CODE YEAR 2 = 2002 WEEK 19 P = LEAD-FREE
Tape & Reel Information
Dimensions in millimeters and (inches)
6
www.irf.com
48CTQ060SPbF, 48CTQ060-1PbF
Bulletin PD-21039 rev. A 07/06
Ordering Information Table
Device Code
48
1
C
2
T
3
Q
4
060
5
S TRL PbF
6 7 8
1 2 3 4 5 6 7
-
Current Rating (40A) Circuit Configuration C = Common Cathode T = TO-220 Schottky "Q" Series Voltage Rating (060 = 60V) S = D 2Pak -1= TO-262 none = Tube (50 pieces) TRL = Tape & Reel (Left Oriented - for D2Pak only) TRR = Tape & Reel (Right Oriented - for D2Pak only)
8
-
none = Standard Production PbF = Lead-Free
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level and Lead-Free. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 07/06
www.irf.com
7


▲Up To Search▲   

 
Price & Availability of 48CTQ060STRRPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X