Part Number Hot Search : 
SMFJ12A VSC7142 2SC409 SM5326 SM640D 17001 SBR20 GRO500S
Product Description
Full Text Search
 

To Download 2N7002K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N7002K
60V N-Channel Enhancement Mode MOSFET - ESD Protected
FEATURES
* RDS(ON), VGS@10V,IDS@500mA=3 * RDS(ON), VGS@4.5V,IDS@200mA=4 * Advanced Trench Process Technology * High Density Cell Design For Ultra Low On-Resistance * Very Low Leakage Current In Off Condition * Specially Designed for Battery Operated Systems, Solid-State Relays Drivers : Relays, Displays, Lamps, Solenoids, Memories, etc. * ESD Protected 2KV HBM * Component are in compliance with EU RoHS 2002/95/EC directives
MECHANICALDATA
* Case: SOT-23 Package * Terminals : Solderable per MIL-STD-750,Method 2026 * Marking : K72
D 3
Top View
1 G
2 S
Maximum RATINGS and Thermal Characteristics (TA=25OC unless otherwise noted )
PA RA M E TE R D r a i n- S o ur c e Vo l t a g e G a t e - S o ur c e Vo l t a g e C o nt i nuo us D r a i n C ur r e nt P ul s e d D r a i n C ur r e nt
1)
S ym b o l VD S VGS ID ID M TA = 2 5 O C TA = 7 5 O C PD TJ , TS T G RJ A
Li mi t 60 +20 300 2000 350 210 -5 5 to + 1 5 0 357
U ni t s V V mA mA mW
O
M a xi m um P o w e r D i s s i p a t i o n O p e r a t i n g J u n c t i o n a n d S t o r a g e Te m p e r a t u r e R a n g e Junction-to Ambient Thermal Resistance(PCB mounted)2
C
O
C /W
Note: 1. Maximum DC current limited by the package 2. Surface mounted on FR4 board, t < 5 sec PAN JIT RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,FUNCTIONS AND RELIABILITY WITHOUT NOTICE
STAD-JAN.03.2007
PAGE . 1
2N7002K
ELECTRICALCHARACTERISTICS
P a ra me te r S ta ti c D r a i n- S o ur c e B r e a k d o w n Vo l t a g e G a t e Thr e s ho l d Vo l t a g e D r a i n- S o ur c e O n- S t a t e R e s i s t a nc e D r a i n- S o ur c e O n- S t a t e R e s i s t a nc e Ze r o G a t e Vo l t a g e D r a i n C ur r e nt Gate Body Leakage Forward Transconductance D i o d e F o rwa rd Vo lta g e Dynamic V D S = 1 5 V , ID = 2 0 0 m A VGS=4.5V VD D =30V , RL =150 ID =200mA , VG E N =10V RG =10 BVD SS V G S (th) RD S (o n) RD S (o n) ID S S IG S S g fS VSD V G S = 0 V , ID = 1 0 u A V D S = V G S , ID = 2 5 0 u A VG S =4.5V, I D =200mA VG S =10V, I D =500mA VD S =60V, VG S =0V V G S =+ 2 0 V , V D S = 0 V V D S = 1 5 V , ID = 2 5 0 m A IS = 2 0 0 m A , V G S = 0 V 60 1 100 0 .8 2 2 .5 4 .0 3.0 1 +10 1 .3 uA uA mS V V V S ym b o l Te s t C o n d i t i o n M i n. Ty p . M a x. U ni t s
To t a l G a t e C h a r g e
Qg
-
-
0 .8
nC
Tu r n - O n D e l a y Ti m e Tu r n - O f f D e l a y Ti m e In p u t C a p a c i t a n c e O ut p ut C a p a c i t a nc e R e v e r s e Tr a n s f e r C a p a c i t a n c e
to n to ff Ciss Coss C rs s
-
-
20 ns 40 35 10 5 pF
V D S =2 5 V, V G S =0 V f=1 .0 MHZ
-
Switching Test Circuit
VIN
VDD RL VOUT
Gate Charge Test Circuit
VGS
VDD RL
RG
1mA
RG
STAD-JAN.03.2007
PAGE . 2
2N7002K
Typical Characteristics Curves (TA=25OC,unless otherwise noted)
ID - Drain-to-Source Current (A)
V GS = 10V ~ 6.0V
1
5.0V
4.0V
I D - Drain Source Current (A)
1.2
1.2 1 0.8 0.6 0.4
V DS=10V
0.8 0.6 0.4
3.0V
0 0 1 2 3 4 5
T J=25 O C
0.2 0 0 1 2 3 4 5 6
0.2
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
Fig. 1-TYPICAL FORWARD CHARACTERISTIC FIG.1- Output Characteristic
FIG.2- Transfer Characteristic
5
5
R DS(ON) - On-Resistance ( W )
R DS(ON) - On-Resistance ( W )
4 3 2 1 0
4 3
V GS=4.5V
V GS=10V
I D=500mA
2 1
I D=200mA
0
0
0.2
0.4
0.6
0.8
1
2
3
4
5
6
7
8
9
10
ID - Drain Current (A)
V GS - Gate-to-Source Voltage (V)
FIG.3- On Resistance vs Drain Current
1.8 1.6 1.4 1.2 1 0.8 0.6 -50
FIG.4- On Resistance vs Gate to Source Voltage
RDS(ON) - On-Resistance(Normalized)
V GS=10V I D=500mA
-25
0
25
50
75
100
o
125
150
TJ - Junction Temperature ( C)
FIG.5- On Resistance vs Junction Temperature
STAD-JAN.03.2007
PAGE . 3
2N7002K
10
Vgs
Qg
V GS - Gate-to-Source Voltage (V)
8 6 4 2 0
V DS=10V I D=250mA
Vgs(th)
Qsw
Qg(th)
Qgs Qgd
0
0.2
0.4
0.6
0.8
1
Qg
Qg - Gate Charge (nC)
Fig.6 - Gate Charge Waveform
Vth - G-S Threshold Voltage (NORMALIZED)
Fig.7 - Gate Charge
88 86 84 82 80 78 76 74 72 -50
I D=250uA
BVDSS - Breakdown Voltage (V)
1.2 1.1 1 0.9 0.8 0.7 -50
I D=250uA
-25
0
25
50
75
100
o
125
150
-25
0
25
50
75
100
o
125
150
TJ - Junction Temperature ( C)
TJ - Junction Temperature ( C)
Fig.8 - Threshold Voltage vs Temperature
Fig.9 - Breakdown Voltage vs Junction Temperature
10
IS - Source Current (A)
V GS=0V
1
0.1
T J=125 O C
25 O C
-55 O C
0.01 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6
VSD - Source-to-Drain Voltage (V)
Fig.10 - Source-Drain Diode Forward Voltage
STAD-JAN.03.2007
PAGE . 4
2N7002K
MOUNTING PAD LAYOUT
ORDER INFORMATION
* Packing information T/R - 12K per 13" plastic Reel T/R - 3K per 7" plastic Reel
LEGAL STATEMENT Copyright PanJit International, Inc 2007
The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others.
STAD-JAN.03.2007
PAGE . 5


▲Up To Search▲   

 
Price & Availability of 2N7002K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X