Part Number Hot Search : 
B80C1 M0365 2C508 2E225 SP2111 EX242 56F8000 DT60L
Product Description
Full Text Search
 

To Download 2N566402 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N5664
Silicon NPN Transistor
Data Sheet
Description Semicoa Semiconductors offers: * Screening and processing per MIL-PRF-19500 Appendix E * JAN level (2N5664J) * JANTX level (2N5664JX) * JANTXV level (2N5664JV) * QCI to the applicable level * 100% die visual inspection per MIL-STD-750 method 2072 for JANTXV * Radiation testing (total dose) upon request
Applications
* General purpose high power switching * Power Transistor * NPN silicon transistor
Features
* * * * Hermetically sealed TO-66 metal can Also available in chip configuration Chip geometry 9221 Reference document: MIL-PRF-19500/455
Benefits
Please contact Semicoa for special configurations www.SEMICOA.com or (714) 979-1900 Absolute Maximum Ratings Parameter Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current, Continuous Power Dissipation, TA = 25C Derate linearly above 25C Power Dissipation, TC = 25C Derate linearly above 100C Thermal Resistance Operating Junction Temperature Storage Temperature Symbol VCEO VCBO VEBO IC PT PT * Qualification Levels: JAN, JANTX, and JANTXV * Radiation testing available
TC = 25C unless otherwise specified
Rating 200 250 6 5 2.5 14.3 30 300 3.3 -65 to +200
Unit Volts Volts Volts A W mW/C W mW/C C/W C
RJA
TJ TSTG
Copyright 2002 Rev. D
Semicoa Semiconductors, Inc.
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541 Page 1 of 2
www.SEMICOA.com
2N5664
Silicon NPN Transistor
Data Sheet
ELECTRICAL CHARACTERISTICS
characteristics specified at TA = 25C
Off Characteristics Parameter Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector-Base Cutoff Current Collector-Emitter Cutoff Current On Characteristics Parameter Symbol hFE1 hFE2 hFE3 hFE4 hFE5 VBEsat1 VBEsat2 VCEsat1 VCEsat2 Symbol |hFE| COBO Test Conditions IC = 0.5 A, VCE = 2 Volts IC = 1 A, VCE = 5 Volts IC = 3 A, VCE = 5 Volts IC = 5 A, VCE = 5 Volts IC = 1 A, VCE = 5 Volts TA = -55C IC = 3 A, IB = 300 mA IC = 5 A, IB = 1 A IC = 3 A, IB = 300 mA IC = 5 A, IB = 1 A Test Conditions VCE = 5 Volts, IC = 500 mA, f = 10 MHz VCB = 10 Volts, IE = 0 mA, 100 kHZ < f < 1 MHz Symbol V(BR)CER V(BR)EBO ICBO1 ICES1 ICES1 Test Conditions IC = 10 A, RBE = 100 IE = 10 A VCB = 200 Volts VCE = 200 Volts VCE = 200 Volts, TA = 150C Min 250 6 100 200 100 Typ Max Units Volts Volts nA nA A
Pulse Test: Pulse Width = 300 s, Duty Cycle 2.0%
DC Current Gain
Min 40 40 15 5 15
Typ
Max 120
Units
Base-Emitter Saturation Voltage Collector-Emitter Saturation Voltage Dynamic Characteristics Parameter Magnitude - Common Emitter, Short Circuit Forward Current Transfer Ratio Open Circuit Output Capacitance Switching Characteristics Parameter Turn-On Time Turn-Off Time
1.2 1.5 0.4 1.0
Volts Volts
Min 2
Typ
Max 7 120
Units
pF
Symbol tON tOFF
Test Conditions IC = 1 A, VCC = 100 Volts IC = 1 A, VCC = 100 Volts
Min
Typ
Max 0.25 1.5
Units s s
Copyright 2002 Rev. D
Semicoa Semiconductors, Inc.
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541 Page 2 of 2
www.SEMICOA.com


▲Up To Search▲   

 
Price & Availability of 2N566402

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X