Part Number Hot Search : 
TA8532F 307014 LTC31 P0111 F45ITR 106D1 TL594CD 52104496
Product Description
Full Text Search
 

To Download 2N548407 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N/SST5484 Series
Vishay Siliconix
N-Channel JFETs
2N5484 2N5485 2N5486
PRODUCT SUMMARY
Part Number
2N/SST5484 2N/SST5485 2N/SST5486
SST5484 SST5485 SST5486
VGS(off) (V)
-0.3 to -3 -0.5 to -4 -2 to -6
V(BR)GSS Min (V)
-25 -25 -25
gfs Min (mS)
3 3.5 4
IDSS Min (mA)
1 4 8
FEATURES
D Excellent High-Frequency Gain: Gps 13 dB (typ) @ 400 MHz - 5485/6 D Very Low Noise: 2.5 dB (typ) @ 400 MHz - 5485/6 D Very Low Distortion D High AC/DC Switch Off-Isolation
BENEFITS
D D D D D Wideband High Gain Very High System Sensitivity High Quality of Amplification High-Speed Switching Capability High Low-Level Signal Amplification
APPLICATIONS
D D D D High-Frequency Amplifier/Mixer Oscillator Sample-and-Hold Very Low Capacitance Switches
DESCRIPTION
The 2N/SST5484 series consists of n-channel JFETs designed to provide high-performance amplification, especially at high frequencies up to and beyond 400 MHz. The 2N series, TO-226AA (TO-92), and SST series, TO-236 (SOT-23), packages provide low-cost options and are available with tape-and-reel to support automated assembly (see Packaging Information).
TO-226AA (TO-92)
D S 1 D 1
TO-236 (SOT-23 )
3 2 S 2
G
G
3 Top View 2N5484 2N5485 2N5486
Top View SST5484 (H4)* SST5485 (H5)* SST5486 (H6)* *Marking Code for TO-236
For applications information see AN102 and AN105. Document Number: 70246 S-50148--Rev. G, 24-Jan-05 www.vishay.com
1
2N/SST5484 Series
Vishay Siliconix
ABSOLUTE MAXIMUM RATINGS
Gate-Drain, Gate-Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -25 V Gate Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 mA Lead Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300_C Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to 150_C Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to 150_C Power Dissipationa . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 350 mW Notes a. Derate 2.8 mW/_C above 25_C
SPECIFICATIONS FOR 2N SERIES (TA = 25_C UNLESS OTHERWISE NOTED)
Limits
2N5484 2N5485 2N5486
Parameter Static
Gate-Source Breakdown Voltage Gate-Source Cutoff Voltage Saturation Drain Currentb Gate Reverse Current Gate Operating Currentc
Symbol
Test Conditions
Typa
Min
Max
Min
Max
Min Max Unit
V(BR)GSS VGS(off) IDSS IGSS IG VGS(F)
IG = -1 mA , VDS = 0 V VDS = 15 V, ID = 10 nA VDS = 15 V, VGS = 0 V VGS = -20 V, VDS = 0 V TA = 100_C VDG = 10 V, ID = 1 mA IG = 10 mA , VDS = 0 V
-35
-25 -0.3 1 -3 5 -1 -200
-25 -0.5 4 -4 10 -1 -200
-25 -2 8 -6 20 -1 -200
V mA nA pA V
-0.002 -0.2 -20 0.8
Gate-Source Forward Voltagec
Dynamic
Common-Source Forward TransconductanceNO TAG Common-Source Output ConductanceNO TAG Common-Source Input Capacitance Common-Source Reverse Transfer Capacitance Common-Source Output Capacitance Equivalent Input Noise Voltagec gfs gos Ciss Crss Coss en VDS = 15 V, VGS = 0 V f = 100 Hz VDS = 15 V, VGS = 0 V f = 1 MHz VDS = 15 V, VGS = 0 V f = 1 kHz 2.2 0.7 1 10 3 6 50 5 1 2 3.5 7 60 5 1 2 4 8 75 5 1 2 nV Hz pF mS mS
High-Frequency
Common-Source Transconductanced Common-Source Output Conductanced Common-Source Input Conductanced Yf (RE) fs(RE) Yos(RE) (RE) Yiis(RE) (RE) VDS = 15 V VGS = 0 V f = 100 MHz f = 400 MHz f = 100 MHz f = 400 MHz f = 100 MHz f = 400 MHz VDS = 15 V, ID = 1 mA f = 100 MHz Gps VDS = 15 V ID = 4 mA f = 100 MHz f = 400 MHz 5.5 5.5 45 65 0.05 0.8 20 21 13 0.3 2 1 2.5 2.5 3 2 4 2 4 16 25 18 10 30 20 2.5 18 10 30 20 2.5 dB 0.1 1 1 75 100 100 2.5 3 3.5 mS mS mS
Common-Source Power C S P
Gaind Gi
VDS = 15 V, VGS = 0 V RG = 1 MW , f = 1 kHz Noise Figured g NF VDS = 15 V, ID = 1 mA RG = 1 kW , f = 100 MHz VDS = 15 V ID = 4 mA RG = 1 kW www.vishay.com f = 100 MHz f = 400 MHz
2
Document Number: 70246 S-50148--Rev. G, 24-Jan-05
2N/SST5484 Series
Vishay Siliconix
SPECIFICATIONS FOR SST SERIES (TA = 25_C UNLESS OTHERWISE NOTED)
Limits
SST5484 SST5485 SST5486
Parameter Static
Gate-Source Breakdown Voltage Gate-Source Cutoff Voltage Saturation Drain Currentb Gate Reverse Current Gate Operating Currentc Gate-Source Forward Voltagec
Symbol
Test Conditions
Typb
Min
Max
Min
Max
Min
Max
Unit
V(BR)GSS VGS(off) IDSS IGSS IG VGS(F)
IG = -1 mA , VDS = 0 V VDS = 15 V, ID = 10 nA VDS = 15 V, VGS = 0 V VGS = -20 V, VDS = 0 V TA = 100_C VDG = 10 V, ID = 1 mA IG = 10 mA , VDS = 0 V
-35
-25 -0.3 1 -3 5 -1 -200
-25 -0.5 -4 10 -1 -200
-25 -2 8 -6 20 -1 -200
V mA nA pA V
4
-0.002 -0.2 -20 0.8
Dynamic
Common-Source Forward TransconductanceNO TAG Common-Source Output ConductanceNO TAG Common-Source Input Capacitance Common-Source Reverse Transfer Capacitance Common-Source Output Capacitance Equivalent Input Noise Voltagec gfs gos Ciss Crss Coss en VDS = 15 V, VGS = 0 V f = 100 Hz VDS = 15 V, VGS = 0 V f = 1 MHz VDS = 15 V, VGS = 0 V f = 1 kHz 2.2 0.7 1 10 nV Hz pF 3 6 50 3.5 7 60 4 8 75 mS mS
High-Frequency
Common-Source Transconductance Common-Source Output Conductance Common-Source Input Conductance Yf fs Yos Yiis VDS = 15 V VGS = 0 V f = 100 MHz f = 400 MHz f = 100 MHz f = 400 MHz f = 100 MHz f = 400 MHz VDS = 15 V, ID = 1 mA f = 100 MHz Gps VDS = 15 V ID = 4 mA f = 100 MHz f = 400 MHz 5.5 5.5 45 65 0.05 0.8 20 21 13 0.3 2 1 2.5 NH dB mS mS mS
Common-Source Power Gain
VDS = 15 V, VGS = 0 V RG = 1 MW , f = 1 kHz Noise Figure g NF VDS = 15 V, ID = 1 mA RG = 1 kW , f = 100 MHz VDS = 15 V ID = 4 mA RG = 1 kW f = 100 MHz f = 400 MHz
Notes a. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing. b. Pulse test: PW v300 ms duty cycle v3%. c. This parameter not registered with JEDEC. d. Not a production test.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Document Number: 70246 S-50148--Rev. G, 24-Jan-05
www.vishay.com
3
2N/SST5484 Series
Vishay Siliconix
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
Drain Current and Transconductance vs. Gate-Source Cutoff Voltage
20 IDSS - Saturation Drain Current (mA)
10 rDS(on) - Drain-Source On-Resistance ( ) gfs - Forward Transconductance (mS)
On-Resistance and Output Conductance vs. Gate-Source Cutoff Voltage
500
100
rDS @ ID = 300 mA, VGS = 0 V
400 gos @ VDS = 10 V, VGS = 0 V f = 1 kHz gos - Output Conductance (S) 80
16
IDSS
8
12
gfs
6
300
rDS gos
60
8
4
200
40
4
IDSS @ VDS = 10 V, VGS = 0 V gfs @ VDS = 10 V, VGS = 0 V f = 1 kHz
2
100
20
0 0 -2 -4 -6 -8 VGS(off) - Gate-Source Cutoff Voltage (V) -10
0
0 0 -2 -4 -6 -8 VGS(off) - Gate-Source Cutoff Voltage (V) -10
0
100 nA 10 nA
Gate Leakage Current
ID = 5 mA gfs - Forward Transconductance (mS) 1 mA 0.1 mA
10
Common-Source Forward Transconductance vs. Drain Current
VGS(off) = -3 V VDS = 10 V f = 1 kHz
8 TA = -55_C
IG - Gate Leakage
1 nA 100 pA 10 pA 1 pA 0.1 pA 0
TA = 125_C IGSS @ 125_C 1 mA TA = 25_C 0.1 mA IGSS @ 25_C
6 25_C
ID = 5 mA
4
125_C 2
0 4 8 12 16 VDG - Drain-Gate Voltage (V) 20 0.1 1 ID - Drain Current (mA) 10
Output Characteristics
10 VGS(off) = -2 V 8 ID - Drain Current (mA) 12 ID - Drain Current (mA) 15
Output Characteristics
VGS(off) = -3 V
VGS = 0 V -0.2 V -0.4 V
VGS = 0 V 9 -0.3 V -0.6 V 6 -0.9 V -1.2 V 3 -1.5 V -1.8 V
6
4
-0.6 V -0.8 V -1.0 V -1.2 V -1.4 V 8
2
0
0
2
4
6
10
0
0
2
4
6
8
10
VDS - Drain-Source Voltage (V) www.vishay.com
VDS - Drain-Source Voltage (V) Document Number: 70246 S-50148--Rev. G, 24-Jan-05
4
2N/SST5484 Series
Vishay Siliconix
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
Transfer Characteristics
10 VGS(off) = -2 V 8 ID - Drain Current (mA) ID - Drain Current (mA) TA = -55_C 6 25_C VDS = 10 V 8 10 VGS(off) = -3 V TA = -55_C 25_C 6 125_C VDS = 10 V
Transfer Characteristics
4
125_C
4
2
2
0 0 -0.4 -0.8 -1.2 -1.6 VGS - Gate-Source Voltage (V) -2
0 0 -0.6 -1.2 -1.8 -2.4 VGS - Gate-Source Voltage (V) -3
Transconductance vs. Gate-Source Voltage
10 gfs - Forward Transconductance (mS) VGS(off) = -2 V VDS = 10 V f = 1 kHz 10 gfs - Forward Transconductance (mS)
Transconductance vs. Gate-Source Voltage
VGS(off) = -3 V VDS = 10 V f = 1 kHz
8 TA = -55_C 6 25_C
8 TA = -55_C 6 25_C
4
125_C
4
125_C
2
2
0 0 -0.4 -0.8 -1.2 -1.6 -2 VGS - Gate-Source Voltage (V)
0 0 -0.6 -1.2 -1.8 -2.4 -3 VGS - Gate-Source Voltage (V)
On-Resistance vs. Drain Current
300 rDS(on) - Drain-Source On-Resistance ( ) TA = 25_C 240 AV - Voltage Gain VGS(off) = -2 V 180 -3 V 120 80 100
Circuit Voltage Gain vs. Drain Current
g fs R L AV + 1 ) R g L os Assume VDD = 15 V, VDS = 5 V RL + 10 V ID
60
40
VGS(off) = -2 V
60
20 -3 V
0 0.1
1 ID - Drain Current (mA)
10
0
0.1
1 ID - Drain Current (mA)
10
Document Number: 70246 S-50148--Rev. G, 24-Jan-05
www.vishay.com
5
2N/SST5484 Series
Vishay Siliconix
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
Common-Source Input Capacitance vs. Gate-Source Voltage
Crss - Reverse Feedback Capacitance (pF) f = 1 MHz Ciss - Input Capacitance (pF) 4
5
3
Common-Source Reverse Feedback Capacitance vs. Gate-Source Voltage
f = 1 MHz
2.4
3
VDS = 0 V
1.8
VDS = 0 V
2 10 V 1
1.2 10 V
0.6
0 0 -4 -8 -12 -16 VGS - Gate-Source Voltage (V) -20
0 0 -4 -8 -12 -16 VGS - Gate-Source Voltage (V) -20
100
Input Admittance
TA = 25_C VDS = 15 V VGS = 0 V Common Source
100
Forward Admittance
TA = 25_C VDS = 15 V VGS = 0 V Common Source
bis 10 gis (mS)
10 (mS)
gfs -bfs
1
1
0.1 100
200
500
1000
0.1 100
200
500
1000
f - Frequency (MHz)
f - Frequency (MHz)
Reverse Admittance
10 TA = 25_C VDS = 15 V VGS = 0 V Common Source
10 -brs 1 (mS)
Output Admittance
TA = 25_C VDS = 15 V VGS = 0 V Common Source bos
1 (mS)
-grs 0.1 0.1 gos
0.01 100 200 500 f - Frequency (MHz) 1000
0.01 100 200 500 f - Frequency (MHz) 1000
www.vishay.com
6
Document Number: 70246 S-50148--Rev. G, 24-Jan-05
2N/SST5484 Series
Vishay Siliconix
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
20
Equivalent Input Noise Voltage vs. Frequency
VGS(off) = -3 V VDS = 10 V
20
Output Conductance vs. Drain Current
VGS(off) = -3 V VDS = 10 V f = 1 kHz
Hz
gos - Output Conductance (S)
16
16 TA = -55_C 12 25_C 125_C 4
en - Noise Voltage nV /
12
8 ID = 5 mA ID = IDSS 0 10 100 1k f - Frequency (Hz) 10 k 100 k
8
4
0 0.1 1 ID - Drain Current (mA) 10
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability data, see http://www.vishay.com/ppg?70246. Document Number: 70246 S-50148--Rev. G, 24-Jan-05 www.vishay.com
7
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 2N548407

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X