Part Number Hot Search : 
74HCT74 PST993F TLRE100 SRAS860 M3010 BAS20 RTC62423 AN729
Product Description
Full Text Search
 

To Download 2N533902 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N5339
Silicon NPN Transistor
Data Sheet
Description Semicoa Semiconductors offers: * Screening and processing per MIL-PRF-19500 Appendix E * JAN level (2N5339J) * JANTX level (2N5339JX) * JANTXV level (2N5339JV) * QCI to the applicable level * 100% die visual inspection per MIL-STD-750 method 2072 for JANTXV * Radiation testing (total dose) upon request
Applications
* General purpose switching transistor * Low power * NPN silicon transistor
Features
* * * * Hermetically sealed TO-39 metal can Also available in chip configuration Chip geometry 9201 Reference document: MIL-PRF-19500/560
Benefits
Please contact Semicoa for special configurations www.SEMICOA.com or (714) 979-1900 * Qualification Levels: JAN, JANTX, and JANTXV * Radiation testing available
TC = 25C unless otherwise specified
Absolute Maximum Ratings Parameter Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current, Continuous Power Dissipation, TA = 25C Derate linearly above 25C Thermal Resistance Operating Junction Temperature Storage Temperature Symbol VCEO VCBO VEBO IC PT
Rating 100 100 6 5 1 5.71 17.5 -65 to +200
Unit Volts Volts Volts A W mW/C C/W C
RJC
TJ TSTG
Copyright 2002 Rev. E
Semicoa Semiconductors, Inc.
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541 Page 1 of 2
www.SEMICOA.com
2N5339
Silicon NPN Transistor
Data Sheet
ELECTRICAL CHARACTERISTICS
characteristics specified at TA = 25C
Off Characteristics Parameter Collector-Emitter Breakdown Voltage Collector-Base Cutoff Current Collector-Emitter Cutoff Current Collector-Emitter Cutoff Current Emitter-Base Cutoff Current On Characteristics Parameter Symbol hFE1 hFE2 hFE3 hFE4 VBEsat1 VBEsat2 VCEsat1 VCEsat2 Test Conditions IC = 0.5 A, VCE = 2 Volts IC = 2 A, VCE = 2 Volts IC = 5 A, VCE = 2 Volts IC = 2 A, VCE = 2 Volts TA = -55C IC = 2 A, IB = 200 mA IC = 5 A, IB = 500 mA IC = 2 A, IB = 200 mA IC = 5 A, IB = 500 mA Symbol V(BR)CEO ICBO ICEO ICEX1 ICEX2 IEBO Test Conditions IC = 50 mA VCB = 100 Volts VCE = 100 Volts VCE = 90Volts, VBE = 1.5Volts VCE =90Volts, VBE = 1.5Volts, TA = 150C VEB = 6 Volts Min 100 10 100 10 10 100 Typ Max Units Volts A A A mA A
Pulse Test: Pulse Width = 300 s, Duty Cycle 2.0%
DC Current Gain
Min 60 60 40 12
Typ
Max 240
Units
Base-Emitter Saturation Voltage Collector-Emitter Saturation Voltage Dynamic Characteristics Parameter Magnitude - Common Emitter, Short Circuit Forward Current Transfer Ratio Open Circuit Output Capacitance Open Circuit Input Capacitance Switching Characteristics Delay Time Rise Time Storage Time Fall Time
1.2 1.8 0.7 1.2
Volts Volts
Symbol |hFE| COBO CIBO td tr ts tf
Test Conditions VCE = 10 Volts, IC = 500 mA, f = 10 MHz VCB = 10 Volts, IE = 0 mA, 100 kHZ < f < 1 MHz VEB = 2 Volts, IC = 0 mA, 100 kHZ < f < 1 MHz
Min 3
Typ
Max 15 250 1,000
Units
pF pF
IC = 2 A, IB1 = 200 mA IC = 2 mA, IB1=IB2 = 200 mA
100 100 2 200
ns s ns
Copyright 2002 Rev. E
Semicoa Semiconductors, Inc.
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541 Page 2 of 2
www.SEMICOA.com


▲Up To Search▲   

 
Price & Availability of 2N533902

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X