Part Number Hot Search : 
KA7918 SPV1040 VR12A BUJ106AX A4255CLN M51320P SMBJ54 MAB03066
Product Description
Full Text Search
 

To Download 2N2907AUB02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N2907AUB
Silicon PNP Transistor
Data Sheet
Description Semicoa Semiconductors offers: * Screening and processing per MIL-PRF-19500 Appendix E * JAN level (2N2907AUBJ) * JANTX level (2N2907AUBJX) * JANTXV level (2N2907AUBJV) * JANS level (2N2907AUBJS) * QCI to the applicable level * 100% die visual inspection per MIL-STD-750 method 2072 for JANTXV and JANS * Radiation testing (total dose) upon request
Applications
* General purpose * Low power * PNP silicon transistor
Features
* * * * Hermetically sealed Cersot ceramic Also available in chip configuration Chip geometry 0600 Reference document: MIL-PRF-19500/291
Benefits
Please contact Semicoa for special configurations www.SEMICOA.com or (714) 979-1900 * Qualification Levels: JAN, JANTX, JANTXV and JANS * Radiation testing available
TC = 25C unless otherwise specified
Absolute Maximum Ratings Parameter Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current, Continuous Power Dissipation, TA = 25OC Derate linearly above 37.5 OC Thermal Resistance Operating Junction Temperature Storage Temperature Symbol VCEO VCBO VEBO IC PT
Rating 60 60 5 600 0.5 3.08 325 -65 to +200 -65 to +200
Unit Volts Volts Volts mA W mW/C C/W C C
RJA
TJ TSTG
Copyright 2002 Rev. K
Semicoa Semiconductors, Inc.
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541 Page 1 of 1
www.SEMICOA.com
2N2907AUB
Silicon PNP Transistor
Data Sheet
ELECTRICAL CHARACTERISTICS
characteristics specified at TA = 25C
Off Characteristics Parameter Collector-Emitter Breakdown Voltage Collector-Base Cutoff Current Collector-Base Cutoff Current Collector-Base Cutoff Current Collector-Emitter Cutoff Current Emitter-Base Cutoff Current Emitter-Base Cutoff Current On Characteristics Parameter Symbol hFE1 hFE2 hFE3 hFE4 hFE5 hFE6 VBEsat1 VBEsat2 VCEsat1 VCEsat2 Symbol |hFE| hFE COBO CIBO ton toff Test Conditions IC = 0.1 mA, VCE = 10 Volts IC = 1.0 mA, VCE = 10 Volts IC = 10 mA, VCE = 10 Volts IC = 150 mA, VCE = 10 Volts IC = 500 mA, VCE = 10 Volts IC = 10 mA, VCE = 10 Volts TA = -55OC IC = 150 mA, IB = 15 mA IC = 500 mA, IB = 50 mA IC = 150 mA, IB = 15 mA IC = 500 mA, IB = 50 mA Test Conditions VCE = 20 Volts, IC = 20 mA, f = 100 MHz VCE = 10 Volts, IC = 1 mA, f = 1 kHz VCB = 10 Volts, IE = 0 mA, 100 kHZ < f < 1 MHz VEB = 0.5 Volts, IC = 0 mA, 100 kHZ < f < 1 MHz Symbol V(BR)CEO ICBO1 ICBO2 ICBO3 ICES IEBO1 IEBO2 Test Conditions IC = 10 mA VCB = 60 Volts VCB = 50 Volts VCB = 50 Volts, TA = 150OC VCE = 50 Volts VEB = 5 Volts VEB = 4 Volts Min 60 10 10 10 50 10 50 Typ Max Units Volts A nA A nA A nA
Pulse Test: Pulse Width = 300 s, Duty Cycle 2.0%
DC Current Gain
Min 75 100 100 100 50 50 0.6
Typ
Max 450 300
Units
Base-Emitter Saturation Voltage Collector-Emitter Saturation Voltage Dynamic Characteristics Parameter Magnitude - Common Emitter, Short Circuit Forward Current Transfer Ratio Small Signal Short Circuit Forward Current Transfer Ratio Open Circuit Output Capacitance Open Circuit Input Capacitance Switching Characteristics Saturated Turn-On Time Saturated Turn-Off Time
1.3 2.6 0.4 1.6
Volts Volts
Min 2.0 100
Typ
Max
Units
8 30
pF pF
45 300
ns ns
Copyright 2002 Rev. K
Semicoa Semiconductors, Inc.
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541 Page 2 of 2
www.SEMICOA.com


▲Up To Search▲   

 
Price & Availability of 2N2907AUB02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X