Part Number Hot Search : 
SCT32110 MC88920 MDW1041 75EIB LA1135 C68HC71 MC529 BUL65A
Product Description
Full Text Search
 

To Download 1N5926B04 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
1N5926B~1N5939B
GLASS PASSIVATED JUNCTION SILICON ZENER DIODES
VOLTAGE FEATURES
* Low profile package
1.0(25.4)MIN.
11 to 39 Volts
POWER
1.5 Watts
DO-41
Unit: inch(mm)
* Built-in strain relief * Low inductance * Plastic package has Underwriters Laboratory Flammability Classification 94V-O * Both normal and Pb free product are available : Pb free: 98.5% Sn above Normal : 80~95% Sn, 5~20% Pb
.034(.86) .028(.71)
MECHANICALDATA
1.0(25.4)MIN.
.205(5.2) .160(4.1)
.107(2.7) .080(2.0)
Case: JEDEC DO-41,Molded plastic over passivated junction. Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes positive end (cathode) Standard packing: 52mm tape Weight: 0.012 ounce, 0.3 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
P ar m et r a e D C P ow erD i si aton on TA =75 O C , easur atZer Lead Lengt spi M e o h D er t above 75O C (N O TE 1) ae O per tng Juncton and S t r geTem per t r R ange ai i oa aue
S ym bol
Val e u 1. 5 - 5 t +150 5o
U nis t W ats t
O
PD TJ ,TSTG
C
NOTES: 1.Mounted on 5.0mm2 (.013mm thick) land areas.
STAD-JUN.23.2004
PAGE . 1
N o m i a l Z e ne r V o l a g e n t P ar N um ber t
ZT VZ @ I
M a xi um Z e ne r I p e d a nce m m ZZT @ I ZT ZZK @ I ZK mA 34. 1 31. 2 28. 8 25. 0 23. 4 20. 8 18. 7 17. 0 15. 6 13. 9 12. 5 11. 4 10. 4 9. 6 O hm s 550 550 550 600 600 650 650 650 700 700 750 800 850 900 mA 0. 5 2 0. 5 2 0. 5 2 0. 5 2 0. 5 2 0. 5 2 0. 5 2 0. 5 2 0. 5 2 0. 5 2 0. 5 2 0. 5 2 0. 5 2 0. 5 2
M axi um m Leakage C urent r I R uA 1. 0 1. 0 1. 0 1. 0 1. 0 1. 0 1. 0 1. 0 1. 0 1. 0 1. 0 1. 0 1. 0 1. 0 VR V 8. 4 9. 1 9. 9 11. 4 12. 2 13. 7 15. 2 16. 7 18. 2 20. 6 22. 8 25. 1 27. 4 29. 7
N om . V 1N 5926B 1N 5927B 1N 5928B 1N 5929B 1N 5930B 1N 5931B 1N 5932B 1N 5933B 1N 5934B 1N 5935B 1N 5936B 1N 5937B 1N 5938B 1N 5939B 11. 0 12. 0 13. 0 15. 0 16. 0 18. 0 20. 0 22. 0 24. 0 27. 0 30. 0 33. 0 36. 0 39. 0
M i .V n 10. 5 11. 4 12. 4 14. 3 15. 2 17. 1 19. 0 20. 9 22. 8 25. 7 28. 5 31. 4 34. 2 37. 1
M a x. V 11. 6 12. 6 13. 7 15. 8 16. 8 18. 9 21. 0 23. 1 25. 2 28. 4 31. 5 34. 7 37. 8 41. 0
O hm s 5. 5 6. 5 7. 0 9. 0 10. 0 12. 0 14. 0 17. 5 19. 0 23. 0 26. 0 33. 0 38. 0 45. 0
STAD-JUN.23.2004
PAGE . 2
qvz, TEMPERATURE COEFICENT (mV/ OC)
MAXIMUM POWER DISSIPATION, Watts
2.5 2 1.5 1 0.5 0
10 8 6 4 2 0 -2 -4 2 4 6 8 10 12
V @I Z ZT
0
20
40
60
80
100
120 140 150 180
LEAD TEMPERATURE, C
O
V , ZENER VOLTAGE (VOLTS) Z
Fig.1 Steady State Power Derating
Fig.2 Temperature coeeficient v.s. zener voltage,Vz(V)
qvz, TEMPERATURE COEFICENT (mV/ OC)
200 100 70 50 30 20 10 10 20 30 50
V @I Z ZT
Zz, DYNAMIC IMPEDANCE (OHMS)
1K 500 200 100 50 20 10 5 2 1 0.5 1 2 5 10 20
T = 25 O C J I (rms) =0.1 I (dc) Z Z
22V 12V 6.8V
50
100 200
500
Vz, ZENER VOLTAGE (VOLTS)
Iz, ZENER TEST CURRENT (mA)
Fig.3 Temperature coeeficient v.s. zener voltage,Vz(V)
F i g . 4 Z ener impedance v.s. zener current
1K 200 100 70 50 30 20
10mA I Z (dc)=1mA
Ppk, PEAKSURGE POWER (WATTS)
Zz, DYNAMIC IMPEDANCE (OHMS)
500 300 200 100 50 30 20 10 0.1 0.20.3 0.5
RECTANGULAR NONREPETITIVE WAVEFORM O T J =25 C PRIOR TO INTIAL PULSE
10 7 5 3 2
20mA I Z (rms)=0.1I Z (dc)
5
7
10
20 3 0
40
50 60
70
100
1
23
5
10 20 30 50
100
Vz, ZENER VOLTAGE (VOLTS)
PW, PULSE WIDTH (ms)
F i g . 5 Z ener impedance v.s. zener voltage
Fig.6 Maximum Surge Power
STAD-JUN.23.2004
PAGE . 3
100
Iz, ZENER CURRENT (mA)
100
Iz, ZENER CURRENT (mA)
50 30 20 10 5 3 2 1 0.5 0.3 0.2 0.1 0 1 2 3 4 5 6 7 8 9 10
50 30 20 10 5 3 2 1 0.5 0.3 0.2 0 .1 0 10 20 30 40
Vz, ZENER VOLTAGE (VOLTS)
Vz, ZENER VOLTAGE (VOLTS)
Fig.7 Vz = 6.8 thru 10 Volts
Fig.8 Vz = 12 thru 82 Volts
NOTE 3. ZENER VOLTAGE (Vz) MEASUREMENT Nominal zener voltage is measured with the device function in thermal equilibrium with ambient O temperature at 25 C NOTE 4. ZENER IMPEDANCE (Zz) DERIVATION Zzt and Zzk are measured by dividing the ac voltage drop across the device by the accurrent applied. The specified limits are for Iz(ac) = 0.1 Iz, (dc) with the ac freqency = 60Hz
STAD-JUN.23.2004
PAGE . 4


▲Up To Search▲   

 
Price & Availability of 1N5926B04

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X