Part Number Hot Search : 
FCH10A10 S1500 PC3500 MC3405 LT1461ED ES1JE 00201 LV2105V
Product Description
Full Text Search
 

To Download 1N4148-35 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
1N4148-35
SWITCHING DIODES
VOLTAGE
100 Volts
POWER
500 mWatts
DO-35
Unit: inch (mm)
FEATURES
* Fast switching Speed. * Electrically ldentical to Standerd JEDEC * High Conductance * Axial lead Package ldeally Suited for Automatic lnsertion. * Both normal and Pb free product are available : Normal : 80~95% Sn, 5~20% Pb Pb free: 98.5% Sn above
1.02(26.0)MIN.
.020(0.52)TYP.
MECHANICAL DATA
* Case: Molded Glass DO-35 * Terminals: Solderable per MIL-STD-202E, Method 208
.153(3.9)MAX.
* Approx. Weight: 0.13 grams * Mounting Position: Any * Ordering information: Suffix : " -35 " to order DO-35 Package * Packing information B - 2K per Bulk box T/R - 10K per 13" plastic Reel T/B - 5K per horiz. tape & Ammo box
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TJ =25C unless otherwise noted)
PA R A M E TE R
R ever e Volage s t P eak R ever e Volage s t R M S Volage t M axi um A ver ge For ar C urentatTa=25O C A nd f> 50H z m a wd r S ur e For ar C urentatt< 1s and Tj 25 g wd r = P ow erD i si aton atTam b= 25 spi
O O
S YM B O L VR VRM VRM S I AV I FSM PTO T VF
1.02(26.0)MIN.
* Polarity: See Diagram Below
.079(2.0)MAX.
1N 4148
75 100 50 150 500 500 1. 0 25 5 50 4 4 350 - 5 t +175 6o
UNI S T
V V V mA mA mW V nA A A pF ns
O
C
C
M axi um For ar Volage atI =10m A m wd t F M axi um Leakage C urent m r atV R =20V atV R =75V T atV R =20V , J= 150 O C M axi um C apaciance ( ot 1) m t Ne M axi um R ever e R ecover Ti e ( ot 2) m s ym Ne M axi um Ther alR esi t nce m m sa Juncton Tem per t r and S t r ge Tem per t r R ange i aue oa aue
I R
CJ TRR RJA TJ, S T
C /W
O
C
NOTE: 1. CJ at VR=0, f=1MHZ 2. From IF=10mA to IR=1mA, VR=6Volts, RL=100 STAD-JUN.02.2004 PAGE . 1
RATING AND CHARACTERISTIC CURVES
A
10
2
I
v=tp / T T=1/fp tp IFRM T t
IFRM 10
1
V=0 V=0.1 10
0
V=0.2 V=0.3
10 -5 10
-1
10
-4
10
-3
10
-2
10
-1
10
0
10
1
S
tp
Fig.1 ADMISSIBLE REPETITIVE PEAK FORWARD CURRENT VERSUS PULSE DURATION
10
4
10
3
FORWARD RESISTANCE, W
T J =25 C f=1KHz 10
3
O
FORWARD CURRENT, mA
10
2
10
1
10
2
10
0
10
1
10
-1
10 -2 10
0
10
-2
10
-1
10
0
10
1
10
2
0
1 FORWARD VOLTAGE, VOLTS
2
FORWARD CURRENT, mA
Fig.2-DYNAMIC FORWARD RESISTANCE VERSUS FORWARD CURRENT
Fig.3 FORWARD CHARACTERISTICS
POWER DISSIPATION, mW
1.1
500
T J =25 C f=1KHz
O
300
CAPACITANCE, pF
100 200
1.0
0.9
0.8
100
0.7
0
AMBIENT TEMPERATURE
0
2
4
6
8
1.0
REVERSE VOLTAGE, VOLTS
Fig.4 DERATING CURVE
Fig.5 TYPICAL JUNCTION CAPACITANCE
STAD-JUN.02.2004
PAGE . 2


▲Up To Search▲   

 
Price & Availability of 1N4148-35

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X