|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Bulletin PD-20891 rev. A 10/06 16CTU04PBF Ultrafast Rectifier Features * * * * * Ultrafast Recovery Time Low Forward Voltage Drop Low Leakage Current 175C Operating Junction Temperature Lead-Free ("PbF" suffix) trr = 60ns IF(AV) = 16Amp VR = 400V Description/ Applications International Rectifier's FRED.. series are the state of the art Ultra fast recovery rectifiers specifically designed with optimized performance of forward voltage drop and ultra fast recovery time. The planar structure and the platinum doped life time control, guarantee the best overall performance, ruggedness and reliability characteristics. These devices are intended for use in the output rectification stage of SMPS, UPS, DC-DC converters as well as free-wheeling diode in low voltage inverters and chopper motor drives. Their extremely optimized stored charge and low recovery current minimize the switching losses and reduce over dissipation in the switching element and snubbers. Absolute Maximum Ratings Parameters VRRM IF(AV) IFSM IFRM TJ, TSTG Peak Repetitive Peak Reverse Voltage Average Rectified Forward Current Total Device, (Rated V R), TC = 155C Non Repetitive Peak Surge Current, TC = 25C Peak Repetitive Forward Current (Rated VR, Square wave, 20KHz), TC = 155C Operating Junction and Storage Temperatures - 65 to 175 C Per Leg Total Device Max 400 8 16 100 16 Units V A Case Styles Base Common Cathode 2 1 Anode 2 Common Cathode 3 Anode TO-220 www.irf.com 1 16CTU04PBF Bulletin PD-20891 rev. A 10/06 Electrical Characteristics @ TJ = 25C, Per Leg (unless otherwise specified) Parameters VBR, Vr VF Breakdown Voltage, Blocking Voltage Forward Voltage Min Typ Max Units Test Conditions 400 1.19 0.94 0.2 20 14 8.0 1.3 1.0 10 500 V V V A A pF nH IR = 100A IF = 8A IF = 8A, TJ = 150C VR = VR Rated TJ = 150C, VR = VR Rated VR = 400V Measured lead to lead 5mm from package body IR Reverse Leakage Current - CT LS Junction Capacitance Series Inductance - Dynamic Recovery Characteristics @ TJ = 25C, Per Leg (unless otherwise specified) Parameters trr Reverse Recovery Time Min Typ Max Units Test Conditions 35 43 67 60 ns IF = 1.0A, diF/dt = 50A/A, VR = 30V TJ = 25C TJ = 125C 210 nC A TJ = 25C TJ = 125C TJ = 25C TJ = 125C IF = 8A VR = 200V diF /dt = 200A/s IRRM Peak Recovery Current - 2.8 6.3 60 - Qrr Reverse Recovery Charge - Thermal - Mechanical Characteristics Parameters TJ TStg RthJC RthJA RthCS Wt Max. Junction Temperature Range max. Storage Temperature Range Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient Thermal Resistance, Case to Heatsink Weight Min - 65 - Typ 1.8 0.5 2.0 0.07 - Max 175 175 2 50 12 10 Units C C/W g (oz) Kg-cm lbf.in Mounting Torque 6.0 5.0 Marking Device Typical Socket Mount Mounting Surface, Flat, Smooth and Greased 16CTU04 2 www.irf.com 16CTU04PBF Bulletin PD-20891 rev. A 10/06 100 1000 100 Reverse Current - I R (A) Tj = 175C Tj = 150C Tj = 125C 10 1 Tj = 100C 0.1 0.01 0.001 0 100 Tj = 25C Instantaneous Forward Current - I F (A) 10 0.0001 T J = 175C T = 150C J J 200 300 400 Reverse Voltage - VR (V) Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage T = 25C 1000 Junction Capacitance - C T (pF) T = 25C J 1 100 0.1 0 0.5 1 1.5 2 2.5 Forward Voltage Drop - VFM (V) Fig. 1 - Typical Forward Voltage Drop Characteristics 10 0 100 200 300 400 Reverse Voltage - VR (V) Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage 10 (C/W) thJC Thermal Impedance Z 1 0.1 D = 0.50 D = 0.20 D = 0.10 D = 0.05 D = 0.02 D = 0.01 Single Pulse (Thermal Resistance) Notes: PDM t1 t2 1. Duty factor D = t1/ t2 2. Peak Tj = Pdm x ZthJC+ Tc 0.01 0.00001 0.0001 0.001 0.01 0.1 1 t1, Rectangular Pulse Duration (Seconds) Fig. 4 - Max. Thermal Impedance Z thJC Characteristics www.irf.com 3 16CTU04PBF Bulletin PD-20891 rev. A 10/06 180 Allowable Case Temperature (C) Average Power Loss ( Watts ) 14 12 10 8 6 4 2 0 0 2 4 6 8 D = 0.01 D = 0.02 D = 0.05 D = 0.1 D = 0.2 D = 0.5 DC RMS Limit 170 DC 160 150 Square wave (D = 0.50) 140 Rated Vr applied see note (3) 130 0 2 4 6 8 10 12 Average Forward Current - IF(AV) (A) Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current 10 12 Average Forward Current - IF(AV) (A) Fig. 6 - Forward Power Loss Characteristics 90 80 70 trr ( ns ) 500 450 If = 16A If = 8A Vr = 200V Tj = 125C Tj = 25C 400 350 Qrr ( nC ) If = 16A If = 8A 60 50 40 30 20 100 di F /dt (A/s ) Fig. 7 - Typical Reverse Recovery vs. di F /dt Vr = 200V Tj = 125C Tj = 25C 300 250 200 150 100 50 1000 0 100 di F /dt (A/s ) 1000 Fig. 8 - Typical Stored Charge vs. di F /dt (3) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x V FM @ (IF(AV) / D) (see Fig. 6); PdREV = Inverse Power Loss = VR1 x IR (1 - D); I R @ VR1 = rated VR 4 www.irf.com 16CTU04PBF Bulletin PD-20891 rev. A 10/06 Reverse Recovery Circuit VR = 200V 0.01 L = 70H D.U.T. di F /dt dif/dt ADJUST D G IRFP250 S Fig. 9- Reverse Recovery Parameter Test Circuit 3 IF 0 t rr ta tb 4 2 Q rr I RRM 0.5 I RRM di(rec)M/dt 0.75 I RRM 5 1 /dt di fF/dt 4. Qrr - Area under curve defined by t rr and IRRM t rr x I RRM Q rr = 2 5. di (rec) M / dt - Peak rate of change of current during t b portion of t rr 1. diF/dt - Rate of change of current through zero crossing 2. IRRM - Peak reverse recovery current 3. trr - Reverse recovery time measured from zero crossing point of negative going IF to point where a line passing through 0.75 IRRM and 0.50 I RRM extrapolated to zero current Fig. 10 - Reverse Recovery Waveform and Definitions www.irf.com 5 16CTU04PBF Bulletin PD-20891 rev. A 10/06 Outline Table Conform to JEDEC outline TO-220AB Part Marking Information IRXC Assembly Line EXAMPLE: THIS IS A 16CTU04 LOT CODE 1789 ASSEMBLED ON WW 19, 2001 IN THE ASSEMBLY LINE "C" PART NUMBER INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE DATE CODE P = LEAD-FREE YEAR 1 = 2001 WEEK 19 LINE C IRMX Assembly Line EXAMPLE: THIS IS A 16CTU04 LOT CODE 1789 ASSEMBLED ON WW 19, 2001 INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE PART NUMBER DATE CODE YEAR 1 = 2001 WEEK 19 P = LEAD-FREE 6 www.irf.com 16CTU04PBF Bulletin PD-20891 rev. A 10/06 Ordering Information Table Device Code 16 1 C 2 T 3 U 4 04 PbF 5 6 1 2 3 4 5 6 - Current Rating (16 = 16A) Circuit Configuration C = Common Cathode Package T = TO-220 Ultrafast recovery Voltage Rating (04 = 400A) none = Standard Production PbF = Lead-Free Tube Standard Pack Quantity : 50 pieces Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level and Lead-Free. Qualification Standards can be found on IR's Web site. IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 10/06 www.irf.com 7 16CTU04PBF Bulletin PD-20891 rev. A 10/06 Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level. Qualification Standards can be found on IR's Web site. IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 11/01 8 www.irf.com |
Price & Availability of 16CTU04PBF |