Part Number Hot Search : 
7716A LBA120 LTC1416 ET393 IRF9335 T1608 C4306 1SMB58
Product Description
Full Text Search
 

To Download 110CNQ045ASMPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-21000 01/05
110CNQ045APbF 110CNQ045ASMPBF
SCHOTTKY RECTIFIER New GenIII D-61 Package
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM IFSM @ tp = 5 s sine VF TJ @ 55 Apk, TJ = 125 C (per leg) range
110 Amp
Description/ Features
Values
110 45 5400 0.5
Units
A V A V
The center tap Schottky rectifier module has been optimized for very low forward voltage drop, with moderate leakage. The proprietary barrier technology allows for reliable operation up to 150 C junction temperature. Typical applications are in switching power supplies, converters, free-wheeling diodes, and reverse battery protection. 150 C TJ operation Center tap module Very low forward voltage drop High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance High frequency operation Guard ring for enhanced ruggedness and long term reliability Low profile, small footprint, high current package
- 55 to 150
C
New fully transfer-mold low profile, small footprint, high current package
Through-hole versions are currently available for use in Lead-Free applications ("PbF" suffix)
Case Styles
110CNQ045APbF 110CNQ045ASMPBF
D61-8 www.irf.com
D61-8-SM 1
110CNQ045APbF, 110CNQ045ASMPBF
Bulletin PD-21000 01/05
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
110CNQ045A..
45
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current IFSM EAS IAR * See Fig. 5 Per Leg Per Device
110CNQ Units
55 110 5400 800 54 8 A mJ A A
Conditions
50% duty cycle @ TC = 125 C, rectangular wave form 5s Sine or 3s Rect. pulse Following any rated load condition and with 10ms Sine or 6ms Rect. pulse rated VRRM applied T J = 25 C, IAS = 8 Amps, L = 1.7 mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. VA = 1.5 x VR typical
Max. Peak One Cycle Non-Repetitive Surge Current (Per Leg) * See Fig. 7 Non-Repetitive Avalanche Energy (Per Leg) Repetitive Avalanche Current (Per Leg)
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (Per Leg) * See Fig. 1 (1)
110CNQ Units
0.54 0.7 0.5 0.69 3 350 3800 5.5 10000 V V V V mA mA pF nH V/ s @ 55A @ 110A @ 55A @ 110A
Conditions
TJ = 25 C TJ = 125 C VR = rated VR
IRM CT LS
Max. Reverse Leakage Current (Per Leg) * See Fig. 2 (1) Max. Junction Capacitance (Per Leg) Typical Series Inductance (Per Leg)
TJ = 25 C TJ = 125 C
VR = 5VDC (test signal range 100Khz to 1Mhz) 25C Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change (Rated VR)
(1) Pulse Width < 300s, Duty Cycle <2%
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range
110CNQ Units
-55 to 150 -55 to 150 0.5 0.25 0.30 C C
Conditions
RthJC Max. Thermal Resistance Junction to Case (Per Leg) RthJC Max. Thermal Resistance Junction to Case (Per Package) RthCS Typical Thermal Resistance, Case to Heatsink (D61-8 Only) wt T Approximate Weight Mounting Torque (D61-8 Only) Min. Max.
C/W DC operation C/W DC operation
* See Fig. 4
C/W Mounting surface , smooth and greased Device flatness < 5 mils Kg-cm (Ibf-in)
7.8 (0.28) g (oz.) 40 (35) 58 (50)
2
www.irf.com
110CNQ045APbF, 110CNQ045ASMPBF
Bulletin PD-21000 01/05
1000
1000
Tj = 150C
Reverse Current - I R (mA)
100 10 1 0.1 0.01
0 5
125C 100C 75C 50C
25C
Instantaneous Forward Current - I F (A)
100
10 15 20 25 30 35 40 45
Reverse Voltage - VR (V)
Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage (Per Leg)
10000
10
Junction Capacitance - C T (p F)
Tj = 25C
T = 150C J T = 125C J T = 25C J
1 0 0.5 1 1.5 2
Forward Voltage Drop - VFM (V) Fig. 1 - Max. Forward Voltage Drop Characteristics (Per Leg)
1000 0 5 10 15 20 25 30 35 40 45
Reverse Voltage - VR (V) Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage (Per Leg)
1
D = 0.75 D = 0.50 D = 0.33 D = 0.25 D = 0.20 Single Pulse (Thermal Resistance)
(C/W)
thJC
0.1
Thermal Impedance - Z
PDM
t1 t2
0.01
Notes: 1. Duty factor D = t 1 / t 2 2. Peak Tj = Pdm x ZthJC + Tc
0.001 0.00001
0.0001
0.001
0.01
0.1
1
10
t1 , Rectangular Pulse Duration (Seconds) Fig. 4 - Max. Thermal Impedance ZthJC Characteristics (Per Leg)
www.irf.com
3
110CNQ045APbF, 110CNQ045ASMPBF
Bulletin PD-21000 01/05
150
Allowable Case Temperature (C)
50
DC
Average Power Loss (Watts)
140 130 120
40 30
D = 0.75 D = 0.50 D = 0.33 D = 0.25 D = 0.20 RMS Limit DC
Square wave (D = 0.50) 80% Rated Vr applied
20 10 0 0 10 20 30 40 50 60 70 80
Average Forward Current - I F(AV) (A) Fig. 6 - Forward Power Loss Characteristics (Per Leg)
110 see note (2) 100 0 10 20 30 40 50 60 70 80 90
Average Forward Current - IF(AV) (A) Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current (Per Leg)
Non-Repetitive Surge Current - I FSM (A)
10000
1000
At Any Rated Load Condition And With Rated Vrrm Applied Following Surge
100 10 100 1000 10000 Square Wave Pulse Duration - tp (microsec)
Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg)
L HIGH-SPEED SWITCH FREE-WHEEL DIODE 40HFL40S02 Vd = 25 Volt
DUT
IRFP460 Rg = 25 ohm
+
CURRENT MONITOR
Fig. 8 - Unclamped Inductive Test Circuit
(2) Formula used: TC = T J - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); PdREV = Inverse Power Loss = VR1 x IR (1 - D); I R @ VR1 = 80% rated VR
4
www.irf.com
110CNQ045APbF, 110CNQ045ASMPBF
Bulletin PD-21000 01/05
Outline Table
Outline D61-8
Dimensions are in millimeters and (inches)
Outline D61-8-SM
Dimensions are in millimeters and (inches)
www.irf.com
5
110CNQ045APbF, 110CNQ045ASMPBF
Bulletin PD-21000 01/05
Marking Information
Outline D61-8
INTERNATIONAL RECTIFIER LOGO THIS IS A 110CNQ045A WITH LOT CODE 89 09 ASSEMBLED ON WW 45, 2000 PART NUMBER
110CNQ045A 89 09 045P DATE CODE YEAR 0 = 2000 WEEK 45 P = LEAD-FREE
ASSEMBLY LOT CODE
Outline D61-8-SM
INTERNATIONAL RECTIFIER LOGO
PART NUMBER
THIS IS A 110CNQ045ASM WITH LOT CODE 89 09 ASSEMBLED ON WW 45, 2000
110CNQ045ASM 89 09 045P DATE CODE YEAR 0 = 2000 WEEK 45 P = LEAD-FREE
ASSEMBLY LOT CODE
6
www.irf.com
110CNQ045APbF, 110CNQ045ASMPBF
Bulletin PD-21000 01/05
Ordering Information Table
Device Code
110
1
C
2
N
3
Q
4
045
5
A
6
PbF
7
1 2 3 4 5 6 7
-
Current Rating (110 = 110A) Circuit Configuration C = Common Cathode Package N = D-61 Schottky "Q" Series Voltage Rating (045 = 45V) A = D-61-8 package style ASM = D-61-8-SM package style none = Standard Production PbF = Lead-Free Standard pack quantity: A = 10 pieces
ASM = 20 pieces
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level and Lead-Free. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 01/05
www.irf.com
7


▲Up To Search▲   

 
Price & Availability of 110CNQ045ASMPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X